Part Number Hot Search : 
LB381 TDA9332 TCD1252 C2000 TDA9332 SC320 2SD1499 PL16Z
Product Description
Full Text Search
 

To Download IRF5NJ9540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94038A
HEXFET(R) POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ9540 100V, P-CHANNEL
Product Summary
Part Number
IRF5NJ9540 BVDSS
-100V
RDS(on) 0.117
ID -18A
Fifth Generation HEXFET(R) power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon unit area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. These devices are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high-energy pulse circuits.
SMD-0.5
Features:
n n n n n n n n
Low RDS(on) Avalanche Energy Ratings Dynamic dv/dt Rating Simple Drive Requirements Ease of Paralleling Hermetically Sealed Surface Mount Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = -10V, TC = 25C ID @ VGS = -10V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Package Mounting Surface Temperature Weight -18 -11 -72 75 0.6 20 260 -11 7.5 4.1 -55 to 150 300 (for 5 s) 1.0 (Typical)
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
For footnotes refer to the last page
www.irf.com
1
7/13/01
IRF5NJ9540
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter Min Typ Max Units
V V/C V S( ) A
Test Conditions
VGS = 0V, ID = -250A Reference to 25C, ID = -1.0mA VGS = 10V, ID = -11A VDS = VGS, ID = -250A VDS = -50V, IDS = -11A VDS = -100V ,VGS=0V VDS = -80V, VGS = 0V, TJ =125C VGS = -20V VGS = 20V VGS =-10V, ID = -11A VDS = -80V VDD = -50V, ID = -11A, VGS =-10V, RG = 5.1
BVDSS Drain-to-Source Breakdown Voltage -100 -- -- BV DSS/T J Temperature Coefficient of Breakdown -- -0.104 -- Voltage RDS(on) Static Drain-to-Source On-State -- -- 0.117 Resistance VGS(th) Gate Threshold Voltage -2.0 -- -4.0 gfs Forward Transconductance 5.0 -- -- IDSS Zero Gate Voltage Drain Current -- -- -25 -- -- -250 IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 -100 100 109 19 53 29 135 87 84 --
nA nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = -25V f = 1.0MHz
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
1340 428 246
-- -- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- -18 -72 -1.6 220 1200
Test Conditions
A
V ns nC Tj = 25C, IS = -11A, VGS = 0V Tj = 25C, IF = -11A, di/dt -100A/s VDD -50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC Junction-to-Case
Min Typ Max Units
-- -- 1.67
C/W
Test Conditions
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
IRF5NJ9540
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
100
10
VGS -15V -10V -8.0V -7.0V -6.0V -5.5V -5.0V BOTTOM -4.5V TOP
-4.5V
1
1
-4.5V
0.1 0.1
20s PULSE WIDTH T = 25 C
J 1 10 100
0.1 0.1
20s PULSE WIDTH T = 150 C
J 1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
-I D , Drain-to-Source Current (A)
TJ = 25 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
TJ = 150 C
10
ID = -18A
2.0
1.5
1.0
1
0.5
0.1 4 6 8
15
V DS = -25V 20s PULSE WIDTH 10 12 14
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF5NJ9540
3000
2500
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = -11A
16
C, Capacitance (pF)
VDS = -80V VDS = -50V VDS = -20V
2000
Ciss
1500
12
1000
C oss C rss
8
500
4
0 1 10 100
0 0 20 40
FOR TEST CIRCUIT SEE FIGURE 13
60 80 100 120
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
TJ = 150 C
-ISD , Reverse Drain Current (A)
-I D, Drain-to-Source Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
10
100
TJ = 25 C
1
10 Tc = 25C Tj = 150C Single Pulse 1 1 10
1ms 10ms
100 1000
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2 1.4 1.6
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF5NJ9540
20
V DS VGS
15
RD
-ID , Drain Current (A)
D.U.T.
+
10
VGS
Pulse Width 1 s Duty Factor 0.1 %
5
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS
0 25 50 75 100 125 150
10%
TC , Case Temperature ( C)
90%
Fig 9. Maximum Drain Current Vs. Case Temperature
VDS
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05
0.1
0.02 0.01
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 0.001 0.01 1
PDM t1 t2
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
-
RG
V DD
5
IRF5NJ9540
600
VDS
L
EAS , Single Pulse Avalanche Energy (mJ)
500
RG
D .U .T
IA S
V DD VD D A D R IV E R
ID -5.0A -7.0A BOTTOM -11A TOP
VGS -20V
tp
400
0.0 1
300
15V
200
Fig 12a. Unclamped Inductive Test Circuit
IAS
100
0 25 50 75 100 125 150
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V (BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
-12V 12V
.2F .3F
-10V
QGS VG QGD
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRF5NJ9540
Footnotes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = -25 V, Starting TJ = 25C, L= 4.3mH Peak IAS = -11A, VGS = -10 V, RG= 25
ISD -11A, di/dt -360 A/s, Pulse width 300 s; Duty Cycle 2%
VDD -100V, TJ 150C
Case Outline and Dimensions -- SMD-0.5
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 07/01
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRF5NJ9540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X