Part Number Hot Search : 
12016 CM5008CW KBPC3506 ECG008 2MBI1200 MUN5135 AVD015F MUN5135
Product Description
Full Text Search
 

To Download IN74HC139A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC139A
Dual 1-of-4 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The IN74HC139A is identical in pinout to the LS/ALS139. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device consists of two independent 1-of-4 decoders, each of which decodes a two-bit Address to one-of-four active-low outputs. Active-low Selects are provided to facilitate the demultiplexing and cascading functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output, and utilizing the Select as a data input. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION IN74HC139AN Plastic IN74HC139AD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs Select PIN 16 =VCC PIN 8 = GND H L L L L A1 X L L H H A0 X L H L H Y0 H L H H H Outputs Y1 H H L H H Y2 H H H L H Y3 H H H H L
X = don't care
151
IN74HC139A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
152
IN74HC139A
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 4.0 85 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 40 125 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 160 A A V Unit
VIH
Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0A
153
IN74HC139A
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 115 23 20 115 23 20 75 15 13 10 85C 125C Unit
tPLH, tPHL
Maximum Propagation Delay, Select to OutputY (Figures 1 and 3) Maximum Propagation Delay , Input A to OutputY (Figures 2 and 3) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance Power Dissipation Capacitance (Per Decoder)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
145 29 25 145 29 25 95 19 16 10
175 35 30 175 35 30 110 22 19 10
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
Typical @25C,VCC=5.0 V 55 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
154
IN74HC139A
Figure 3. Test Circuit
EXPANDED LOGIC DIAGRAM
(1/2 of Device)
155


▲Up To Search▲   

 
Price & Availability of IN74HC139A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X