Part Number Hot Search : 
TK15402M SL5232 2DSBA MAX207E 06031 SCH1343 M67759 43650
Product Description
Full Text Search
 

To Download IDTQS3VH16244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
FEATURES: DESCRIPTION:
IDTQS3VH16244 PRELIMINARY
* N channel FET switches with no parasitic diode to Vcc - Isolation under power-off conditions - No DC path to Vcc or GND - 5V tolerant in OFF and ON state * 5V tolerant I/Os * Low RON - 4 typical * Flat RON characteristics over operating range * Rail-to-rail switching 0 - 5V * Bidirectional dataflow with near-zero delay: no added ground bounce * Excellent RON matching between channels * Vcc operation: 2.3V to 3.6V * High bandwidth - up to 500 MHz * LVTTL-compatible control Inputs * Undershoot Clamp Diodes on all switch and control Inputs * Low I/O capacitance, 4pF typical * Available in SSOP and TSSOP packages
The QS3VH16244 HotSwitch is a 16-bit high band bus switch. The QS3VH16244 has very low ON resistance, resulting in under 250ps propagation delay through the switch. The switches can be turned ON under the control of the LVTTL-compatible xG signal for bidirectional data flow with no added delay or ground bounce. In the OFF and ON states, the switches are 5V-tolerant. In the OFF state, the switches offer very high impedance at the terminals. The combination of near-zero propagation delay, high OFF impedance, and over-voltage tolerance makes the QS3VH16244 ideal for high performance communications applications. The QS3VH16244 is characterized for operation from -40C to +85C.
APPLICATIONS:
* * * * *
Hot-swapping 10/100 Base-T, Ethernet LAN switch Low distortion analog switch Replaces mechanical relay ATM 25/155 switching
FUNCTIONAL BLOCK DIAGRAM
1G 2G
1A1 1A2 1A3
1Y1 1Y2 1Y3
2A1 2A2 2A3
2Y1 2Y2 2Y3
1A4
1Y4
2A4
2Y4
3G
4G
3A1 3A2 3A3
3Y1 3Y2 3Y3
4A1 4A2 4A3
4Y1 4Y2 4Y3
3A4
3Y4
4A4
4Y4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2001 Integrated Device Technology, Inc.
MARCH 2002
DSC-5877/3
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1G
1Y1 1Y2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current (max. current/pin) Storage Temperature Max. - 0.5 to 4.6 - 0.5 to 5.5 - 0.5 to 5.5 -3 120 -65 to +150 Unit V V V V mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
2G
1A1 1A2
VTERM(3) VTERM(3) VAC IOUT TSTG
GND
1Y3 1Y4
GND
1A3 1A4
C
VCC
2Y1 2Y2
VCC
2A1 2A2
GND
2Y3 2Y4 3Y1 3Y2
GND
2A3 2A4 3A1 3A2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
CAPACITANCE
Symbol CIN CI/O CI/O Parameter(1) Control Inputs
(TA = +25 C, f = 1MHz, VIN = 0V, VOUT = 0V) Typ. 3 4 8 Max. 5 6 12 Unit pF pF pF
o
Quickswitch Channels (Switch OFF) Quickswitch Channels (Switch ON)
GND
3Y3 3Y4
GND
3A3 3A4
NOTE: 1. This parameter is guaranteed but not production tested.
VCC
4Y1 4Y2
VCC
4A1 4A2
PIN DESCRIPTION
Pin Names xG xAx xYx Output Enable Data I/Os Data I/Os Description
GND
4Y3 4Y4
GND
4A3 4A4
4G
3G
SSOP/ TSSOP TOP VIEW
FUNCTION TABLE(1)
xG H
L NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
Outputs Disconnected xAx = xYx
2
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V
Symbol VIH VIL IIN IOZ IOFF RON Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Data Input/Output Power Off Leakage Switch ON Resistance Test Conditions Guaranteed Logic HIGH for Control Inputs Guaranteed Logic HIGH for Control Inputs VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V Min. 1.7 2 -- -- -- -- -- ION = 30mA ION = 15mA ION = 30mA ION = 15mA -- -- -- -- Typ.(1) -- -- -- -- -- -- -- 6 7 4 5 Max. -- -- 0.7 0.8 1 1 1 8 9 6 8 A A A V Unit V
VCC 0V VOUT 5V, Switches OFF
VIN or VOUT 0V to 5V, VCC = 0V VCC = 2.3V VCC = 3V VIN = 0V VIN = 0V VIN = 2.4V (Typ. at VCC = 2.5V) VIN = 1.7V
0V VIN
NOTE: 1. Typical values are at VCC = 3.3V and TA = 25C, unless otherwise noted.
TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V
16
RON
(ohms)
14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VIN
(Volts)
3
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current
(2,3)
Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3V, f = 0 per Control Input VCC = 3.3V, A and Y Pins Open, Control Inputs Toggling @ 50% Duty Cycle per Input HIGH
Min. -- --
Typ. 1.5 --
Max. 3 30
Unit mA A
Dynamic Power Supply Current(4)
See Typical ICCD vs Enable Frequency graph below
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per input driven at the specified level. A and Y pins do not contribute to Icc. 3. This parameter is guaranteed but not tested. 4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and Y inputs do not contribute to the Dynamic Power Supply Current. This parameter is guaranteed but not production tested.
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20
ICCD (mA)
ENABLE FREQUENCY (MHZ)
4
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C
VCC = 2.5 0.2V (1) Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ fxG Parameter Data Propagation Delay(2,3) xAx to/from xYx Switch Turn-On Delay xG to xAx/xYx Switch Turn-Off Delay xG to xAx/xYx Operating Frequency - xG (2,5) Min. (4) 1.5 1.5
Max.
VCC = 3.3 0.3V (1) Min. (4) 1.5 1.5
Max.
Unit ns ns ns MHz
0.2 8 7.5 10
0.2 8 7.5 20
NOTES: 1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4. Minimums are guaranteed but not production tested. 5. Maximum toggle frequency for xG control input (pass voltage > VCC, VIN = 5V, RLOAD > 1M, no CLOAD).
5
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
SOME APPLICATIONS FOR HOTSWITCH PRODUCTS
0 to +5V NFET 0 to +5V
Vcc = 3.3V
CHARGE PUMP
+6.5V
OE
DRIVER SINGLE HOT SWITCH
Rail-to-Rail Switching
PHY 4.5VPP 3VH SWITCH
LOGIC SIDE 4.5VPP
Z = 100
10Mbps to 100Mbps >100m TWISTED PAIR
Z = 100
LOGIC SIDE 2VPP
Fast Ethernet Data Switching (LAN Switch)
PLUGGABLE CARD/ LIVE SYSTEM CONNECTOR
ZERO DOWN TIME SYSTEM QS3VHXXX
CARD I/O
ON CARD LOGIC
CPU
CONNECTOR
QS3VHXXX
CARD I/O
ON CARD LOGIC
RAM
Hot Swapping 6
BUS
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V 0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V 0.2V 2 x Vcc Vcc VCC/2 150 150 30 Unit V V V mV mV pF
tPLH OPPOSITE PHASE INPUT TRANSITIO N tPHL SAM E PHAS E INPUT TRANSITION tPLH OUTPUT tPHL VIH VT 0V VOH VT VOL VIH VT 0V
Propagation Delay
VLOAD ENABLE Open 500 Pulse G enerator
(1, 2)
VCC
DISABLE
GND
CONTROL INPUT tPZL OUTPUT SW ITCH NORMALLY CLOSED LOW tPZH OUTPUT SW ITCH NO RM ALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ
VIH VT 0V VLOAD/2 V OL V OL VOH V OH 0V
+
VIN D.U.T.
VOUT
V LZ
RT
500 CL
-V H Z
Test Circuits for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH
tPD
Switch VLOAD GND Open
7
IDTQS3VH16244 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package
PV PA
Shrink Small Outline IC Thin Shrink Small Outline Package
3VH16244
2.5V / 3.3V 16-Bit High Bandwidth Bus Switch
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
8


▲Up To Search▲   

 
Price & Availability of IDTQS3VH16244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X