Part Number Hot Search : 
MGF4918 1040CT SP236A 06006 MCSO1ELS T113016 MB89475 BD6225
Product Description
Full Text Search
 

To Download IDT74FCT16827CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS 20-BIT BUFFER
IDT74FCT16827AT/CT
FEATURES:
* * * * * * * *
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) VCC = 5V 10% High drive outputs (-32mA IOH, 64mA IOL) Power off disable outputs permit "live insertion" Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25C * Available in SSOP and TSSOP packages
DESCRIPTION:
The FCT16827T 20-bit buffer is built using advanced dual metal CMOS technology. These 20-bit bus drivers provide high-performance bus interface buffering for wide data/address paths or buses carrying parity. Two pair of NAND-ed output enable controls offer maximum control flexibility and are organized to operate the device as two 10-bit buffers or one 20-bit buffer. Flowthrough organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT16827T is ideally suited for driving high capacitance loads and low impedance backplanes. The output buffers are designed with power off disable capability to allow "live insertion" of boards when used as backplane drivers.
FUNCTIONAL BLOCK DIAGRAM
1 1O E 1 56 1O E2 2O E 2 2O E1
28 29
55 1A 1
2 1Y 1 2A 1
42
15 2Y 1
TO NINE OTHER CHANNELS
TO NINE OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
JUNE 2002
DSC-5439/1
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OE1 1Y1 1Y2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1OE2 1A1 1A2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM(2) VTERM(3) TSTG IOUT
GND
1Y3 1Y4
GND
1A3 1A4
VCC
1Y5 1Y6 1Y7
VCC
1A5 1A6 1A7
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Outputs and I/O terminals for FCT162XXX.
GND
1Y8 1Y9 1Y10 2Y1 2Y2 2Y3
GND
1A8 1A9 1A10 2A1 2A2 2A3
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
GND
2Y4 2Y5 2Y6
GND
2A4 2A5 2A6
PIN DESCRIPTION
Pin Names xOEx xAx xYx Data Inputs 3-State Outputs Description Output Enable Inputs (Active LOW)
VCC
2Y7 2Y8
VCC
2A7 2A8
GND
2Y9 2Y10 2OE1
GND
2A9 2A10 2OE2
FUNCTION TABLE(1)
Inputs xOE1 L L H X
NOTE: 1. H = HIGH voltage level L = LOW voltage level X = Don't care Z = High-Impedance
SSOP/ TSSOP TOP VIEW
Outputs xAx L H X X xYx L H Z Z
xOE2 L L X H
2
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IO VOH Parameter Output Drive Current Output HIGH Voltage VCC = Max., VO = VCC = Min. VIN = VIH or VIL VOL IOFF Output LOW Voltage Input/Output Power Off Leakage(5) VCC = Min. VIN = VIH or VIL VCC = 0V, VIN or VO 4.5V -- -- 1 A
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. This test limit for this parameter is 5A at TA = -55C.
Test Conditions(1) 2.5V(3) IOH = -3mA IOH = -15mA IOH = -32mA(4) IOL = 64mA
Min. -50 2.5 2.4 2 --
Typ.(2) -- 3.5 3.5 3 0.2
Max. -180 -- -- -- 0.55
Unit mA V V
3
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE1 = xOE2 = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle xOE1 = xOE2 = GND One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle xOE1 = xOE2 = GND Twenty Bits Toggling VIN = VCC VIN = GND Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
0.6
1.5
mA
--
0.9
2.3
--
3
5.5(5) 20.5(5)
--
8
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
74FCT16827AT Symbol tPLH tPHL Parameter Propagation Delay xAx to xYx Condition(1) CL = 50pF RL = 500 CL = 300pF(3) RL = 500 CL = 50pF RL = 500 CL = 300pF(3) RL = 500 tPZH tPZL Output Disable Time xOEx to xYx CL = 5pF(3) RL = 500 CL = 50pF RL = 500 Min.(2) 1.5 1.5 1.5 1.5 1.5 1.5 -- Max. 8 15 12 23 9 10 0.5 Min.(2) 1.5 1.5 1.5 1.5 1.5 1.5 -- 74FCT16827CT Max. 3.7 7 4.8 9 4 4 0.5 ns ns ns Unit ns
tPZH tPZL
Output Enable Time xOEx to xYx
tSK(o)
Output Skew(4)
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This limit is guaranteed but not tested. 4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
5
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Outputs
DATA INPUT tSU TIM ING INPUT ASYNCHRONOUS CONTROL PRES ET CLEA R ETC. SYNCHRONOUS CONTROL PRES ET CLEA R CLOCK ENABLE ETC. tREM
tH
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORM ALLY LOW SW ITCH CLOSED tPZH OUTPUT NORM ALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT16827AT/CT FAST CMOS 20-BIT BUFFER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package
PV PA 827AT 827CT
Shrink Small Outline Package Thin Shrink Small Outline Package 20-Bit Buffer
16
Double-Density, 5 Volt, High Drive
74
- 40C to +85C
DATA SHEET DOCUMENT HISTORY 5/21/2002 Removed TVSOP package 6/21/2002 Updated as per PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT16827CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X