|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE 3.3V CMOS 20-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD * 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in SSOP, TSSOP, and TVSOP packages IDT74ALVCH16821 FEATURES: DESCRIPTION: This high speed, 20-bit bus-interface flip-flop is built using advanced CMOS technology. The ALVCH16821 device can be used as two 10-bit flip-flops or one 20-bit flip-flop. On the positive transition of the clock (CLK) input, the device provides true data at the Q outputs. A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (high or low logic levels) or a high-impedance state. In the high impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without the need for interface or pullup components. OE input does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. The ALVCH16821 has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. The ALVCH16821 has "bus-hold" which retains the inputs' last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistor. DRIVE FEATURES: * High Output Drivers: 24mA * Suitable for heavy loads APPLICATIONS: * 3.3V high speed systems * 3.3V and lower voltage computing systems FUNCTIONAL BLOCK DIAGRAM 1OE 1 2OE 28 1CLK 56 2CLK 29 C1 1D1 55 1D 2 C1 1Q1 2D1 42 1D 15 2Q1 One of 10 Channels One of 10 Channels TO NINE OTHER CHANNELS TO NINE OTHER CHANNELS The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 (c) 1999 Integrated Device Technology, Inc. APRIL 1999 DSC-4547/1 IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS(1) Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100 VTERM(3) TSTG IOUT IIK IOK ICC ISS Unit V V C mA mA mA mA 1OE 1Q1 1Q2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1CLK 1D1 1D2 GND 1Q3 1Q4 GND 1D3 1D4 VCC 1Q5 1Q6 1Q7 VCC 1D5 1D6 1D7 GND 1Q8 1Q9 1Q10 2Q1 2Q2 2Q3 GND 1D8 1D9 1D10 2D1 2D2 2D3 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC. CAPACITANCE (TA = +25C, F = 1.0MHz) Symbol CIN COUT COUT Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF NOTE: 1. As applicable to the device type. GND 2Q4 2Q5 2Q6 GND 2D4 2D5 2D6 PIN DESCRIPTION Pin Names xDx xCLK xQx xOE Data Inputs(1) Clock Input 3-State Outputs 3-State Output Enable Inputs (Active LOW) Description VCC 2Q7 2Q8 VCC 2D7 2D8 GND 2Q9 2Q10 2OE GND 2D9 2D10 2CLK NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os. FUNCTION TABLE (EACH 10-BIT FLIP-FLOP)(1) Inputs Output Dx H L X X xQx H L Q0(2) Z xOE L L L H xCLK H or L X SSOP/ TSSOP/ TVSOP TOP VIEW NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High Impedance = LOW-to-HIGH transition 2. Output level before the indicated steady-state input conditions were established. 2 IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V Quiescent Power Supply Current Variation -- -- 750 A NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient. BUS-HOLD CHARACTERISTICS Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient. Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V Min. - 75 75 - 45 45 -- Typ.(2) -- -- -- -- -- Max. -- -- -- -- 500 Unit A A A 3 IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE OUTPUT DRIVE CHARACTERISTICS Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C. OPERATING CHARACTERISTICS, TA = 25C VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance per Flip Flop Outputs enabled Power Dissipation Capacitance per Flip Flop Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical 36 22 VCC = 3.3V 0.3V Typical 40 24 Unit pF SWITCHING CHARACTERISTICS(1) VCC = 2.5V 0.2V Symbol fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ tW tSU tH tSK(O) Propagation Delay xCLK to xQx Output Enable Time xOE to xQx Output Disable Time xOE to xQx Pulse Duration, xCLK HIGH or LOW Set-up Time, data before CLK Hold Time, data after CLK Output Skew(2) 3.3 4.4 0 -- -- -- -- -- 3.3 3.9 0 -- -- -- -- -- 3.3 3.4 0 -- -- -- -- 500 ns ns ns ps 1 5.7 -- 5 1 4.6 ns 1 6.6 -- 6.2 1 5.1 ns Parameter Min. 150 1 Max. -- 5.8 VCC = 2.7V Min. 150 -- Max. -- 5.3 VCC = 3.3V 0.3V Min. 150 1 Max. -- 4.5 Unit MHz ns NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2 Skew between any two outputs of the same package and switching in the same direction. 4 IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50 6 2.7 1.5 300 300 50 VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL VIH VT 0V VOH VT VOL VIH VT 0V ALVC Link Propagation Delay VCC 500 Pulse Generator (1, 2) VLOAD Open GND CONTROL INPUT ENABLE DISABLE VIN D.U.T. RT VOUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ VIH VT 0V VLOAD/2 VLZ VOL VOH VHZ 0V ALVC Link 500 CL ALVC Link Test Circuit for All Outputs DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns. NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. Enable and Disable Times SWITCH POSITION Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL tSU tH tREM tSU tH VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V ALVC Link INPUT tPLH1 tPHL1 VIH VT 0V VOH VT VOL VOH VT VOL Set-up, Hold, and Release Times OUTPUT 1 LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE VT tSK (x) tSK (x) OUTPUT 2 tPLH2 tPHL2 VT ALVC Link Pulse Width ALVC Link tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1 Output Skew - tSK(X) NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank. 5 IDT74ALVCH16821 3.3V CMOS 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION ALVC X IDT XX Bus-Hold Temp. Range XX Family XX XXX Device Type Package PV PA PF 821 16 H 74 Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package 20-Bit Bus-Interface Flip-Flop with 3-State Outputs Double-Density, 24mA Bus-Hold -40C to +85C CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 6 |
Price & Availability of IDT74ALVCH16821 |