|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD * 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in SSOP, TSSOP, and TVSOP packages IDT74ALVCH16409 FEATURES: DESCRIPTION: DRIVE FEATURES: * High Output Drivers: 24mA * Suitable for heavy loads APPLICATIONS: * 3.3V high speed systems * 3.3V and lower voltage computing systems This 9-bit, 4-port universal bus exchanger is built using advanced dual metal CMOS technology. The ALVCH16409 allows synchronous data exchange between four different buses. Data flow is controlled by the select (SEL0-SEL4) inputs. A data-flow state is stored on the rising edge of the clock (CLK) input if the select-enable (SELEN) input is low. Once a data-flow state has been established, data is stored in the flip-flop on the rising edge of CLK if SELEN is high. The data-flow control logic is designed to allow glitch-free data transmission. When preset (PRE) transitions high, the outputs are disabled immediately without waiting for a clock pulse. To leave the high-impedance state, both PRE and SELEN must be low and a clock pulse must be applied. The ALVCH16409 has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. The ALVCH16409 has "bus-hold" which retains the inputs' last state whenever the input bus goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors. FUNCTIONAL BLOCK DIAGRAM C LK SELEN SEL0 SEL1 56 1 PRE SEL2 SEL3 SEL4 55 28 2 Flow and Storage Control 29 27 30 3 2A x 1A x 1B x 2A x 2Bx 2B x 1Ax 3 1Ax CLK D 2A 1 15 1Bx 2Bx 3 CLK D 54 1B1 CLK D 1A 1 3 3 1A x 2A x 1B x 1B x CLK D 42 2B x 2B1 2Ax One of 9 Channels The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 (c) 1999 Integrated Device Technology, Inc. OCTOBER 1999 DSC-4572/1 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 ABSOLUTE MAXIMUM RATINGS(1) Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100 VTERM(3) TSTG IOUT IIK IOK ICC ISS Unit V V C mA mA mA mA PRE SEL0 1A1 CLK SELEN 1B1 GND 1A2 1A3 GND 1B2 1B3 VCC 1A4 1A5 1A6 VCC 1B4 1B5 1B6 GND 1A7 1A8 1A9 2A1 2A2 2A3 GND 1B7 1B8 1B9 2B1 2B2 2B3 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC. CAPACITANCE (TA = +25C, F = 1.0MHz) Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF GND 2A4 2A5 2A6 GND 2B4 2B5 2B6 NOTE: 1. As applicable to the device type. PIN DESCRIPTION Pin Names PRE SELEN SEL0 - SEL4 CLK xAx xBx Description Preset Input (Active LOW) Select Enable Input (Active LOW) Select Inputs Clock Input A-to-B Data Inputs or B-to-A 3-State Outputs(1) B-to-A Data Inputs or A-to-B 3-State Outputs(1) VCC 2A7 2A8 VCC 2B7 2B8 GND 2A9 GND 2B9 SEL1 SEL2 SEL4 SEL3 NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os. FUNCTION TABLE(1) SSOP/ TSSOP/ TVSOP TOP VIEW Inputs CLK H L Send Port L H X X Output Receive Port L H B(2) B(2) NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW-to-HIGH Transition 2. Output level before the indicated steady-state input conditions were established. 2 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE DATA FLOW CONTROL Inputs PRE H L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L SELEN X H L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L CLK X SEL0 X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 SEL1 X X 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 SEL2 X X 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 SEL3 X X 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 SEL4 X X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 All outputs disabled No change None, all I/Os off Not used Not used Not used Not used Not used Not used Not used 2A to 1A and 1B to 2B 2A to 1A 2B to 1B 2A to 1A and 2B to 1B 1A to 2A and 1B to 2B 1A to 2A 1B to 2B 1A to 2A and 2B to 1B 1A to 1B and 2B to 2A 1A to 1B 2A to 2B 1A to 1B and 2A to 2B 1B to 1A and 2A to 2B 1B to 1A 2B to 2A 1B to 1A and 2B to 2A 2B to 1A and 2A to 1B 1B to 2A 2B to 1A 2B to 1A and 1B to 2A 1A to 2B and 1B to 2A 1A to 2B 2A to 1B 1A to 2B and 2A to 1B Data Flow 3 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V Quiescent Power Supply Current Variation -- -- 750 A NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient. BUS-HOLD CHARACTERISTICS Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient. Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V Min. - 75 75 - 45 45 -- Typ.(2) -- -- -- -- -- Max. -- -- -- -- 500 Unit A A A 4 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE OUTPUT DRIVE CHARACTERISTICS Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C. OPERATING CHARACTERISTICS, TA = 25C VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical -- -- VCC = 3.3V 0.3V Typical 60 60 Unit pF 5 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE SWITCHING CHARACTERISTICS(1) VCC = 2.5V 0.2V Symbol fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ tPHZ tPLZ tSU tSU tSU tSU tH tH tH tW tSK(o) Propagation Delay CLK to xAx or xBx Output Enable Time CLK to xAx or xBx Output Disable Time CLK to xAx or xBx Output Disable Time PRE to xAx or xBx Set-up Time, HIGH or LOW, xAx or xBx before CLK Set-up Time, HIGH or LOW, SEL before CLK Set-up Time, HIGH or LOW, SELEN before CLK Set-up Time, HIGH or LOW, PRE before CLK Hold Time, HIGH or LOW, xAx or xBx after CLK Hold Time, HIGH or LOW, SEL after CLK Hold Time, HIGH or LOW, SELEN after CLK Pulse Duration, CLK HIGH or LOW Output Skew(2) 1.9 5.1 2.5 1 0.8 0 0.5 4.2 -- -- -- -- -- -- -- -- -- -- 1.9 4.2 2.5 1 0.8 0 0.5 4.2 -- -- -- -- -- -- -- -- -- -- 1.4 3.5 1.8 0.7 1 0 0.8 3 -- -- -- -- -- -- -- -- -- 500 ns ns ns ns ns ns ns ns ps 2.8 7.5 -- 6.5 2.5 6.1 ns 2.3 7.1 -- 6 2 5.7 ns 2.4 6.9 -- 6.3 2 5.7 ns Parameter Min. 120 1.5 Max. -- 6 VCC = 2.7V Min. 120 -- Max. -- 5.7 VCC = 3.3V 0.3V Min. 120 1.5 Max. -- 5.1 Unit MHz ns NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2 Skew between any two outputs of the same package and switching in the same direction. TIMING DIAGRAM CLK t SU SELEN th t SU SEL th t disC LK Send Port tSU th tpd CLK Receive Port ten CLK 6 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE VIH VT 0V VOH VT VOL VIH VT 0V ALVC Link TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50 VCC 500 Pulse Generator (1, 2) SAME PHASE INPUT TRANSITION VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF VLOAD Open GND tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL 6 2.7 1.5 300 300 50 tPHL Propagation Delay ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VLZ VOL VOH VHZ 0V ALVC Link VIN D.U.T. VOUT RT 500 CL ALVC Link Test Circuit for All Outputs DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns. SWITCH POSITION Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open VIH INPUT VT 0V VOH OUTPUT 1 VT VOL VOH OUTPUT 2 tPLH2 tPHL2 ALVC Link NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. VIH DATA VT INPUT 0V tSU tH VIH TIMING VT INPUT 0V tREM VIH ASYNCHRONOUS VT CONTROL 0V VIH SYNCHRONOUS VT CONTROL tSU 0V tH ALVC Link Enable and Disable Times Set-up, Hold, and Release Times tPLH1 tPHL1 LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE VT tSK (x) tSK (x) VT VOL VT ALVC Link Pulse Width tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1 Output Skew - tSK(X) NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank. 7 IDT74ALVCH16409 3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDT ALVC X XX Bus-Hold Temp. Range XX Family XX XXX Device Type Package PV PA PF 409 R16 H 74 Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package 9-Bit, 4-Port Universal Bus Exchanger with 3-State Outputs Double-Density, 12mA Bus-Hold -40C to +85C CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 8 |
Price & Availability of IDT74ALVCH16409 |