Part Number Hot Search : 
EP18278 TVSF0805 FN4809 A3810 10V8X1 10100C PCF85 2SC4357
Product Description
Full Text Search
 

To Download HER308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER301 THRU HER308
HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
DO-201AD
FEATURES
* The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 * Low power loss, high efficiency * Low leakage * Low forward voltage drop * High current capability * High speed switching * High current surge * High reliability
0.210(5.3) 0.190(4.8) DIA.
0.375(9.5) 0.285(7.2)
1.0(25.4) MIN.
1.0(25.4) MIN.
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.04 ounes , 1.12 grams
0.052(1.3) 0.048(1.2) DIA.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308 UNITS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=50 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0 A Maximum Full Load Reverse Current Full Cycle average, 0.375" (9.5mm) lead length at TL=55 C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Operating junction and storage temperature range
o o o
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
3.0
IFSM VF IR(AV) 1.0
200 1.3 150
150 1.7
Amps Volts uA
TA=25 C
o
IR trr CJ TJ,TSTG 50 70
10 75 50 -65 to +150
uA nS pF
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES HER301 THRU HER308
FIG.1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 3.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
50 NONINDUCTIVE 10 NONINDUCTIVE trr
FIG.2 - FORWARD CURRENT DERATING CURVE
2.5 2.0 1.5 1.0 0.5
0.375" (9.5mm) LEAD LENGTH
+0.5A (-)
PULSE GENERATOR ( NOTE 2 )
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc ( approx ) (-)
D.U.T.
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE ( NOTE 1 )
(+) -1.0A
NOTES : 1. Rise Time = 7ns max. Input Impedance= 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance= 50 ohms.
SET TIME BASE FOR 10/20 ns/cm
0 0 25 50 75 100 125
o
150
175
AMBIENT TEMPERATURE, C FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
03
FIG.4 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 250
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1~ HE R3 08
1~ HE R3
5
8
200
4~ HE R3 0
HE R3 0
1.00
150
HE R3 0
HE R3 0
HE R3 0
HE R3 0
6~
HE R3 0
6~ HE R3
05
100
TJ = 25 C
o
0.10
50
0 1
PULSE WIDTH=300uS 1% DUTY CYCLE
10 NUMBER OF CYCLES AT 60Hz
100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS 1000 JUNCTION CAPACITANCE, pF
FIG.6 - TYPICAL JUNCTION CAPACITANCE
200 100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10
TJ = 25 C
o
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
100
TJ = 150 C
o
10
TJ = 100 C
o
1.0
TJ = 25 C
o
HER301~HER305 HER306~HER308
20
40
100
0.1
REVERSE VOLTAGE, VOLTS
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of HER308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X