![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS GBL005 - GBL10 4.0A GLASS PASSIVATED BRIDGE RECTIFIER Features ! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A H B E + ~ ~ GBL Dim Min Max A 19.6 20.6 B 10.7 11.2 C 3.8 4.7 D 15.7 17.3 E 1.65 2.4 G 1.65 2.0 H 3.17 x 45 J 0.90 1.14 K 1.14 1.52 L 0.38 0.51 P 4.8 5.3 All Dimensions in mm J G P P P D Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 2.0 grams (approx.) Mounting Position: Any Marking: Type Number C K L Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. GBL 005 50 35 @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 50C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR RJA RJC Tj, TSTG GBL 01 100 70 GBL 02 200 140 GBL 04 400 280 4.0 150 1.0 10 1.0 22 3.5 -55 to +150 GBL 06 600 420 GBL 08 800 560 GBL 10 1000 700 Unit V V A A V A mA C/W C/W C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per bridge) Peak Reverse Current At Rated DC Blocking Voltage @IF = 4.0A @TA = 25C @TC = 150C Typical Thermal Resistance (per leg) (Note 1) Typical Thermal Resistance (per leg) (Note 2) Operating and Storage Temperature Range Note: 1. Thermal resistance junction to ambient, mounted on 7.5 x 7.5 x 0.3cm thick AL plate. 2. Thermal resistance junction to case, mounted on PCB at 9.5mm lead length. GBL005 - GBL10 1 of 3 (c) 2002 Won-Top Electronics 5 20 IF, INSTANTANEOUS FWD CURRENT (A) IO, AVERAGE OUTPUT CURRENT (A) 10 Tj = 25C Pulse Width = 300 s 2% Duty Cycle 4 3 1.0 2 0.1 1 Single Phase Half Wave 60 Hz Resistive or Inductive Load 0 20 40 60 80 100 120 140 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve IFSM, PEAK FORWARD SURGE CURRENT (A) IR, INSTANTANEOUS REVERSE CURRENT (A) 250 10 200 TC = 100C 1.0 150 100 0.1 50 8.3ms Single Half Sine-Wave JEDEC Method TA = 25C 0 1 10 NUMBER OF CYCLES AT 60 Hz 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element 100 Fig. 3 Max Non-Repetitive Peak Fwd Surge Current GBL005 - GBL10 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. GBL005 GBL01 GBL02 GBL04 GBL06 GBL08 GBL10 Package Type SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge Shipping Quantity 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box 500 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics GBL005 - GBL10 3 of 3 |
Price & Availability of GBL08
![]() |