Part Number Hot Search : 
EL1526IL 05EVAL 2SC334 MA3F752A D1FJ4 S3C72M5 9767AST 74C32N
Product Description
Full Text Search
 

To Download FRS9140H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRS9140D, FRS9140R, FRS9140H
June 1998
11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
Package
TO-257AA
Features
* 11A, -100V, RDS(on) = 0.315 * Second Generation Rad Hard MOSFET Results From New Design Concepts * Gamma Meets Pre-Rad Specifications to 100KRAD(Si) Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si) Performance Permits Limited Use to 3000KRAD(Si) Survives 3E9RAD(Si)/sec at 80% BVDSS Typically Survives 2E12 Typically If Current Limited to IDM 3.0nA Per-RAD(Si)/sec Typically Pre-RAD Specifications for 3E13 Neutrons/cm2 Usable to 3E14 Neutrons/cm2
* Gamma Dot * Photo Current * Neutron
S G D
Description
Intersil has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25m. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting. This MOSFET is an enhancement-mode silicon-gate power field effect transistor of the vertical DMOS (VDMOS) structure. It is specially designed and processed to exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no) exposures. Design and processing efforts are also directed to enhance survival to heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure. This part may be supplied as a die or in various packages other than shown above. Reliability screening is available as either non TX (commercial), TX equivalent of MIL-S-19500, TXV equivalent of MIL-S-19500, or space equivalent of MIL-S-19500. Contact the Intersil Corporation High-Reliability Marketing group for any desired deviations from the data sheet.
CAUTION: Beryllia Warning per MIL-S-19500 refer to package specifications.
Symbol
D
G
S
Absolute Maximum Ratings
(TC = +25oC) Unless Otherwise Specified FRS9140D, R, H -100 -100 11 7 33 20 75 30 0.60 33 11 33 -55 to +150 300 UNITS V V A A A V W W W/oC A A A oC
oC
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain-Gate Voltage (RGS = 20k). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Maximum Power Dissipation TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT Derated Above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Inductive Current, Clamped, L = 100H, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . . . . . ILM Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM Operating And Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJC, TSTG Lead Temperature (During Soldering) Distance > 0.063 in. (1.6mm) From Case, 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
File Number
3264.2
4-1
FRS9140D, FRS9140R, FRS9140H
Pre-Radiation Electrical Specifications
TC = +25oC, Unless Otherwise Specified LIMITS PARAMETER Drain-Source Breakdown Volts Gate-Threshold Volts Gate-body Leakage Forward Gate-Body Leakage Reverse Zero-Gate Voltage Drain Current Rated Avalanche Current Drain-Source On-State Volts Drain-source On Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate-Charge Threshold Gate-Charge On State Gate-Charge Total Plateau Voltage Gate-Charge Source Gate-Charge Drain Diode Forward Voltage Reverse Recovery Time Junction-To-Case Junction-To-Ambient SYMBOL BVDSS VGS(th) IGSSF IGSSR IDSS1 IDSS2 IDSS3 IAR VDS(on) RDS(on) td(on) tr td(off) tf QG(th) QG(on) QGM VGP QGS QGD VSD TT Rjc Rja Free Air Operation ID = 11A, VGD = 0 I = 11A; di/dt = 100A/s VDD = -50V, ID = 11A IGS1 = IGS2 0 VGS 20 TEST CONDITIONS VGS = 0, ID = 1mA VDS = VGS, ID = 1mA VGS = -20V VGS = +20V VDS = -100V, VGS = 0 VDS = -80V, VGS = 0 VDS = -80V, VGS = 0, TC = +125oC Time = 20s VGS = -10V, ID = 11A VGS = -10V, ID = 7A VDD = -50V, ID = 11A Pulse Width = 3s Period = 300s, Rg = 25 0 VGS 10 (See Test Circuit) MIN -100 -2.0 2 27 55 -3 6 10 -0.6 MAX -4.0 100 100 1 0.025 0.25 33 -3.64 .315 70 456 ns 148 100 8 108 222 -14 28 nc 42 -1.8 300 1.67 60 V ns
oC/W
UNITS V V nA nA mA A V
nc
V
ELECTRONIC SWITCH OPENS WHEN IAS IS REACHED VDD VDS L RL VDS 0V DUT + CURRENT I TRANSFORMER AS
-
VARY tP TO OBTAIN REQUIRED PEAK IAS 0V tP
50
+
DUT 50
VDD
VGS = -12V
RGS VGS 20V
50V-150V
FIGURE 1. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 2. UNCLAMPED ENERGY TEST CIRCUIT
4-2
FRS9140D, FRS9140R, FRS9140H
Post-Radiation Electrical Specifications
TC = +25oC, Unless Otherwise Specified LIMITS PARAMETER Drain-Source Breakdown Volts (Note 4, 6) (Note 5, 6) Gate-Source Threshold Volts (Note 4, 6) (Note 3, 5, 6) Gate-Body Leakage Forward (Note 4, 6) (Note 5, 6) Gate-Body Leakage Reverse (Note 2, 4, 6) (Note 2, 5, 6) Zero-Gate Voltage Drain Current (Note 4, 6) (Note 5, 6) Drain-Source On-state Volts (Note 1, 4, 6) (Note 1, 5, 6) Drain-Source On Resistance (Note 1, 4, 6) (Note 1, 5, 6) NOTES: 1. Pulse test, 300s max 2. Absolute value 3. Gamma = 300KRAD(Si) 4. Gamma = 10KRAD(Si) for "D", 100KRAD(Si) for "R". Neutron = 3E13 5. Gamma = 1000KRAD(Si). Neutron = 3E13 6. Insitu Gamma bias must be sampled for both VGS = -10V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS 7. Gamma data taken 5/19/90 on TA17741 devices by GE ASTRO SPACE; EMC/SURVIVABILITY LABORATORY; KING OF PRUSSIA, PA 19401 8. Single event drain burnout testing by Titus, J.L., et al of NWSC, Crane, IN at Brookhaven Nat. Lab. Dec 11-14, 1989 9. Neutron derivation, INTERSIL Application note AN-8831, Oct. 1988 SYMBOL BVDSS BVDSS VGS(th) VGS(th) IGSSF IGSSF IGSSR IGSSR IDSS IDSS VDS(on) VDS(on) RDS(on) RDS(on) TYPE FRS9140D, R FRS9140H FRS9140D, R FRS9140H FRS9140D, R FRS9140H FRS9140D, R FRS9140H FRS9140D, R FRS9140H FRS9140D, R FRS9140H FRS9140D, R FRS9140H TEST CONDITIONS VGS = 0, ID = 1mA VGS = 0, ID = 1mA VGS = VDS, ID = 1mA VGS = VDS, ID = 1mA VGS = -20V, VDS = 0 VGS = -20V, VDS = 0 VGS = +20V, VDS = 0 VGS = +20V, VDS = 0 VGS = 0, VDS = -80V VGS = 0, VDS = -80V VGS = -10V, ID = 11A VGS = -16V, ID = 11A VGS = -10V, ID = 7A VGS = -14V, ID = 7A MIN -100 -95 -2.0 -2.0 MAX -4.0 -6.0 100 200 100 200 25 100 -3.64 -5.46 .315 .473 UNITS V V V V nA nA nA nA A A V V
4-3
FRS9140D, FRS9140R, FRS9140H Typical Performance Characteristics
4-4
FRS9140D, FRS9140R, FRS9140H Rad Hard Data Packages - Intersil Power Transistors
TXV Equivalent 1. Rad Hard TXV Equivalent - Standard Data Package A. Certificate of Compliance B. Assembly Flow Chart C. Preconditioning - Attributes Data Sheet D. Group A E. Group B F. Group C G. Group D - Attributes Data Sheet - Attributes Data Sheet - Attributes Data Sheet - Attributes Data Sheet E. Preconditioning Attributes Data Sheet Hi-Rel Lot Traveler HTRB - Hi Temp Gate Stress Post Reverse Bias Data and Delta Data HTRB - Hi Temp Drain Stress Post Reverse Bias Delta Data F. Group A G. Group B H. Group C I. Group D - Attributes Data Sheet - Attributes Data Sheet - Attributes Data Sheet - Attributes Data Sheet
2. Rad Hard TXV Equivalent - Optional Data Package A. Certificate of Compliance B. Assembly Flow Chart C. Preconditioning - Attributes Data Sheet - Precondition Lot Traveler - Pre and Post Burn-In Read and Record Data D. Group A E. Group B - Attributes Data Sheet - Group A Lot Traveler - Attributes Data Sheet - Group B Lot Traveler - Pre and Post Read and Record Data for Intermittent Operating Life (Subgroup B3) - Bond Strength Data (Subgroup B3) - Pre and Post High Temperature Operating Life Read and Record Data (Subgroup B6) - Attributes Data Sheet - Group C Lot Traveler - Pre and Post Read and Record Data for Intermittent Operating Life (Subgroup C6) - Bond Strength Data (Subgroup C6) - Attributes Data Sheet - Group D Lot Traveler - Pre and Post RAD Read and Record Data
2. Rad Hard Max. "S" Equivalent - Optional Data Package A. Certificate of Compliance B. Serialization Records C. Assembly Flow Chart D. SEM Photos and Report E. Preconditioning - Attributes Data Sheet - Hi-Rel Lot Traveler - HTRB - Hi Temp Gate Stress Post Reverse Bias Data and Delta Data - HTRB - Hi Temp Drain Stress Post Reverse Bias Delta Data - X-Ray and X-Ray Report F. Group A - Attributes Data Sheet - Hi-Rel Lot Traveler - Subgroups A2, A3, A4, A5 and A7 Data - Attributes Data Sheet - Hi-Rel Lot Traveler - Subgroups B1, B3, B4, B5 and B6 Data - Attributes Data Sheet - Hi-Rel Lot Traveler - Subgroups C1, C2, C3 and C6 Data - Attributes Data Sheet - Hi-Rel Lot Traveler - Pre and Post Radiation Data
G. Group B
F. Group C
H. Group C
G. Group D
I. Group D
Class S - Equivalents 1. Rad Hard "S" Equivalent - Standard Data Package A. Certificate of Compliance B. Serialization Records C. Assembly Flow Chart D. SEM Photos and Report
4-5
FRS9140D, FRS9140R, FRS9140H TO-257AA
3 LEAD JEDEC TO-257AA HERMETIC METAL PACKAGE
A E Q H1 OP A1
INCHES SYMBOL A A1 Ob Ob1 D E e MIN 0.190 0.035 0.025 0.060 0.645 0.410 MAX 0.200 0.045 0.035 0.090 0.665 0.420
MILLIMETERS MIN 4.83 0.89 0.64 1.53 16.39 10.42 MAX 5.08 1.14 0.88 2.28 16.89 10.66 NOTES 2, 3 4 4 4 -
D
0.100 TYP 0.200 BSC 0.230 0.110 0.600 0.140 0.113 0.250 0.130 0.650 0.035 0.150 0.133
2.54 TYP 5.08 BSC 5.85 2.80 15.24 3.56 2.88 6.35 3.30 16.51 0.88 3.81 3.37
L1 L
0.065 R TYP.
Ob1
e1 H1 J1
b
L L1
1
2
3 J1
OP Q
e e1
NOTES: 1. These dimensions are within allowable dimensions of Rev. B of JEDEC TO-257AA dated 9-88. 2. Add typically 0.002 inches (0.05mm) for solder coating. 3. Lead dimension (without solder). 4. Position of lead to be measured 0.150 inches (3.81mm) from bottom of dimension D. 5. Die to base BeO isolated, terminals to case ceramic isolated. 6. Controlling dimension: Inch. 7. Revision 1 dated 1-93.
WARNING!
BERYLLIA WARNING PER MIL-S-19500
Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its' compounds.
4-6


▲Up To Search▲   

 
Price & Availability of FRS9140H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X