Part Number Hot Search : 
LTC35 50014 HVC40R PT20F S1874IP FSAM50 2029L100 2SC438
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR201G THRU FR207G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 2.0 Ampere
Fast switching speed for high efficiency Glass passivated chip junction Low reverse leakage High forward surge current capacity High temperature soldering guaranteed: 260 /10 seconds, 0.375" (9.5mm) lead length
MECHANICAL DATA
* * * * * *
Case: transfer molded plastic Epoxy: UL94V - 0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: any Weight: 0.014 ounce, 0.39 gram
DO-15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.375" (9.5mm) lead length At TC = 55OC Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 OC TA = 125 OC
VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJA TJ TSTG
FR FR FR FR FR FR FR 201G 202G 203G 204G 205G 206G 207G 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000 2.0 70 1.3 5.0 500 150 20 40 (-65 to +175) (-65 to +175) 250 500
UNIT
Volts Volts Volts Amps Amps Volts A nS pF
O
Maximum Reverse Recovery Time Test conditions IF = 0.5A, IR = 1.0A, IRR = 0.25A Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
C/W O C O C
Notes:
1. Thermal resistance from junction to ambient with 0.375" (9.5mm) lead length, PCB mounted
Sep-03, Rev A
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES FR201G THRU FR201G
Sep-03, Rev A
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X