Part Number Hot Search : 
BD9882 10020 SB144 48S05 06400 P29045 C1514 SB144
Product Description
Full Text Search
 

To Download DTTI5516-BRICK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
DTTi5516
Single module demodulator and decoder IC for digital video set-top boxes
DATA BRIEF
Description
. The DTTi5516 is an integrated demodulator/ decoder solution for digital terrestrial receivers for compressed video, sound and data services. A COFDM (coded orthogonal frequency division multiplex) demodulator performs IF to MPEG-2 block processing of OFDM carriers. The demodulated stream is then processed by video and audio decoders using standard Omega technology. The DTTi5516 provides a cost-effective solution for a digital video set-top boxes using a 2-layer PCBs and single device. It also has lower power requirements than separate demodulator and decoder ICs. The DTTi5516 contains all of the most commonly used descramblers, and thus allows a single platform to be developed to cover the entire mainstream set-top box market. Integrated demodulator/decoder solution for digital terrestrial set-top box and TV receivers
SDRAM (optional) SDRAM
Flash
IR Tx/Rx
Tuner
DTTi5516
RGB
CVBS/YC VCR
RS232
March 2004
1/2
DTTi5516
Features
Enhanced ST20 32-bit VL-RISC CPU
On-chip peripherals

180 MHz, 8 Kbyte instruction cache, 8 Kbyte data cache and 8 Kbyte SRAM 121 MHz shared memory interface,16-bit wide SDRAM interface, 64 and 128 Mbit support SRAM, SDRAM, SFlash support Integrated DES-ECB, DVB and ICAM descramblers Support for low cost DVB-CI interface Greater than 2x decoding speed Trick modes including smooth fast-forward and rewind Fully programmable horizontal and vertical SRCs 5 display planes 2, 4 and 8 bpp CLUT graphics, 256 x 30 bits (AYCbCr) CLUT entries RGB16 support MPEG-1 layers I/II decoding (MP3 option) Dolby(R) Digital 5.1 decoding downmixed to 2-channels Dolby Pro Logic(R) compatible output PCM mixing and sample rate conversion SRS/TruSurround(R) virtual surround sound
Memory interfaces
Programmable transport interfaces (PTI)

MPEG2 MP@ML video decoder

5 ASCs (UARTs) with Tx and Rx FIFOs 6 x 8-bit banks of parallel I/O 2 smartcard interfaces and clock generators 2 SSCs for IC master/slave interface 4 PWM channels Teletext serializer and DMA module Multi-channel infrared transmitter/receiver Modem analog front-end interface IEEE1284 interface Low-power / RTC / watchdog controller Single frequency network (SFN) compatible Adjacent channel interference canceller (ACI) Excellent static and dynamic (Doppler) performance Automatic guard interval and mode detection Accepts 6, 7 and 8 MHz channel bandwidths Lock indicators and general-purpose I/O pins Supports 2K, 8K modes Supports QPSK, 16, 64 QAM constellations 1/4, 1/8, 1/16, 1/32 guard intervals Supports hierarchical and non-hierarchical modes
DVB-T decoding and NorDig II compliant

Graphics/display

Audio subsystem

Ordering information
Salestype
STi5516-DVB DTTI5516-BRICK DTTi5516xWC
Description
Reference software drivers Development platform IC reference
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics Group of Companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com
2/2


▲Up To Search▲   

 
Price & Availability of DTTI5516-BRICK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X