Part Number Hot Search : 
01303 APT7F80K A1182 UNRF1A1 SLA4390 R7200809 MICONDUC 58010
Product Description
Full Text Search
 

To Download DM74150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74150 Data Selectors/Multiplexers
September 1986 Revised June 2001
DM74150 Data Selectors/Multiplexers
General Description
These data selectors/multiplexers contain full on-chip decoding to select the desired data source. The DM74150 selects one-of-sixteen data sources. The DM74150 has a strobe input which must be at a LOW logic level to enable these devices. A HIGH level at the strobe forces the W output HIGH and the Y output (as applicable) LOW. The DM74150 features an inverted (W) output only.
Features
s 150 selects one-of-sixteen data lines s Performs parallel-to-serial conversion s Permits multiplexing from N lines to one line s Also for use as Boolean function generator s Typical average propagation delay time, data input to W output: 11 ns s Typical power dissipation: 200 mW
Ordering Code:
Order Number DM74150N Package Number N24A Package Description 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600" Wide
Connection Diagram
Function Table
Inputs Select D X L L L L L L L L H H H H H H H H C X L L L L H H H H L L L L H H H H B X L L H H L L H H L L H H L L H H A X L H L H L H L H L H L H L H L H Strobe S H L L L L L L L L L L L L L L L L H E0 E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 E11 E12 E13 E14 E15 Outputs W
H = HIGH Level L = LOW Level X = Don't Care E0, E1 ...E15 = the complement of the level of the respective E input
(c) 2001 Fairchild Semiconductor Corporation
DS006546
www.fairchildsemi.com
DM74150
Logic Diagram
www.fairchildsemi.com
2
DM74150
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 5.5V 0C to +70C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
-65C to +150C
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Parameter Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Min 4.75 2 0.8 Nom 5 Max 5.25 Units V V V mA mA
-0.8
16 70
C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL II IIH IIL IOS ICC Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current Conditions VCC = Min, II = -12 mA VCC = Min, IOH = Max VIL = Max, VIH = Min VCC = Min, IOL = Max VIH = Min, VIL = Max VCC = Max, VI = 5.5V VCC = Max, VI = 2.4V VCC = Max, VI = 0.4V VCC = Max (Note 3) VCC = Max (Note 4) -18 40 2.4 0.4 1 40 -1.6 -55 68 Min Typ (Note 2) Max -1.5 Units V V V mA A mA mA mA
Note 2: All typicals are at VCC = 5V, TA = 25C. Note 3: Not more than one output should be shorted at a time. Note 4: ICC is measured with the strobe and data select inputs at 4.5V, all other inputs and outputs OPEN.
Switching Characteristics
at VCC = 5V and TA = 25C From (Input) Symbol tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output E0-E15 to W E0-E15 to W Strobe to W Strobe to W Select to W To (Output) Select to W RL = 400, CL = 15 pF Min Max 35 33 24 30 20 14 Units ns ns ns ns ns ns
3
www.fairchildsemi.com
DM74150 Data Selectors/Multiplexers
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600" Wide Package Number N24A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 4 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X