Part Number Hot Search : 
CHGAAM SMDJ17CA MIB31TA 1A336 PM517D 5590KFKE 73171 SMLJ11A
Product Description
Full Text Search
 

To Download DB152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB151
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
THRU
DB157
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Ampere
DB-1
+
FEATURES
* Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * High surge current capability * Polarity: marked on body * Mounting position: Any * Weight: 1.0 grams
.255(6.5) .245(6.2)
~ ~
.350(8.9) .300(7.6) .365(9.3) .355(9.0) .135(3.4) .115(2.9)
.020 (0.5)
.165(4.2) .155(3.9)
.060 1.5
.205(5.2) .195(5.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=40 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=125 C
DB151 DB152 DB153 DB154 DB155 DB156 DB157 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.1 10 -65 -65 500 +125 +150 600 420 600 800 560 800 1000 700 1000 V V V A A V mA mA C C
RATING AND CHARACTERISTIC CURVES (DB151 THRU DB157)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.8 1.5 1.2 0.9 0.6 0.3 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (mA)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of DB152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X