Part Number Hot Search : 
E470M PG106RS TFS35A TFS35A T2907A WM9701A GM0465R KDV147
Product Description
Full Text Search
 

To Download BSS81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS79, BSS81
NPN Silicon Switching Transistors High DC current gain: 0.1mA to 500 mA Low collector-emitter saturation voltage Complementary types: BSS80, BSS82 (PNP)
3
Maximum Ratings Parameter Collector-emitter voltage
Collector-base voltage Emitter-base voltage DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 77 C Junction temperature Storage temperature
Thermal Resistance Junction - soldering point 1) RthJS

2 1
VPS05161
Type BSS79B BSS79C BSS81B BSS81C
Marking CEs CFs CDs CGs 1=B 1=B 1=B 1=B
Pin Configuration 2=E 2=E 2=E 2=E 3=C 3=C 3=C 3=C
Package SOT23 SOT23 SOT23 SOT23
Symbol VCEO
VCBO VEBO IC ICM IB IBM Ptot Tj Tstg
BSS79 40
75 6 800 1 100 200 330 150
BSS81 35
Unit V
V mA A mA mW C
-65 ... 150
220
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Nov-30-2001
BSS79, BSS81
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 60 V, IE = 0 Collector cutoff current VCB = 60 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 3 V, IC = 0 DC current gain 1) IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 10 V IC = 500 mA, VCE = 10 V hFE IEBO ICBO ICBO V(BR)EBO V(BR)CEO typ. max.
Unit
V 40 35 10 10 10 nA A nA 20 35 25 50 35 75 40 100 25 40 120 300 V 0.3 1.3 1.2 2.0
BSS79 BSS81
V(BR)CBO
75 6 -
BSS79/81B BSS79/81C BSS79/81B BSS79/81C BSS79/81B BSS79/81C BSS79/81B BSS79/81C BSS79/81B BSS79/82C
Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage 1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA
1) Pulse test: t =300s, D = 2%
VCEsat
VBEsat
-
2
Nov-30-2001
BSS79, BSS81
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. AC Characteristics Transition frequency IC = 20 mA, VCE = 20 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Delay time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V Rise time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V Storage time VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA Fall time VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA tf 60 tstg 250 tr 25 td 10 ns Ccb 6 pF fT 250 MHz typ. max.
Unit
Test circuits Delay and rise time
30 V 200 Osc. 9.9 V 0 619 0.5 V
Storage and fall time
30 V ~100 s < 5 ns 16.2 V 0 -13.8 V ~ 500 s
EHN00045
200 Osc. 1 k
-3.0 V
EHN00046
Oscillograph: R > 100k C < 12pF tr < 5ns
3
Nov-30-2001
BSS79, BSS81
Total power dissipation Ptot = f(TS)
Collector-base capacitance CCB = f (VCB) f = 1MHz
10 2 pF C cb 5
BSS 79/81 EHP00672
360
mW
300 270
P tot
240 210 180 150 120 90 60 30 0 0 15 30 45 60 75 90 105 120
10 1
5
C 150 TS
10 0 10 -1
5
10 0
5
10 1
V V CB
5
10 2
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
BSS 79/81 EHP00673
Transition frequency fT = f (IC) VCE = 20V
10 3 MHz
T
BSS 79/81 EHP00674
tp D= T
tp
fT
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2 10 2
5
2 10 0 10 -6 10 1 10 0
10
-5
10
-4
10
-3
10
-2
s tp
10
0
5
10 1
5
10 2 mA 5
10 3
C
4
Nov-30-2001
BSS79, BSS81
Saturation voltage IC = f (VBEsat , VCEsat) hFE = 10
EHP00756
DC current gain hFE = f (I C) VCE = 10V
10 3
BSS 79/81 EHP00676
2
C
mA 10 2 5 V CE V BE
h FE
5 150 C
25 C 10
2
10 5
1
-50 C 5
10 0
0
0.2
0.4
0.6
0.8 1.0 V 1.2 V BE sat , V CE sat
10 1 -1 10
10
0
10
1
10 C
2
mA 10 3
Delay time td = f (IC ) Rise time tr = f (IC)
10 3 ns td, tr 5 VCC = 30 V h FE = 10 tr 10 2 t r VBE = 5 V
BSS 79/81 EHP00677
Storage time t stg = f (I C) Fall time
10 3 ns t stg , t f 5
BSS 79/81
t f = f (IC)
EHP00678
t stg 10 2 hFE = 10
5
VBE = 2 V td
td
5 tf hFE = 10 h FE = 20
V BE = 0 V 10 1 10 0 5 10
1
5
10
2
mA 5
10
3
10 1 1 10
5
10
2
mA
5
10
3
C
C
5
Nov-30-2001


▲Up To Search▲   

 
Price & Availability of BSS81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X