Part Number Hot Search : 
AOZ130 SDD02N25 MBR2020 DTA12 LC822152 AD9860 2400A 4057S
Product Description
Full Text Search
 

To Download BSS80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon Switching Transistors
BSS 80 BSS 82
High DC current gain q Low collector-emitter saturation voltage q Complementary types: BSS 79, BSS 81 (NPN)
q
Type BSS 80 B BSS 80 C BSS 82 B BSS 82 C
Marking CHs CJs CLs CMs
Ordering Code (tape and reel) Q62702-S557 Q62702-S492 Q62702-S560 Q62702-S482
Pin Configuration 1 2 3 B E C
Package1) SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TS = 77 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point
1) 2)
Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg
Values BSS 82 BSS 80 40 5 800 1 100 200 330 150 - 65 ... + 150 60 60
Unit V
mA A mA mW C
Rth JA Rth JS

290 220
K/W
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BSS 80 BSS 82
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA BSS 80 BSS 82 Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 50 V VCB = 50 V, TA = 150 C Emitter-base cutoff current VEB = 3 V DC current gain IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V1) IC = 150 mA, VCE = 10 V1) IC = 500 mA, VCE = 10 V1) BSS 80 B/82 B BSS 80 C/82 C BSS 80 B/82 B BSS 80 C/82 C BSS 80 B/82 B BSS 80 C/82 C BSS 80 B/82 B BSS 80 C/82 C BSS 80 B/82 B BSS 80 C/82 C VCEsat - - VBEsat - - - - 1.3 2.6 - - 0.4 1.6 V(BR)CE0 40 60 V(BR)CB0 V(BR)EB0 ICB0 - - IEB0 hFE 40 75 40 100 40 100 40 100 40 50 - - - - - - - - - - - - - - - - 120 300 - - V - - - - 10 10 10 nA
A
Values typ. max.
Unit
V - - - - - - - -
60 5
nA -
Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA
1)
Pulse test conditions: t 300 s, D = 2 %.
Semiconductor Group
2
BSS 80 BSS 82
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Transition frequency IC = 20 mA, VCE = 20 V, f = 100 MHz Open-circuit output capacitance VCB = 10 V, f = 1 MHz VCC = 30 V, IC = 150 mA, IB1 = 150 mA Delay time Rise time VCC = 6 V, IC = 150 mA, IB1 = IB2 = 15 mA Storage time Fall time fT Cobo - - 250 6 - - MHz pF Values typ. max. Unit
td tr tstg tf
- - - -
- - - -
10 40 80 30
ns ns ns ns
Test circuits Delay and rise time Storage and fall time
Semiconductor Group
3
BSS 80 BSS 82
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance Ccb = f (VCB) f = 1 MHz
Permissible pulse load Ptot max/Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 20 V
Semiconductor Group
4
BSS 80 BSS 82
Saturation voltage IC = f (VBE sat, VCE sat) hFE = 10
Delay time td = f (IC) Rise time tr = f (IC)
Storage time tstg = f (IC)
Fall time tf = f (IC)
Semiconductor Group
5
BSS 80 BSS 82
DC current gain hFE = f (IC) VCE = 10 V
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of BSS80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X