Part Number Hot Search : 
TDA2500 2SC42 C101K A103G SKET800 CY30701 MP1006 ASFLM1
Product Description
Full Text Search
 

To Download BSM150GAL120DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 150 GAL 120 DN2
IGBT Power Module
* Single switch with chopper diode * Including fast free-wheeling diodes * Package with insulated metal base plate
Type BSM 150 GAL 120 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage
VCE
IC
Package
Ordering Code
1200V 210A
HALF BRIDGE GAL 2 C67076-A2013-A70
Symbol
Values 1200 1200
Unit V
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 210 150
TC = 25 C TC = 80 C
Pulsed collector current, tp = 1 ms
ICpuls
420 300
TC = 25 C TC = 80 C
Power dissipation per IGBT
Ptot
1250
W + 150 -55 ... + 150 0.1 0.25 0.18 2500 20 11 F 55 / 150 / 56 Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Diode thermal resistance, chip-case,chopper Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD RTHJCDC Vis
-
Semiconductor Group
1
Mar-29-1996
BSM 150 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.5 3.1 2 8 6.5 3 3.7
V
VGE = VCE, IC = 6 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 150 A, Tj = 25 C VGE = 15 V, IC = 150 A, Tj = 125 C
Zero gate voltage collector current
ICES
2.8 -
mA
VCE = 1200 V, VGE = 0 V, Tj = 25 C VCE = 1200 V, VGE = 0 V, Tj = 125 C
Gate-emitter leakage current
IGES
320
nA
VGE = 20 V, VCE = 0 V
AC Characteristics Transconductance
gfs
62 11 1.6 0.6 -
S nF -
VCE = 20 V, IC = 150 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Mar-29-1996
BSM 150 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
200 400
ns
VCC = 600 V, VGE = 15 V, IC = 150 A RGon = 5.6
Rise time
tr
100 200
VCC = 600 V, VGE = 15 V, IC = 150 A RGon = 5.6
Turn-off delay time
td(off)
600 800
VCC = 600 V, VGE = -15 V, IC = 150 A RGoff = 5.6
Fall time
tf
70 100
VCC = 600 V, VGE = -15 V, IC = 150 A RGoff = 5.6
Free-Wheel Diode Diode forward voltage
VF
2.3 1.8 2.8 -
V
IF = 150 A, VGE = 0 V, Tj = 25 C IF = 150 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
0.4 -
s
IF = 150 A, VR = -600 V, VGE = 0 V diF/dt = -1500 A/s, Tj = 125 C
Reverse recovery charge
Qrr
C
IF = 150 A, VR = -600 V, VGE = 0 V diF/dt = -1500 A/s Tj = 25 C Tj = 125 C
5 18 -
Semiconductor Group
3
Mar-29-1996
BSM 150 GAL 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Chopper Diode Chopper diode forward voltage
VFC
2.3 1.8 2.8 -
V
IFC = 200 A, VGE = 0 V, Tj = 25 C IFC = 200 A, VGE = 0 V, Tj = 125 C
Reverse recovery time, chopper
trrC
0.5 -
s
IFC = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C
Reverse recovery charge, chopper
QrrC
C
IFC = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s Tj = 25 C Tj = 125 C
12 36 -
Semiconductor Group
4
Mar-29-1996
BSM 150 GAL 120 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420g


▲Up To Search▲   

 
Price & Availability of BSM150GAL120DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X