Part Number Hot Search : 
ACTS10K 89C205 AT89C5 ACTS10K SP254 ZFUY10C 060MDSA3 CBM2075
Product Description
Full Text Search
 

To Download BC556B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Boca Semiconductor Corp. BSC http://www.bocasemi.com
BC 556, A, B BC 557, 8, A, B, C TO-92 EBC
APPLICATION PNP General Purpose Transistors, Especially Suited For Use in Driver Stages of Audio Amplifier, Low Noise Input Stages of Tape Recorders, HI-FI Amplifiers, Signal Processing Circuits of Television Receivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25 deg C unless otherwise specified) DESCRIPTION SYMBOL BC556 VCEO 65 Collector -Emitter Voltage VCES 80 Collector -Emitter Voltage VCBO 80 Collector -Base Voltage VEBO Emitter -Base Voltage IC Collector Current Continuous ICM Peak IBM Base Current -Peak IEM Emitter Current- Peak PTA Power Dissipation@ Ta=25 degC Derate Above 25 deg C Tstg Storage Temperature Tj Junction Temperature THERMAL RESISTANCE Rth(j-a) Junction to Ambient ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION BC556 VCEO IC=2mA,IB=0 >65 Collector -Emitter Voltage VCBO IC=100uA.IE=0 >80 Collector -Base Voltage VEBO IE=100uA, IC=0 ALL Emitter-Base Voltage ICBO VCB=30V, IE=0 ALL Collector-Cut off Current Tj=150 deg C VCB=30V, IE=0 ALL VCE=80V, VBE=0 VCE=50V, VBE=0 VCE=30V, VBE=0 TJ=125 deg C VCE=80V, VBE=0 VCE=50V, VBE=0 VCE=30V, VBE=0 BC557 45 50 50 5.0 100 200 200 200 500 4.0 -65 to +150 150 BC558 30 30 30 UNITS V V V V mA mA mA mA mW mW/deg C deg C deg C
250 BC557 BC558 >45 >30 >50 >30 >5.0 <15
deg C/W UNITS V V V nA
<5.0 <15 <15 <15
ICES
uA nA nA nA
Collector-Cut off Current
ICES
<4.0 -
<4.0 -
<4.0
uA uA uA
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) BC556-558 DESCRIPTION SYMBOL TEST CONDITION VALUE hFE IC=10uA,VCE=5V typ90 DC Current Gain A typ150 B typ270 C IC=2mA,VCE=5V 75-475 BC556 75-800 BC557,8 110-220 A 200-450 B 420-800 C IC=100mA,VCE=5V typ120 A typ200 B typ400 C VCE(Sat) IC=10mA,IB=0.5mA <0.30 Collector Emitter Saturation Voltage IC=100mA,IB=5mA <0.65 VBE(Sat) IC=10mA,IB=0.5mA typ0.70 Base Emitter Saturation Voltage IC=100mA,IB=5mA typ0.90 VBE(on) IC=2mA,VCE=5V 0.55-0.70 Base Emitter on Voltage IC=10mA,VCE=5V <0.82 DYNAMIC CHARACTERISTICS ft IC=10mA, VCE=5V typ150 Transistors Frequency f=100MHz Ccbo VCB=10V, f=1MHz <6.0 Collector out-put Capacitance Cib VEB=0.5V, f=1MHz typ9.0 Emitter Input Capacitance NF IC=0.2mA, VCE=5V <10 Noise Figure Rs=2kohm, f=1kHZ B=200Hz ALL f=1KHz IC=2mA, VCE=5V
UNITS
V V V V V V MHz pF pF dB
Small Signal Current Gain
hfe
Input Impedance
hie
IC=2mA, VCE=5V
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V
Out put Adimttance
hoe
IC=2mA, VCE=5V
A B C A B C A B C A B C
typ220 typ330 typ600 1.6-4.5 3.2-8.5 6.0-15 typ1.5 typ2.0 typ3.0 <30 <60 <110
khoms
X10-4
umhos
Boca Semiconductor Corp. BSC http://www.bocasemi.com
TO-92 Plastic Package
B
TO-92 Transistors on Tape and Ammo Pack
Amm o Pack Style
M EC H AN IC AL D ATA Ad hesive Tape o n Top Side
P h A A1 (p)
FEE
D
C arrier Strip
A
h
T
321
H1 H0 L
LA BE L
FL AT SIDE 8.2"
W2
Wo W1 W
K
t1 t F1 F P2 Po F2 Do
1 3"
1 .7 7"
D 3 E 2 1
ITEM
Flat S id e o f Tra nsis tor and Ad hesive Tape V isible 20 00 pcs./A m m o P ack
All dim ensions in m m unless specified otherwise
SYM BO L A1 A T P Po SPEC IFICAT ION REM ARKS M IN. NO M . M AX. TO L . 4.8 4.0 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUM U LATIVE PIT CH ERRO R 1.0 m m /20 PITCH 6.35 0.4 TO BE M EASURED AT BOT TOM O F C LINCH +0.6 5.08 -0.2 0 1 AT TO P OF BODY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0 .6 2.54 +0.4 -0.1 3 6N
D G
AA SEC AA
BOD Y W IDT H BOD Y H EIG HT BOD Y T HICKNESS PITCH OF COM PO NENT FEED HO LE PITCH
F
F
DIM A
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
FEED HO LE CENTR E TO CO M PONENT CENTR E DISTAN CE BET WEEN O UTER LEADS CO M PONENT ALIGN M EN T TAPE W IDTH HO LD-D OW N TAPE W IDT H HO LE PO SITIO N HO LD-D OW N TAPE PO SIT ION LEAD W IRE CLINCH H EIG HT CO M PONENT HEIGH T LENG TH O F SNIPPED LEAD S FEED HO LE DIAM ETER TO TAL TAPE TH ICKNESS LEAD - TO - LEAD DISTAN CEF1, CLINC H HEIGH T PULL - O UT FO RCE
P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
321
All diminsions in mm.
B C D E F G H K
H
C
PIN CONFIGURATION 1. EMITTER 2. BASE 3. COLLECTOR
5 DEG 1.14 1.40 1.14 1.53 12.70 --
N OT ES 1 . M A X IM U M A L IG N M E N T D E V IAT IO N B E T W E E N L E A D S N O T TO B E G R E AT E R T H A N 0 .2 m m . 2 . M A X IM U M N O N -C U M U L AT IV E VA R IAT IO N B E T W E E N TA P E F E E D H O L E S S H A L L N O T E X C E E D 1 m m IN 2 0 P IT C H E S . 3 . H O L D D O W N TA P E N O T T O E X C E E D B E Y O N D T H E E D G E (S ) O F C A R R IE R TA P E A N D T H E R E S H A L L B E N O E X P O S U R E O F A D H E S IV E . 4 . N O M O R E T H A N 3 C O N S E C U T IV E M IS S IN G C O M P O N E N T S A R E P E R M IT T E D . 5 . A TA P E T R A IL E R , H AV IN G AT L E A S T T H R E E F E E D H O L E S A R E R E Q U IR E D A F T E R T H E L A S T C O M P O N E N T. 6 . S P L IC E S S H A L L N O T IN T E R F E R E W IT H T H E S P R O C K E T F E E D H O L E S .
Boca Semiconductor Corp. BSC http://www.bocasemi.com


▲Up To Search▲   

 
Price & Availability of BC556B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X