Part Number Hot Search : 
1766136 1205D LM334 83120 60N03 B3234 G706SD 330M3
Product Description
Full Text Search
 

To Download AP3000A-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP3000A-00
SILICON PIN DIODE CHIP
DESCRIPTION:
The AP3000C-11 is a Passivated Epitaxial Silicon PIN Diode Housed in a Hermetically Sealed Glass Package. This Device is Designed to Cover a Wide Range of Control Applications Such as RF Switching,Phase Shifting, Modulation, Duplexing Limiting and Pulse Forming.
PACKAGE STYLE 01
MAXIMUM RATINGS
IF VR PDISS JC 100 mA 300 V 250 mW @ TA = 25 C 20 C/W
O O
NONE
CHARACTERISTICS
SYMBOL
VBR CJ RS TL Trr IR = 10 A VR = 50 V VR = 40 V IF = 50 mA IF =10 mA IF =20 mA
TC = 25 C
O
TEST CONDITIONS
f = 1.0 MHz
MINIMUM
300
TYPICAL
MAXIMUM
0.2 0.6
UNITS
V pF Ohms nS nS
f = 100 MHz IR = 6.0 mA IR = 100 mA 1000 100
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AP3000A-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X