Part Number Hot Search : 
80C85AH TSCD14WS TC53257F SFBUW81A 12864F 4N27A TIG111BF CM6400
Product Description
Full Text Search
 

To Download 74VHC02MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC02 Quad 2-Input NOR Gate
November 1992 Revised February 2005
74VHC02 Quad 2-Input NOR Gate
General Description
The VHC02 is an advanced high-speed CMOS 2-Input NOR Gate fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The internal circuit is composed of 3 stages, including buffer output, which provide high noise immunity and stable output. An input protection circuit insures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mismatched supply and input voltages.
Features
s High Speed: tPD
3.6 ns (typ) at VCC VNIL
5V 25qC
s Low power dissipation: ICC s High noise immunity: VNIH s Low noise: VOLP
2 PA (max) at TA
28% VCC (min)
s Power down protection is provided on all inputs
0.8V (max)
s Pin and function compatible with 74HC02
Ordering Code:
Order Number 74VHC02M 74VHC02MX_NL (Note 1) 74VHC02SJ 74VHC02MTC 74VHC02MTCX_NL (Note 1) 74VHC02N Package Number M14A M14A M14D MTC14 MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Truth Table Pin Descriptions
Pin Names An, Bn On Description Inputs Outputs A L L H H B L H L H O H L L L
(c) 2005 Fairchild Semiconductor Corporation
DS011515
www.fairchildsemi.com
74VHC02
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Input Diode Current (IIK) Output Diode Current (IOK) DC Output Current (IOUT ) DC VCC/GND Current (ICC) Storage Temperature (TSTG) Lead Temperature (TL) (Soldering, 10 seconds) 260qC
0.5V to 7.0V 0.5V to 7.0V 0.5V to VCC 0.5V 20 mA r20 mA r25 mA r50 mA 65qC to 150qC
Recommended Operating Conditions (Note 3)
Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TOPR) Input Rise and Fall Time (tr, tf) VCC VCC 3.3V r 0.3V 5.0V r 0.5V 0 a 100 ns/V 0 a 20 ns/V 2.0V to 5.5V 0V to 5.5V 0V to VCC
40qC to 85qC
Note 2: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside databook specifications. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.0 3.0 5.5 2.0 3.0 5.5 2.0 3.0 4.5 3.0 4.5 VOL LOW Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IIN ICC Input Leakage Current Quiescent Supply Current 0 5.5 5.5 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 2.0 3.0 4.5 TA Min 1.50 0.7 VCC 0.50 0.3 VCC 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 V IOL IOL VIN VIN 4 mA 8 mA V V VIN IOH IOH VIH IOL or VIL V 25qC Typ Max TA
40qC to 85qC
Max
Min 1.50 0.7 VCC
Units V
Conditions
0.50 0.3 VCC
V VIN VIH IOH or VIL
50 PA
4 mA 8 mA
50 PA
r0.1
2.0
r1.0
20.0
PA PA
5.5V or GND VCC or GND
Noise Characteristics
Symbol VOLP (Note 4) VOLV (Note 4) VIHD (Note 4) VILD (Note 4) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage 5.0 1.5 V CL 50 pF 5.0 3.5 V CL 50 pF 5.0 VCC (V) 5.0 TA Typ 0.3 25qC Limits 0.8 Units V V CL CL 50 pF 50 pF Conditions
0.3
0.8
Note 4: Parameter guaranteed by design.
www.fairchildsemi.com
2
74VHC02
AC Electrical Characteristics
Symbol tPHL tPLH 5.0 r 0.5 CIN CPD Input Capacitance Power Dissipation Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN I CC/4 (per gate).
Parameter Propagation Delay
VCC (V) 3.3 r 0.3 Min
TA
25qC Typ 5.6 8.1 3.6 5.1 4 15 Max 7.9 11.4 5.5 7.5 10
TA
40qC to 85qC
Max 9.5 13.0 6.5 8.5 10 1.0 1.0 1.0 1.0
Min
Units ns ns pF pF CL CL CL CL VCC
Conditions 15 pF 50 pF 15 pF 50 pF Open
(Note 5)
3
www.fairchildsemi.com
74VHC02
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
www.fairchildsemi.com
4
74VHC02
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
74VHC02
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package MTC14
www.fairchildsemi.com
6
74VHC02 Quad 2-Input NOR Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74VHC02MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X