Part Number Hot Search : 
2SD1413 IN1489A NSFXT TSDF125W FA5590 5TRMPB BC846AW TC9122
Product Description
Full Text Search
 

To Download 74VCX16827 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCX16827 Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
March 1998 Revised April 1999
74VCX16827 Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
General Description
The VCX16827 contains twenty non-inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/ receiver carrying parity. The device is byte controlled. Each byte has NOR output enables for maximum control flexibility. The 74VCX16827 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V. The 74VCX16827 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.65V-3.6V VCC supply operation s 3.6V tolerant inputs and outputs s tPD 2.5 ns max for 3.0V to 3.6V VCC 3.0 ns max for 2.3V to 2.7V VCC 6.0 ns max for 1.65V to 1.95V VCC s Power-off high impedance inputs and outputs s Supports live insertion and withdrawal (Note 1) s Static Drive (IOH/IOL) 24 mA @ 3.0V VCC 18 mA @ 2.3V VCC 6 mA @ 1.65V VCC s Uses patented noise/EMI reduction circuitry s Latch-up performance exceeds 300 mA s ESD performance: Human body model > 2000V Machine model > 200V
Note 1: To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74VCX16827MTD Package Number MTD56 Package Description 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Pin Descriptions
Pin Names OEn I0-I19 O0-O19 Description Output Enable Input (Active LOW) Inputs Outputs
(c) 1999 Fairchild Semiconductor Corporation
DS500131.prf
www.fairchildsemi.com
74VCX16827
Connection Diagram
Truth Tables
Inputs OE1 L L H X OE2 L L X H Inputs OE3 L L H X OE4 L L X H I0-I9 L H X X I0-I9 L H X X Outputs O0-O9 L H Z Z Outputs O10-O19 L H Z Z
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial (HIGH or LOW, inputs may not float) Z = High Impedance
Functional Description
The 74VCX16827 contains twenty non-inverting buffers with 3-STATE outputs. The device is byte controlled with each byte functioning identically, but independent of each other. The control pins may be shorted together to obtain full 16-bit operation. The 3-STATE outputs are controlled by Output Enable (OEn) inputs. When OE1, and OE2 are LOW, O0--O10 are in the 2-state mode. When either OE1 or OE2 are HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the inputs. The same applies for byte two with OE3 and OE4.
Logic Diagrams
www.fairchildsemi.com
2
74VCX16827
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) Outputs 3-STATE Outputs Active (Note 3) DC Input Diode Current (IIK) VI < 0V DC Output Diode Current (IOK) VO < 0V VO > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or GND Current per Supply Pin (ICC or GND) Storage Temperature Range (TSTG) 100 mA -65C to +150C 50 mA -50 mA +50 mA -0.5V to +4.6V -0.5V to VCC + 0.5V -50 mA -0.5V to +4.6V -0.5V to +4.6V
Recommended Operating Conditions (Note 4)
Power Supply Operating Data Retention Only Input Voltage Output Voltage (VO) Output in Active States Output in 3-State Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 2.3V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 2: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Floating or unused inputs must be held HIGH or LOW.
1.65V to 3.6V 1.2V to 3.6V -0.3V to +3.6V 0V to VCC 0.0V to 3.6V 24 mA 18 mA 6 mA -40C to +85C
DC Electrical Characteristics (2.7V < VCC 3.6V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12 mA IOL = 18 mA IOL = 24 mA II IOZ IOFF ICC ICC Input Leakage Current 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current Increase in ICC per Input 0 VI 3.6V 0 VO 3.6V VI = V IH or VIL 0 (VI, VO) 3.6V VI = V CC or GND VCC (VI, VO) 3.6V (Note 5) VIH = VCC -0.6V
Note 5: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.7 - 3.6 2.7 - 3.6 2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.7 - 3.6 0 2.7 - 3.6 2.7 - 3.6 2.7 - 3.6
Min 2.0
Max
Units V
0.8 VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5.0 10 10 20 20 750
V V V V V V V V V A A A A A A
3
www.fairchildsemi.com
74VCX16827
DC Electrical Characteristics (2.3V VCC 2.7V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -6 mA IOH = -12 mA IOH = -18 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12 mA IOL = 18 mA II IOZ IOFF ICC Input Leakage Current 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current 0 VI 3.6V 0 VO 3.6V VI = VIH or VIL 0 (VI, VO) 3.6V VI = VCC or GND VCC (VI, VO) 3.6V (Note 6)
Note 6: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.3 - 2.7 2.3 - 2.7 2.3 - 2.7 2.3 2.3 2.3 2.3 - 2.7 2.3 2.3 2.3 - 2.7 2.3 - 2.7 0 2.3 - 2.7 2.3 - 2.7
Min 1.6
Max
Units V
0.7 VCC - 0.2 2.0 1.8 1.7 0.2 0.4 0.6 5.0 10 10 20 20
V V V V V V V V A A A A A
DC Electrical Characteristics (1.65V VCC < 2.3V)
Symbol VIH VIL VOH VOL II IOZ IOFF ICC Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Leakage Current 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current IOH = -100 A IOH = -6 mA IOL = 100 A IOL = 6 mA 0 VI 3.6V 0 VO 3.6V VI = VIH or VIL 0 (VI, VO) 3.6V VI = VCC or GND VCC (VI, VO) 3.6V (Note 7)
Note 7: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 1.65 - 2.3 1.65 - 2.3 1.65 - 2.3 1.65 1.65 - 2.3 1.65 1.65 - 2.3 1.65 - 2.3 0 1.65 - 2.3 1.65 - 2.3
Min 0.65 x VCC
Max
Units V
0.35 x VCC VCC - 0.2 1.25 0.2 0.3 5.0 10 10 20 20
V V V V V A A A A A
www.fairchildsemi.com
4
74VCX16827
AC Electrical Characteristics
Symbol Parameter
(Note 8)
TA = -40C to +85C, CL = 30 pF, RL = 500 VCC = 3.3V 0.3V Min Max 2.5 3.8 3.7 0.5 0.8 0.8 0.8 VCC = 2.5V 0.2V Min 1.0 1.0 1.0 Max 3.0 4.9 4.2 0.5 VCC = 1.8V 0.15V Min 1.5 1.5 1.5 Max 6.0 9.8 7.6 0.75 ns ns ns ns Units
tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tOSHL tOSLH
Prop Delay Output Enable Time Output Disable Time Output to Output Skew (Note 9)
Note 8: For CL = 50 PF, add approximately 300 ps to the AC maximum specification. Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Symbol VOLP Parameter Quiet Output Dynamic Peak VOL Conditions CL = 30 pF, VIH = VCC, VIL = 0V VCC (V) 1.8 2.5 3.3 VOLV Quiet Output Dynamic Valley VOL CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 VOHV Quiet Output Dynamic Valley VOH CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 TA = +25C Typical 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 2.2 V V V Units
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = 1.8, 2.5V or 3.3V, VI = 0V or VCC VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V TA = +25C Typical 6 7 20 pF pF pF Units
5
www.fairchildsemi.com
74VCX16827
AC Loading and Waveforms
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
SWITCH Open 6V at VCC = 3.3 0.3V; VCC x 2 at VCC = 2.5 0.2V; 1.8V 0.15V GND FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic Symbol 3.3V 0.3V Vmi Vmo VX VY 1.5V 1.5V VOL + 0.3V VOH - 0.3V VCC 2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V 1.8V 0.15V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
www.fairchildsemi.com
6
74VCX16827 Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD56
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74VCX16827

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X