|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS 74ABT16952 16-bit registered transceiver (3-State) Product specification Replaces 74ABT16952/74ABTH16952 dated 1998 Feb 25 2002 Apr 03 Philips Semiconductors Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 FEATURES * Two 8-bit registered transceivers * Live insertion/extraction permitted * Power-up 3-State * Power-up reset * Multiple VCC and GND pins minimize switching noise * Independent registers for A and B buses * Output capability: +64 mA/-32 mA * Latch-up protection exceeds 500 mA per Jedec Std 17 * ESD protection exceeds 2000 V per MIL STD 883 Method 3015 * Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs and 200 V per Machine Model DESCRIPTION The 74ABT16952 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74ABT16952 is a dual octal registered transceiver. Two 8-bit registers store data flowing in both directions between two bidirectional buses. Data applied to the inputs is entered and stored on the rising edge of the Clock (nCPXX) provided that the Clock Enable (nCEXX) is LOW. The data is then present at the 3-State output buffers, but is only accessible when the Output Enable (nOEXX) is LOW. Data flow from A inputs to B outputs is the same as for B inputs to A outputs. QUICK REFERENCE DATA SYMBOL tPLH tPHL CIN CI/O ICCZ ICCL PARAMETER Propagation delay nCPBA to nAx or nCPAB to nBx Input capacitance I/O capacitance Quiescent supply current CONDITIONS Tamb = 25 C; GND = 0 V CL = 50 pF; VCC = 5 V VI = 0 V or VCC VO = 0 V or VCC; 3-State Outputs disabled; VCC = 5.5 V Outputs LOW; VCC = 5.5 V TYPICAL 2.8 2.3 4 7 500 8 UNIT ns pF pF A mA ORDERING INFORMATION PACKAGES 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40 C to +85 C -40 C to +85 C ORDER CODE 74ABT16952DL 74ABT16952DGG DWG NUMBER SOT371-1 SOT364-1 PIN DESCRIPTION PIN NUMBER 2, 55 18, 22 3, 54, 26, 31 52, 51, 49, 48, 47, 45, 44, 43 42, 41, 40, 38, 37, 36, 34, 33 1, 56 8, 29 4, 11, 18, 25, 32, 39, 45, 53 4, 17, 30, 43 7, 22, 35, 50 SYMBOL 1CPAB / 1CPBA 2CPAB / 2CPBA 1CEAB / 1CEBA 2CEAB / 2CEBA 1A0 - 1A7 2A0 - 2A7 1B0 - 1B7 2B0 - 2B7 1OEAB / 1OEBA 2OEAB / 2OEBA GND VCC NAME AND FUNCTION Clock input A-to-B / Clock input B-to-A Clock enable input A-to-B / Clock enable input B-to-A Data inputs/outputs (A side) Data inputs/outputs (B side) Output enable inputs Ground (0 V) Positive supply voltage 2002 Apr 03 2 853-1814 27958 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 PIN CONFIGURATION 1OEAB 1CPAB 1CEAB GND 1A0 1A1 VCC 1A2 1A3 1A4 GND 1A5 1A6 1A7 2A0 2A1 2A2 GND 2A3 2A4 2A5 VCC 2A6 2A7 GND 2CEAB 2CPAB 2OEAB 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1OEBA 1CPBA 1CEBA GND 1B0 1B1 VCC 1B2 1B3 1B4 GND 1B5 1B6 1B7 2B0 2B1 2B2 GND 2B3 2B4 LOGIC SYMBOL 5 6 8 9 10 12 13 14 1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7 2 3 55 54 1CPAB 1CEAB 1CPBA 1CEBA 1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7 1OEBA 1OEAB 56 1 52 51 49 48 47 45 44 43 15 16 17 19 20 21 23 24 2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7 27 26 30 2CPAB 2CEAB 2CPBA 2CEBA 2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7 2OEBA 2OEAB 29 28 2B5 VCC 2B6 2B7 GND 2CEBA 2CPBA 2OEBA 31 42 41 40 38 37 36 34 33 SH00071 SH00070 2002 Apr 03 3 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 LOGIC SYMBOL (IEEE/IEC) FUNCTION TABLE for Register nAx or nBx 1OEBA 1CEBA 1LPBA 1OEAB 1LEAB 1CPAB 2OEBA 2CEBA 2CPBA 2OEAB 2LEAB 2CPAB 56 54 55 1 3 2 29 31 30 28 26 27 1EN3 G1 1C5 EN4 G2 2C6 EN9 G7 7C11 EN10 G8 8C12 52 INPUTS nAx or nBx X L H nCPXX X nCEXX H L L INTERNAL Q NC L H OPERATING MODE Hold data Load data H = HIGH voltage level L = LOW voltage level = LOW-to-HIGH transition X = Don't care XX = AB or BA NC= No change FUNCTION TABLE for Output Enable INPUTS 5D 4 51 49 48 47 45 44 43 1B1 1B2 1B3 1B4 1B5 1B6 1B7 2B0 1B0 1A0 5 3 6D nOEXX H L L INTERNAL Q X L H nAx or nBx OUTPUTS Z L H OPERATING MODE Disable outputs Enable outputs 1A1 1A2 1A3 1A4 1A5 1A6 1A7 2A0 6 8 9 10 12 13 14 15 9 12D 11D 10 H = HIGH voltage level L = LOW voltage level X = Don't care XX = AB or BA Z = High impedance "off" state 42 2A1 2A2 2A3 2A4 2A5 2A6 2A7 16 17 19 20 21 23 24 41 40 38 37 36 34 33 2B1 2B2 2B3 2B4 2B5 2B6 2B7 SH00086 2002 Apr 03 4 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 LOGIC DIAGRAM nCEAB nCPAB nOEAB DETAIL A CE nA0 D CP Q Q CE D nB0 CP nA1 nA2 nA3 nA4 nA5 nA6 nA7 DETAIL A X 7 nB1 nB2 nB3 nB4 nB5 nB6 nB7 nCEBA nCPBA nOEBA SH00072 2002 Apr 03 5 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL VCC IIK VI IOK VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 VO < 0 Output in Off or HIGH state Output in LOW state DC output current out ut Output in HIGH state Storage temperature range -64 -65 to +150 C VI < 0 CONDITIONS RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 128 mA UNIT V mA V mA V DC output diode current DC output voltage3 NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER MIN VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage HIGH-level input voltage LOW-level Input voltage HIGH-level output current LOW-level output current Input transition rise or fall rate Operating free-air temperature range 4.5 0 2.0 - - - 0 -40 LIMITS MAX 5.5 VCC - 0.8 -32 64 10 +85 V V V V mA mA ns/V C UNIT 2002 Apr 03 6 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 DC ELECTRICAL CHARACTERISTICS LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25 C MIN VIK VOH Input clamp voltage VCC = 4.5 V; IIK = -18 mA VCC = 4.5 V; IOH = -3 mA; VI = VIL or VIH HIGH-level output voltage VCC = 5.0 V; IOH = -3 mA; VI = VIL or VIH VCC = 4.5 V; IOH = -32 mA; VI = VIL or VIH VOL VRST II IOFF IPU/PD IIH + IOZH IIL + IOZL ICEX IO ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current LOW-level output voltage Power-up output low voltage3 Input leakage current Control pins VCC = 4.5 V; IOL = 64 mA; VI = VIL or VIH VCC = 5.5 V; IOL = 1 mA; VI = GND or VCC VCC = 5.5 V; VI = GND or 5.5 V VCC = 0 V; VO or VI 4.5 V VCC = 2.1 V; VO = 0.0 V; VI = GND or VCC; VOE = Don't care VCC = 5.5 V; VO = 5.5 V; VI = VIL or VIH VCC = 5.5 V; VO = 0.0 V; VI = VIL or VIH VCC = 5.5 V; VO = 5.5 V; VI = GND or Vcc VCC = 5.5 V; VO = 2.5 V VCC = 5.5 V; Outputs HIGH, VI = GND or VCC VCC = 5.5 V; Outputs LOW, VI = GND or VCC VCC = 5.5 V; Outputs 3-State; VI = GND or VCC VCC = 5.5 V; one input at 3.4 V, other inputs at VCC or GND -50 2.5 3.0 2.0 TYP -0.9 2.9 3.4 2.4 0.42 0.13 0.01 5.0 5.0 5.0 -5.0 5.0 -70 0.5 8 0.5 5 0.55 0.55 1.0 100 50 50 -50 50 -180 1.5 19 1.5 100 -50 MAX -1.2 2.5 3.0 2.0 0.55 0.55 1.0 100 50 50 -50 50 -180 1.5 19 1.5 100 Tamb = -40 C to +85 C MIN MAX -1.2 V V V V V V A A A A A A mA mA mA mA A UNIT Power-off leakage current Power-up/down 3-State output current4 3-State output HIGH current 3-State output LOW current Output HIGH leakage current Output current1 NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4 V. 3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power. 4. This parameter is valid for any VCC between 0 V and 2.1 V with a transition time of up to 10 msec. From VCC = 2.1 V to VCC = 5 V 10% a transition time of up to 100 sec is permitted. 5. Unused pins at VCC or GND. AC CHARACTERISTICS GND = 0 V; tR = tF = 2.5 ns; CL = 50 pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM MIN fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ Maximum clock frequency Propagation delay nCPBA to nAx, nCPAB to nBx Output enable time nOEBA to nAx, nOEAB to nBx Output disable time nOEBA to nAx, nOEAB to nBx 1 1 3 4 3 4 150 1.0 1.0 1.0 1.0 1.7 1.3 2.8 2.3 2.5 2.2 3.4 2.6 3.9 3.9 3.8 3.8 4.4 3.9 Tamb = +25 C VCC = +5.0 V TYP MAX Tamb = -40 C to +85 C VCC = +5.0 V 0.5 V MIN 150 1.0 1.0 1.0 1.0 1.7 1.3 4.3 4.3 4.6 4.6 5.2 4.2 MAX MHz ns ns ns UNIT 2002 Apr 03 7 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 AC SET-UP REQUIREMENTS LIMITS SYMBOL PARAMETER WAVEFORM Tamb = +25 C VCC = +5.0 V MIN tS(H) ts(L) th(H) th(L) ts(H) ts(L) th(H) th(L) tw(H) tw(L) Set-up time nAx to nCPAB or nBx to nCPBA Hold time nAx to nCPAB or nBx to nCPBA Set-up time nCEAB to nCPAB, nCEBA to nCPBA Hold time nCEAB to nCPAB, nCEBA to nCPBA nCPAB or nCPBA pulse width, HIGH or LOW 2 2 2 2 1 1.2 1.5 0.0 0.0 1.2 1.6 0.0 0.0 3.3 2.5 TYP 0.9 1.2 -1.2 -0.9 0.9 1.1 -1.1 -0.9 2.6 1.0 Tamb = -40 C to +85 C VCC = +5.0 V 0.5 V MIN 1.2 1.5 0.0 0.0 1.2 1.6 0.0 0.0 3.3 2.5 ns ns ns ns ns UNIT AC WAVEFORMS VM = 1.5 V, VIN = GND to 3.0 V 1/fMAX nCPBA or nCPAB VM tw(H) tPHL VM tw(L) VM nOEAB, nOEBA VM tPZH VM tPHZ VOH VOH -0.3V 0V tPLH VM VM nAx, nBx VM nAx or nBx SH00073 SH00075 Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width, and Maximum Clock Frequency Waveform 3. 3-State Output Enable Time to High Level and Output Disable Time from High Level nAx, nBx nCEAB, nCEBA nCPAB, nCPBA 2002 Apr 03 EEEEEEEEE EEE E EEEEEEEEE EEE E EEEEEEEEE EEE E VM VM VM VM ts(H) th(H) ts(L) th(L) VM VM nOEAB, nOEBA VM tPZL VM tPLZ nAx, nBx VM VOL +0.3V VOL SH00074 SH00076 Waveform 2. Data Set-up and Hold Times Waveform 4. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level 8 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 TEST CIRCUIT AND WAVEFORMS VCC 7.0V RL 90% NEGATIVE PULSE VM 10% tTHL (tF) CL RL POSITIVE PULSE 10% tW tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V) PULSE GENERATOR VIN D.U.T. RT VOUT Test Circuit for 3-State Outputs VM SWITCH POSITION TEST tPLZ tPZL All other SWITCH closed closed open VM = 1.5V Input Pulse Definition DEFINITIONS RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ABT/H16 3.0V Rep. Rate 1MHz tW 500ns tR 2.5ns tF 2.5ns SA00018 2002 Apr 03 9 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm SOT371-1 2002 Apr 03 10 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm SOT364-1 2002 Apr 03 11 Philips Semiconductors Product data 16-bit registered transceiver (3-State) 74ABT16952 Data sheet status Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A. Product data Production [1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. Definitions Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Disclaimers Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 (c) Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 04-02 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com. Document order number: 9397 750 09693 Philips Semiconductors 2002 Apr 03 12 |
Price & Availability of 74ABT16952 |