Part Number Hot Search : 
DJ33A D2003 APU429 MC74F04D UN4123 8B100 IRF7507 KV1470
Product Description
Full Text Search
 

To Download 74ABT16952 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ABT16952 16-Bit Registered Transceiver with 3-STATE Outputs
November 1993 Revised August 2001
74ABT16952 16-Bit Registered Transceiver with 3-STATE Outputs
General Description
The ABT16952 is a 16-bit registered transceiver. Two 8-bit back to back registers store data flowing in both directions between two bidirectional buses. Separate clock, clock enable and 3-STATE output enable signals are provided for each register. The output pins are guaranteed to source 32 mA and to sink 64 mA.
Features
s Separate clock, clock enable and 3-STATE output enable provided for each register s A and B output sink capability of 64 mA source capability of 32 mA s Guaranteed latchup protection s High impedance glitch free bus loading during entire power up and power down cycle s Nondestructive hot insertion capability
Ordering Code:
Order Number 74ABT16952CSSC 74ABT16952CMTD Package Number MS56A MTD56 Package Description 56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending the letter suffix "X" to the ordering code.
Pin Descriptions
Pin Names A0-A15 B0-B15 CPABn, CPBAn CEAn, CEBn OEABn, OEBAn Description Data Register A Inputs/ B-Register 3-STATE Outputs Data Register B Inputs/ A-Register 3-STATE Outputs Clock Pulse Inputs Clock Enable Output Enable Inputs
Connection Diagram
Output Control
OE H L L Internal Q X L H Output Z L H Function Disable Outputs Enable Outputs
Register Function Table
(Applies to A or B Register) Inputs D X L H CP CE H L L Internal Function Q NC L H Hold Data Load Data
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial

X
Z = HIGH Impedance = LOW-to-HIGH Transition NC = No Change
(c) 2001 Fairchild Semiconductor Corporation
DS011647
www.fairchildsemi.com
74ABT16952
Block Diagram
n for either byte 1 or byte 2
www.fairchildsemi.com
2
74ABT16952
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Any Output in the Disable or Power-Off State in the HIGH State Current Applied to Output in LOW State (Max) DC Latchup Source Current Over Voltage Latchup (I/O) twice the rated IOL (mA)
-65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA -0.5V to +5.5V -0.5V to VCC
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage Minimum Input Edge Rate (V/t) Data Input Enable Input Clock Input 50 mV/ns 20 mV/ns 100 mV/ns
-40C to +85C +4.5V to +5.5V
-500 mA
10V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL VID IIH IBVI IBVIT IIL IIH + IOZH IIL + IOZL IOS ICEX IZZ ICCH ICCL ICCZ ICCT ICCD Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input Leakage Test Input HIGH Current Input HIGH Current Breakdown Test Input HIGH Current Breakdown Test (I/O) Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Output HIGH Leakage Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current Additional ICC/Input Dynamic ICC (Note 4) No Load 0.18 -100 4.75 1 1 7 100 -1 -1 10 -10 -275 50 100 1.0 60 1.0 2.5 2.5 2.0 0.55 Min 2.0 0.8 -1.2 Typ Max Units V V V V V V A A A A A A mA A A mA mA mA mA mA/ MHz Min Min Min 0.0 Max Max Max Max VCC Conditions Recognized HIGH Signal Recognized LOW Signal IIN = -18 mA (Non I/O Pins) IOH = -3 mA (An, Bn) IOH = -32 mA (An, Bn) IOL = 64 mA (An, Bn) IID = 1.9 A (Non-I/O Pins) All Other Pins Grounded VIN = 2.7V (Non-I/O Pins) (Note 4) VIN = VCC (Non-I/O Pins) VIN = 7.0V (Non-I/O Pins) VIN = 5.5V (An, Bn) VIN = 0.5V (Non-I/O Pins) (Note 4) VIN = 0.0V (Non-I/O Pins) OEA or OEB = 2.0V 0V-5.5V VOUT = 0.5V (An, B n); OEA or OEB = 2.0V Max Max 0.0V Max Max Max Max VOUT = 0V (An, Bn) VOUT = VCC (An, Bn) VOUT = 5.5V (An, B n); All Others GND All Outputs HIGH All Outputs LOW Outputs 3-STATE; All Others GND VI = VCC - 2.1V; All Others at VCC or GND Max Outputs OPEN OEA or OEB = GND, Non-I/O = GND or VCC One Bit toggling, 50% duty cycle (Note 3)
Note 3: For 8-bit toggling, ICCD <1.4 mA/MHz. Note 4: Guaranteed, but not tested.
0V-5.5V VOUT = 2.7V (An, B n);
3
www.fairchildsemi.com
74ABT16952
AC Electrical Characteristics
(SSOP Package) TA = +25C Symbol Parameter Min fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ Maximum Clock Frequency Propagation Delay CPABn or CPBAn to An or Bn Output Enable Time OEABn or OEBAn to An or Bn Output Disable Time OEABn or OEBAn to An or Bn 200 1.5 1.5 1.5 1.5 1.5 1.5 5.3 5.3 5.5 5.5 6.0 6.0 V CC = +5.0V CL = 50 pF Max TA = -40C to +85C V CC = 4.5V to 5.5V CL = 50 pF Min 200 1.5 1.5 1.5 1.5 1.5 1.5 5.3 5.3 5.5 5.5 6.0 6.0 Max MHz ns ns ns Units
AC Operating Requirements
TA = +25C Symbol Parameter Min tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tW(H) tW(L) Setup Time, HIGH or LOW An or Bn to CPABn or CPBAn Hold Time, HIGH or LOW An or Bn to CPABn or CPBAn Setup Time, HIGH or LOW CEAn or CEBn to CPABn or CPBAn Hold Time, HIGH or LOW CEAn or CEBn to CPABn or CPBAn Pulse Width, HIGH or LOW to CPABn or CPBAn 2.5 2.5 1.5 1.5 2.5 2.5 1.5 1.5 3.0 3.0 VCC = +5.0V CL = 50 pF Max Min 2.5 2.5 1.5 1.5 2.5 2.5 1.5 1.5 3.0 3.0 TA = -40C to +85C VCC = 4.5V to 5.5V CL = 50 pF Max ns ns ns ns ns Units
Capacitance
Symbol CIN CI/O (Note 5) Parameter Input Capacitance Output Capacitance Typ 5 11 Units pF pF Conditions TA = 25C VCC = 0V (Non I/O Pins) VCC = 5.0V (An, Bn)
Note 5: CI/O is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
www.fairchildsemi.com
4
74ABT16952
AC Loading
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load Amplitude 3.0V Rep. Rate 1 MHz tW 500 ns
FIGURE 2. Test Input Signal Levels tr 2.5 ns tf 2.5 ns
FIGURE 3. Input Signal Requirements
AC Waveforms
FIGURE 4. Propagation Delay Waveforms for Inverting and Non-Inverting Functions
FIGURE 6. 3-STATE Output HIGH and LOW Enable and Disable Times
FIGURE 5. Propagation Delay, Pulse Width Waveforms
FIGURE 7. Setup Time, Hold Time and Recovery Time Waveforms
5
www.fairchildsemi.com
74ABT16952
Physical Dimensions inches (millimeters) unless otherwise noted
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS56A
www.fairchildsemi.com
6
74ABT16952 16-Bit Registered Transceiver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD56
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ABT16952

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X