Part Number Hot Search : 
N2023 WMF2M8 67745 FD400R1B B123Y TC74VCX BYZ50A32 MUN22
Product Description
Full Text Search
 

To Download 45L120D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2030 rev. A 11/94
45L(R)..D SERIES
STANDARD RECOVERY DIODES Stud Version
Features
Diffused diode High current carrying capability High voltage ratings up to 1600V High surge current capabilities Stud cathode and stud anode version
150A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz It
2
45L(R)..D
150 150 235 3570 3740 64 58 1200 to 1600 - 40 to 200
Units
A C A A A KA2s KA2s V C
@ 50Hz @ 60Hz
V RRM range TJ
case style DO-205AC (DO-30)
www.irf.com
1
45L(R)..D Series
Bulletin I2030 rev. A 11/94
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
120 45L(R)..D 160 1600 1920
V RRM , maximum repetitive peak reverse voltage V
1200
VRSM , maximum nonrepetitive peak rev. voltage V
1440
I RRM max.
@ TJ = TJ max.
mA
40
Forward Conduction
Parameter
IF(AV) Max. average forward current @ Case temperature IF(RMS) Max. RMS forward current IFSM Max. peak, one-cycle forward, non-repetitive surge current
45L(R)..D
150 150 235 3570 3740 3000 3140
Units
A C A
Conditions
180 conduction, half sine wave
DC @ 142C case temperature t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
A
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
I2 t
Maximum I2t for fusing
64 58 45 41 KA2 s
t = 10ms t = 8.3ms
I2 t
Maximum I2t for fusing
640 0.67
KA2s
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 Low level value of forward slope resistance High level value of forward slope resistance VFM Max. forward voltage drop
V 0.83 (I > x x IF(AV)),T J = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.91 1.33 V (I > x x IF(AV)),TJ = TJ max. I = 471A, TJ = 25C, t = 10ms sinusoidal wave
pk p
1.42
2
www.irf.com
45L(R)..D Series
Bulletin I2030 rev. A 11/94
Thermal and Mechanical Specifications
Parameter
TJ T
stg
45L(R)..D
-40 to 200 -40 to 200 0.25 0.10 17
Units
C
Conditions
Max. junction operating temperature Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque +0 -20%
RthJC RthCS T
DC operation K/W Nm Mounting surface, smooth, flat and greased Not lubricated threads Lubricated threads g See Outline Table
14.5 wt Approximate weight Case style 130
DO-205AC (DO-30)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.031 0.038 0.048 0.071 0.120
Rectangular conduction Units
0.023 0.040 0.053 0.075 0.121 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
45
1
L
2
F
3
R
4
160
5
D
6
1
-
45 47 48 L
= Standard version = Version with Pinch Bolt (only flat base) = Flag Top Terminal = Essential Part Number
2 3 4 5 6
--
F = Flat Base None = Normal Stud R = Stud Reverse Polarity (Anode to Stud) None = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) D = Diffused diode
www.irf.com
3
45L(R)..D Series
Bulletin I2030 rev. A 11/94
Outline Table
GLASS-METAL SEAL
16.5 (0.65) MAX.
GLASS-METAL SEAL
16.5 (0.65) MAX.
DIA. 8.5 (0.33)
DIA. 8.5 (0.33)
162 (6.38) MAX.
DIA. 23 (0.91) MAX.
162 (6.38) MAX.
DIA. 23 (0.91) MAX.
24 (0.94)
MAX.
8.5 (0.33) MAX.
24 (0.94)
MAX.
16 (0.63)
MAX.
45L
45LF DO-205AC (DO-30) Flat Base
31 (1.22)
DO-205AC (DO-30)
1/2"-20UNF-2A*
27 (1.06)
2.6 (0.10)
All dimensions in millimeters (inches)
GLASS-METAL SEAL
16.5 (0.65)
5.6 (0.22) DIA. 5.54 (0.22) 9.5 (0.37)
3 7 (1 .46) MAX.
DIA. 23 (0.91) MAX. 32.5 (1.28)
24 (0.94) MAX.
16 (0.63) MAX.
8.5 (0.33) MAX.
48L IR Case Style B31
1/2"-20UNF-2A*
4
27 (1.06 )
2. 4 (0.09)
www.irf.com
2.6 (0.10)
2 7 (1.06)
8.5 (0.33) MAX.
45L(R)..D Series
Bulletin I2030 rev. A 11/94
Outline Table
Spring Clamp
60 (2.36) 24 (0.94)
FULL RAD. 22.8 (0.89)
6 (0.23)
40 (1.57)
GLASS-METAL SEAL
DIA. 11.15 (0.44) MAX.
7 (0.27)
45 (1.77) MAX.
(0.35)
9
48 (1.88)
24 (0.94) MAX.
Pinch Bolt
41 (1.61) 24 (0.94)
2.4 (0.09)
27 (1.06)
20 (0.78)
DIA. 11.25 (044) 5.5 (0.21) DIA.
47LF IR Case Style B52 Flat Base
13 (0.51)
9 (0.35) 0.1 (0.004) DIA.
16 (0.62) 33 (1.29)
All dimensions in millimeters (inches)
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
200 190 180
Conduction Angle
200 190 180
45L(R)..D Series R thJC (DC) = 0.25 K/W
45L(R)..D Series R thJC (DC) = 0.25 K/W
Conduction Period
170 160 30 150 140 0 20 40 60 80 60 90 120 180 100 120 140 160
170 160 30 150 140 0 50 100 60 90 120 180 150 DC 200 250
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
DIA.
www.irf.com
5
45L(R)..D Series
Bulletin I2030 rev. A 11/94
Maximum Average Forward Power Loss (W) 180 160 140 120
100 80 60
Conduction Angle
180 120 90 60 30 RMS Limit
R thSA
0 .4
0. 3
0. 2
6 0. W K/
K/ W 0. 8
1K /W
1 .5 K/ W
K/ W
W K/
K /W
.1 K =0 /W elta -D R
2K /W
3 K/ W
40 20 0 0 40 80
45L(R)..D Series TJ = 200C
120
160 25
50
75
100
125
150
175
200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
250 DC 180 120 90 60 30
R th S
0. 2
3 0. W K/
4 0.
W K/
A
200
W K/
0. 6 K/ W
=0 .1 W K/ elt -D
150
0.8
1K
K/ W /W
K/ W
a R
100
RMS Limit
Conduction Period
1 .5
2 K/
W
50
45L(R)..D Series TJ = 200C
3 K/W
0 0 50 100 150 200 250 25 50 75 100 125 150 175 200 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge.
Peak Half Sine Wave Forward Current (A)
3500 3000 2500 2000 1500 1000
4000 3500 3000 2500 2000 1500 1000 500 0.01
Initial TJ = 200C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial T J = 200C No Voltage Reapplied Rated VRRM Reapplied
45L(R)..D Series 500 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
45L(R)..D Series 0.1 Pulse Train Duration (s) 1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
6
www.irf.com
45L(R)..D Series
Bulletin I2030 rev. A 11/94
10000 Instantaneous Forward Current (A)
1000
100
TJ = 25C TJ = 200C 45L(R)..D Series
10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
1 Steady State Value R thJC = 0.25 K7W (DC Operation)
Transient Thermal Impedance Z thJC (K/W)
0.1
45L(R)..D Series
0.01 0.001
0.01
0. 1 Square Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristic
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 45L120D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X