Part Number Hot Search : 
T2700B 101KL 101KL 70001 433D100F 1100E TA1281F NTE70
Product Description
Full Text Search
 

To Download 42051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 42051
5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
Commercial or Military
Mii
HYBRID MICROELECTRONICS PRODUCTS DIVISION
Features: * * * Output current to 5 Amps Output voltage To -34 V Internal short circuit protection
Applications: * Military and Hi Rel industrial applications where hermetically sealed product is required.
DESCRIPTION
The 42051 series of regulators covers the voltage range from -5 V through -34 V. These regulators are fabricated using hybrid techniques. The devices are complete with internal short circuit protection which includes voltage shutdown and current fold-back. To insure circuit stability under all load combinations it is recommended that a minimum of 2.0 F capacitance (solid tantalum) be connected between power ground and the input to the regulator.
ABSOLUTE MAXIMUM RATINGS
Output Current - IOUT.......................................................................................................................................................5 A Power Dissipation @ 25C Case Temperature ........................................................................................................120W Operating Temperature............................................................................................................................ -55C to +125C Storage Temperature ............................................................................................................................... -65C to +150C Input Voltage - VIN .......................................................................................................................................................-40 V
NOTE: Lead Temperature (Soldering, 10 sec.) 300C
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01
42051 NEGATIVE VOLTAGE REGULATORS
ELECTRICAL CHARACTERISTICS (Note 1) PARAMETER Output Voltage Differential Voltage VIN - VOUT Line Regulation (Note 3) SYMBOL VOUT
V
TEST CONDITIONS IOUT = 1A, VIN = VO -5V IOUT = IMAX -VIN = VOUT -5V to -VIN = -40V IOUT = .25A to -IOUT = -IMAX VIN = VO -5V f = 50 to 500 Hz 1.0V (P-P) VIN - VOUT = 5V 0C TC 100C
MIN VOUT + .1V 5
TYP VOUT
MAX VOUT - .1V
UNIT VDC VDC
.1
% VOUT
Load Regulation (Note 2) Ripple Rejection
40 50
mV dB
Temperature Coefficient Standby Current Therm al Resistance Long Term Stability
TC IS
jc
.05 25 1 0.1
%/C mA
C/W
%/1000 hrs
Note 1: Case temperature 25C unless otherwise specified. Note 2: Voltage measured at Pin 2 within .05 inches from case. Note 3: Instantaneous regulation, average chip temperature changes must be accounted for separately.
Standard Outputs
TYPE 42051 - 055 065 075 085 095 105 124 144 154 164 184 204 223 243 263 283 303 323 343 VOUT (VDC) -5 -6 -7 -8 -9 -10 -12 -14 -15 -16 -18 -20 -22 -24 -26 -28 -30 -32 -34 MAX IOUT (A) 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 3 TYP IKNEE 6.5 6.5 6.5 6.5 6.5 6.5 5 5 5 5 5 5 4 4 4 4 4 4 4
(A)
TYP ISC (A) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2 2 2 2 2 2 1.5 1.5 1.5 1.5 1.5 1.5
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01
42051 NEGATIVE VOLTAGE REGULATORS
Mechanical Configuration
Case Pin 1 Pin 2
ELECTRICAL CONNECTIONS VIN Ground VOUT
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01


▲Up To Search▲   

 
Price & Availability of 42051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X