Part Number Hot Search : 
M5267 JANTXV TC500 L223M JANTXV PL40S 2E3UM MAX6850
Product Description
Full Text Search
 

To Download 2SD2438 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
C
Darlington
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2438 160 150 5 8 1 75(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SD2438
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=160V VEB=5V IC=30mA VCE=4V, IC=6A IC=6A, IB=6mA IC=6A, IB=6mA VCE=12V, IE=-1A VCB=10V, f=1MHz 2SD2438 100max 100max 150min 5000min 2.5max 3.0max 80typ 85typ V V MHz pF
16.2
B
(7 0 )
E
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1587)
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
V
9.50.2
A
23.00.3
a b
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) 60 RL () 10 IC (A) 6 VBB1 (V) 10 VBB2 (V) -2 IB1 ( mA) 6 IB2 (mA) -6 ton (s) 0.6typ tstg (s) 10.0typ tf (s) 0.9typ
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
5m 2. A 0m A
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (sa t)( V ) 3
IC - V BE Temperature Characteristics (Typical)
8 (V C E= 4V)
10mA
8
2.
1.
A 8m
1.5m
A
1. 3m A
Collector Current I C( A)
0.8 mA
2
4
IC=8A IC=6A 1 IC=4A
Collector Current I C( A)
6
1.0m A
6
4
mp) e Te
0.5mA
125C
2
2
0
0
2
4
6
0
0.2
0.5
1
5
10
50
100 200
0
0
1
25C
IB=0.3mA
-30C
(Case
(Case
(Cas
Temp
) Temp )
2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
(VCE=4V) 40000 DC C urrent G ain h FE DC C urrent G ain h FE 50000 125C
(V C E= 4V)
j- a( C/W)
hFE - I C Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
4
Typ
10000 5000
10000 5000
25C -30C
Transient Thermal Resistance
1
0.5
1000 1000 02 0.5 1 Collector Current I C( A) 5 8 500 0.2 0.5 1 Collector Current I C( A) 5 8
0.2
1
5
10
50 100 Time t(ms)
500 1000 2000
fT - IE Characteristics (Typical)
(V C E= 12V) 120 20
Safe Operating Area (Single Pulse)
80
10 m
P c - T a Derating
10 100 Cut- off F req uenc y f T( MH Z)
Typ
Collect or Cur ren t I C( A) 80
5
DC
0m
s
M aximum Power Dissipa ti on P C( W)
10
60
60
1 0.5 Without Heatsink Natural Cooling 0.1
40
40
20
20
0 -0.02
-0.1
-1
-8
0.05 3
5
10
50
100
200
3.5 0
Without Heatsink 0 50 100 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
3.0
2.5
s
W ith In fin ite he at si nk
151


▲Up To Search▲   

 
Price & Availability of 2SD2438

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X