Part Number Hot Search : 
ADUM1286 FDR8702H MTB001 H5N2901 MPC536 MAX5453 G1812 ON2624
Product Description
Full Text Search
 

To Download 2SD2133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2133
Silicon NPN epitaxial planar type
Unit: mm
3.80.2
For low-frequency power amplification driver Complementary to 2SB1413 I Features
* Low collector to emitter saturation voltage VCE(sat) * Output of 15 W can be obtained by a complementary pair with 2SB1413
10.80.2
7.50.2
4.50.2
0.650.1 2.50.1
0.850.1 1.00.1 0.8 C
90
0.8 C
16.01.0
0.70.1 0.70.1 1.150.2 1.150.2
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating 60 50 5 1.5 1 1.5 150 -55 to +150 Unit
0.8 C
0.50.1 1 2 3 2.050.2
0.40.1
V V V A A W C C
2.50.2
2.50.2
1: Base 2: Collector 3: Emitter MT-3 (MT3 Type Package)
I Electrical Characteristics TC = 25C
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Symbol ICBO VCBO VCEO VEBO hFE1 * hFE2 hFE3 Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Note) *: Rank classification Rank hFE1 Q 85 to 170 R 120 to 240 S 170 to 340 VCE(sat) VBE(sat) fT Cob Conditions VCB = 20 V, IE = 0 IC = 10 A, IE = 0 IC = 2 mA, IB = 0 IE = 10 A, IC = 0 VCE = 10 V, IC = 500 mA VCE = 5 V, IC = 1 A VCE = 10 V, IC = 1 mA IC = 500 mA, IB = 50 mA IC = 500 mA, IB = 50 mA VCB = 10 V, IE = -50 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 60 50 5 85 50 35 0.2 0.85 200 11 0.4 1.2 V V MHz pF 100 340 Min Typ Max 0.1 Unit A V V V
1
2SD2133
PC T a
2.0 Without heat sink 1.2 Ta=25C IB=10mA 9mA 1.0 8mA 7mA 1.0
Power Transistors
IC VCE
1.2 VCE=10V Ta=25C
IC I B
Collector power dissipation PC (W)
Collector current IC (A)
0.8
5mA 4mA
Collector current IC (A)
12
1.6
6mA
0.8
1.2
0.6 3mA 0.4
0.6
0.8
2mA
0.4
0.4
0.2
1mA
0.2
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0 0 2 4 6 8 10 12
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) IC
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 0.1 Ta=75C 0.03 Ta=-25C 0.01 Ta=25C
VBE(sat) IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 100 IC/IB=10 300
hFE IC
VCE=10V
Forward current transfer ratio hFE
250
10
200
Ta=75C Ta=25C
1
Ta=-25C Ta=75C Ta=25C
150
Ta=-25C 100
0.1
50
0.003 0.001 1 3 10 30 100 300 1000
0.01 1 10 100 1000
0 1 10 100 1000
Collector current IC (mA)
Collector current IC (A)
Collector current IC (mA)
f T IE
200 30
Cob VCB
Collector output capacitance Cob (pF) Collector to emitter voltage VCER (V)
IE=0 f=1MHz Ta=25C 100
VCER RBE
IC=10mA TC=25C
Transition frequency fT (MHz)
VCB=10V 180 f=200MHz TC=25C 160 140 120 100 80 60 40 20 0 -1
25
80
20
60
15
40
10
5
20
0 -2 -3 -5 -10 -20 -30 -50 -100 1 10 100
0 0.1
0.3
1
3
10
30
100
Emitter current IE (A)
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
2
Power Transistors
ICBO Ta
104 VCE=10V 10 3 ICP 103
2SD2133
Area of safe operation (ASO)
Single pulse TC=25C
Collector current IC (A)
1 0.3
IC
ICBO (Ta) ICBO (Ta=25C)
t=10ms
DC 0.1 0.03 0.01
102
10
0.003 1 0 20 40 60 80 100 120 140 160 0.001 0.1
0.3
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Rth(t) t
104 Without heat sink
Thermal resistance Rth(t) (C/W)
103
102
10
1
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SD2133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X