Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download 2SD1048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN694F
2SB815 / 2SD1048
PNP / NPN Epitaxial Planar Silicon Transistors
2SB815 / 2SD1048
General-Purpose AF Amplifier Applications
Features
*
Package Dimensions
unit : mm 2018B
[2SB815 / 2SD1048]
0.5
*
Ultrasmall package allows miniaturization in end products. Large current capacity (IC=0.7A) and low-saturation voltage.
0.4
0.16 0 to 0.1
3
1 0.95 0.95 2 1.9 2.9
0.5
1.5 2.5
1 : Base 2 : Emitter 3 : Collector
0.8 1.1
Specifications
( ) : 2SB815 Absolute Maximum Ratings at Ta=25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Conditions
SANYO : CP
Ratings (--)20 (--)15 (--)5 (--)0.7 (--)1.5 200 125 --55 to +125
Unit V V V A A mW C C
Electrical Characteristics at Ta=25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICBO IEBO hFE1 hFE2 Conditions VCB=(--)15V, IE=0 VEB=(--)4V, IC=0 VCE=(--)2V, IC=(--)50mA VCE=(--)2V, IC=(--)500mA Ratings min typ max (--)0.1 (--)0.1 (600*)900* Unit A A
(200*)200* 80
* : The 2SB815, 2SD1048 are classified by 50mA hFE as follows : 2SB815 2SD1048 200 200 B6 X6 400 400 300 300 B7 X7 600 600 450 X8 900
Continued on next page.
Note : Marking : B (2SB815), X (2SD1048) hFE rank : 6, 7 (2SB815), 6, 7, 8 (2SD1048)
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
41301 TS IM / 91098 HA (KT) / 8258MO / 4017 KI / 2173 KI, TS No.694-1/3
2SB815 / 2SD1048
Continued from preceding page.
Parameter Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Symbol fT Cob VCE(sat)1 VCE(sat)2 Conditions VCE=(--)10V, IC=(-)50mA VCB=(--)10V, f=1MHz IC=(--)5mA, IB=(-)0.5mA IC=(--)100mA, IB=(--)10mA Ratings min typ 250 (13)8 (-15)10 (-60)30 max Unit MHz pF mV mV
(-35)25 (--120)80
--800 --700
IC -- VCE
2SB815
A
800 700
IC -- VCE
2SD1048
50m A
mA 10
Collector Current, IC -- mA
Collector Current, IC -- mA
--5
--600 --500 --400 --300 --200 --100 0 0 --0.1
0 --3
mA
600 500 400 300 200 100
6m
0m
A
4mA
2mA
--1
0mA
--6mA
--2mA
1mA
--1mA
IB=0
--0.2 --0.3 --0.4 --0.5 ITR08396
0 0 0.1 0.2 0.3 0.4
IB=0
0.5 ITR08397
Collector-to-Emitter Voltage, VCE -- V
100
IB -- VBE
Collector-to-Emitter Voltage, VCE -- V
1000 7
f T -- IC
(For PNP, minus sign is omitted.)
80
VCE=5V Gain-Bandwidth Product, f T -- MHz
VCE=10V
5 3 2
Base Current, IB -- A
60
2SD1048
2SB
815
1048
2SB815
100 7 5 3 2
2SD
40
20
0 0 0.2 0.4 0.6 0.8 1.0 ITR08398
10 1.0
(For PNP, minus sign is omitted.)
2 3 5 7 10 2 3 5
Base-to-Emitter Voltage, VBE -- V
1000 7 5
hFE -- IC
2SD1048
Collector Current, IC -- mA
5 3
7 100 ITR08399
Cob -- VCB
VCE=2V Output Capacitance, Cob -- pF
f=1MHz
DC Current Gain, hFE
3 2
2
2SB
2SB815
815
10 7 5 3 2
2SD
1048
100 7 5 3 2
10 1.0
(For PNP, minus sign is omitted.)
23 5 10 23 5 100 23 5 1000 23 5
1.0 5 ITR08400
(For PNP, minus sign is omitted.)
7 1.0 2 3 5 7 10 2 3 5
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
ITR08401
No.694-2/3
2SB815 / 2SD1048
10000
VCE(sat) -- IC
IC / IB=10
300
PC -- Ta
Collector-to-Emitter Saturation Voltage, VCE(sat) -- mV
5 3 2 1000 5 3 2 100 5 3 2 10 5 1.0
Collector Dissipation, PC -- mW
2 3 5
250
200
150
2SB
815
100
2SD
104
8
50
(For PNP, minus sign is omitted.)
2 3 5 10 2 3 5 100
0 0 20 40 60 80 100 120 140
Collector Current, IC -- mA
1000 ITR08402
Ambient Temperature, Ta -- C
ITR08403
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of April, 2001. Specifications and information herein are subject to change without notice.
PS No.694-3/3


▲Up To Search▲   

 
Price & Availability of 2SD1048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X