Part Number Hot Search : 
GL3UR43 1N4737AE R5F3650 67040 1108HTSN L6388 250211B HD26C31
Product Description
Full Text Search
 

To Download 2SA1806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1806
Silicon PNP epitaxial planer type
For high speed switching
Unit: mm
1.60.15
s Features
q q q
0.4
0.80.1
0.4
0.2-0.05 0.15-0.05
+0.1
High-speed switching. Low collector to emitter saturation voltage VCE(sat). SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
Ratings -15 -15 -4 -100 -50 125 125 -55 ~ +125 Unit V V V mA mA mW C C
1.60.1
1.00.1
0.5
1
0.5
3
2
0.450.1 0.3
0.750.15
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Emitter 3:Collector
EIAJ:SC-75 SS-Mini Type Package
Marking symbol :
AK
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Turn-off time Storage time
(Ta=25C)
Symbol ICBO IEBO hFE1 hFE2 VCE(sat) fT Cob ton toff tstg
*
Conditions VCB = -8V, IE = 0 VEB = -3V, IC = 0 VCE = -1V, IC = -10mA VCE = -1V, IC = -1mA IC = -10mA, IB = - 1mA VCB = -10V, IE = 10mA, f = 200MHz VCB = -5V, IE = 0, f = 1MHz (Note 1) Next page (Note 1) Next page (Note 1) Next page
min
typ
0 to 0.1
0.20.1
max - 0.1 - 0.1
+0.1
s Absolute Maximum Ratings
Unit A A
50 30 - 0.1 800 1500 1 12 20 19
150
- 0.2
V MHz pF ns ns ns
*h
FE1
Rank classification
Rank hFE1 Q 50 ~ 120 AKQ R 90 ~ 150 AKR
Marking Symbol
1
Transistor
Switching time measurement circuit ton, toff Test Circuit
VBB 2k 0.1F Vin 51 52 VCC=-1.5V 62 Vout
2SA1806
PC -- Ta tstg Test Circuit
VBB=-10V 508 0.1F Vin 51 34 VCC=-3V 30 Vout
150
Collector power dissipation PC (mW)
125
100
75
Vin Vout
0
10% 90% 90% 10%
Vin Vout
0 90% 90% toff Vin=9.0V
50
25
ton toff Vin=-5.8V Vin=9.8V VBB=Ground VBB=-8.0V
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-60 Ta=25C -50 IB=-600A -500A -40 -400A -300A -30 -200A -20 -100A -10 -100 -30 -10 -3 -1
VCE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 -100 -30 -10 -3 -1
VBE(sat) -- IC
IC/IB=10
Collector current IC (mA)
Ta=75C 25C -25C
Ta=-25C 25C 75C
- 0.3 - 0.1 - 0.03 - 0.01 -1
- 0.3 - 0.1 - 0.03 - 0.01 -1
0 0 -2 -4 -6 -8 -10 -12
-3
-10
-30
-100 -300 -1000
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
hFE -- IC
240 VCE=-10V 2400
fT -- IE
Collector output capacitance Cob (pF)
VCB=-10V f=200MHz Ta=25C 2.4
Cob -- VCB
IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
200
Transition frequency fT (MHz)
2000
2.0
160
1600
1.6
120 Ta=75C 80 25C 40 -25C
1200
1.2
800
0.8
400
0.4
0 - 0.1 - 0.3
0 -1 -3 -10 -30 -100 1 3 10 30 100
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SA1806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X