Part Number Hot Search : 
01EDK3 MA11F 06780 13008 2SC3069 2SC454 SMS12 ISL59
Product Description
Full Text Search
 

To Download 2SA1492 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1492
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC3856) sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1492 -180 -180 -6 -15 -4 130(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SA1492 -100max -100max -180min 50min -2.0max 20typ 500typ V pF
20.0min 4.0max
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-180V VEB=-6V IC=-50mA VCE=-4V, IC=-3A IC=-5A, IB=-0.5A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
Unit
A A
V
19.90.3
4.0
a b
o3.20.1
MHz
2 3 1.05 +0.2 -0.1 0.65 +0.2 -0.1 1.4
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
5.450.1 B C E
sTypical Switching Characteristics (Common Emitter)
VCC (V) -40 RL () 4 IC (A) -10 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -1 IB2 (A) 1 ton (s) 0.6typ tstg (s) 0.9typ tf (s) 0.2typ
5.450.1
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (sa t)( V ) -15
-1
VCE( sat ) - IB Characteristics (Typical)
-3
I C - VBE Temperature Characteristics (Typical)
-15 (VCE=-4V)
-0.
6A
A
-0.
4A
Collector Current I C( A)
- 0 .2
-10
A
Collector Current I C( A)
-2
-10
-0 .1 A
mp) Temp )
Cas
(Case 25C
C (
IB=-20mA
IC=-10A -5A 0 0 -0.5 -1.0 -1.5 -2.0 0 0
0
0
-1
-2
-3
-4
-30C
125
(Case
-5
-50mA
-1
-5
e Te
-1 Base-Emittor Voltage V B E( V)
Temp)
-2
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
(V C E= -4V) 300 DC Curr ent Gain h FE DC Curr ent Gain h FE 200 25C 100 -30C
(V C E= -4V) 125C
j - a( C/W)
hFE - IC Characteristics (Typical)
h FE - IC Temperature Characteristics (Typical)
j-a - t Characteristics
3
Typ
100 50
Transient Thermal Resistance
1 0.5
50
10 -0.02
-0.1
-0.5
-1
-5 -10 -15
20 -0.02
-0.1
-0.5
-1
-5
-10 -15
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
f T - IE Characteristics (Typical)
(VCE=-12V) 30 -40
Safe Operating Area (Single Pulse)
130
3m
P c - T a Derating
Cut- off F re quen cy f T( MH Z)
-10 Collector Cur rent I C( A)
10
m
s
s
0m
M aximum Power Dissipa ti on P C( W)
10
Typ
20
s
100
W ith
-5
D
In
C
fin ite he at si nk
-1 -0.5
50
10
Without Heatsink Natural Cooling
0 0.02
0.1
1
10
-0.1 -3
-10
-100
-200
3.5 0
Without Heatsink 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
20


▲Up To Search▲   

 
Price & Availability of 2SA1492

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X