Part Number Hot Search : 
FPD6836 P003H BGD902 5HN02M C8015 12003 SH223SV CM1895
Product Description
Full Text Search
 

To Download 2N2920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2920
MECHANICAL DATA Dimensions in mm (inches)
8.51 (0.335) 9.40 (0.370) 7.75 (0.305) 8.51 (0.335)
6.10 (0.240) 6.60 (0.260)
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
1.02 (0.040) Max.
12.7 (0.500) Min.
0.41 (0.016) 0.53 (0.021) 5.08 (0.200) 2.54 (0.100)
2.54 (0.100)
3 2
4
5 6
0.74 (0.029) 1.14 (0.045)
1
45
0.71 (0.028) 0.86 (0.034)
TO-77 PACKAGE
PIN 1 - Collector 1 PIN 2 - Base 1 PIN 3 - Emitter 1 PIN 4 - Emitter 2 PIN 5 - Base 2 PIN 6 - Collector 2
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD PD TSTG TL NOTES
1. Base - Emitter Diode Open Circuited.
Collector - Base Voltage Collector - Emitter Voltage 1 Emitter - Base Voltage Continuous Collector Current Total Device Dissipation Total Device Dissipation
TAMB = 25C Derate above 25C TC = 25C Derate above 25C
Storage Temperature Range Lead temperature (Soldering, 10 sec.)
EACH SIDE TOTAL DEVICE 60V 60V 6V 30 300mW 500mW 1.72mW / C 2.86W / C 750mW 1.5W 4.3mW / C 8.6mW / C -65 to 200C 300C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 9/95
2N2920
ELECTRICAL CHARACTERISTICS (Tamb = 25C unless otherwise stated)
Parameter V(BR)CBO V(BR)EBO ICBO ICEO IEBO Test Conditions 1 IE = 0 IB = 0 IC = 0 IE = 0 TA = 150C VCE = 5V VEB = 5V VCE = 5V hFE DC Current Gain VCE = 5V VCE = 5V VBE VCE(sat) hib hob |hfe| Cobo Base - Emitter Voltage Collector - Emitter Saturation Voltage Small Signal Common - Base Input Impedance Small Signal Common - Base Output Admittance Small Signal Common - Base Current Gain Common - Base Open Circuit Output Capacitance * Pulse Test: tp = 300ms , d 1%. Parameter hFE1 hFE2 Test Conditions IC = 100mA IC = 100mA IC = 10mA to 1mA IC = 100mA TA2 = -55C IC = 100mA TA2 = 125C Min. Typ. Max. Unit VCE = 5V IB = 100mA VCB = 5V f = 1kHz VCB = 5V f = 1kHz VCE = 5V f = 20MHz VCB = 5V IE = 0 f = 140kHz to 1MHz IC = 500mA 3 6 IC = 1mA IB = 0 IC = 0 IC = 10mA TA = -55C IC = 100mA IC = 1mA IC = 100mA IC = 1mA IC = 1mA 25 150 40 225 300 0.70 0.35 32 1 V Min. 60 60 6 2 10 2 2 600 -- nA V Typ. Max. Unit
INDIVIDUAL TRANSISTOR CHARACTERISTICS IC = 10mA Collector - Base Breakdown Voltage
V(BR)CEO* Collector - Emitter Breakdown Voltage IC = 10mA Emitter - Base Breakdown Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current IE = 10mA VCB = 45V
mA
nA
W mmho
-- pF
TRANSISTOR MATCHING CHARACTERISTICS Static Forward Current Gain VCE = 5V
Balance Ratio See Note 2. VCE = 5V VCE = 5V VCE = 5V TA1 = 25C VCE = 5V TA1 = 25C
0.9
1 3 5 0.8
--
|VBE1 - VBE2| Base - Emitter Voltage Differential |D(VBE1 - VBE2)DTA| Base - Emitter Voltage Differential Change With Temperature NOTES
mV
mV
1
1) Terminals not under test are open circuited under all test conditions. 2) The lower of the two readings is taken as hFE1.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 9/95


▲Up To Search▲   

 
Price & Availability of 2N2920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X