Part Number Hot Search : 
MAX326 AMS402T A1185EUA 2SB1216 6256A W1T1G 2SCR346P A1000
Product Description
Full Text Search
 

To Download 2001267 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
PM5374 TSE-160
160 Gbit/s Transport Switching Element
FEATURES
* Supports multiple fabric architectures that range from 160 Gbit/s (one PM5374 TSE-160) to 640 Gbit/s (four TSE-160 devices) in a single stage, and beyond 10 Tbit/s using multi-stage fabrics. * Implements a Time-Space-Time fabric with STS-1/AU-3 granularity. * Provides Test Port functionality with 65th port. Transmit test port can snoop on any data arriving at a single receive link, or any data departing a single transmit link. Receive Test Port can be used to inject arbitrary data into the device. * Provides two independent time domains for frame alignment purposes. These time domains can be arranged in sets (faces) of 16 links. The selection of the time domains for each link interface is selectable through the software interface. * Supports STS-48 equivalent flows using SONET scrambling over LVDS links operating at 2.488. * Supports STS-12 equivalent flows using an extended 8B/10B protocol over LVDS links operating at 777.6 Mhz to support first generation CHESSTM interfaces. * Provides 65 ingress and egress STS-48 equivalent ports for a total of 65*48 = 3120 STS-1 flows. * Optionally supports 65 ingress and egress STS-12 equivalent ports for a total of 65*12 = 780 STS-1 flows. * Provides SONET scrambled 622 Mbit/s link operation, selectable per link face. * Supports non-blocking permutation switching at STS-1 granularity for the above supported flows. * Ports are grouped in sets (faces) of 16 links, and each face is configurable for STS-12 or STS-48 data rates. * Supports multi-plane (inverse multiplexed) switch architectures in conjunction with other CHESSTM components. * Interfaces to STS-192 devices by aggregating 16 STS-12, 8 STS-24, or 4 STS-48 equivalent flows. * Supports multicast and broadcast of STS-1 streams. * Detects and reports inactive or errored LVDS links via the microprocessor interface. * Supports two sets of switch settings (active and standby) and a controlled method of changing settings on STS-1 frame boundaries. * Supported by an efficient algorithm to compute control settings for all permutation loads for all supported fabric architectures. Algorithms are also available for multicast/broadcast allocation.
OSYSCLK
BLOCK DIAGRAM
SYSCLK
TJ0FPA
CMP_A
RP[1] RN[1]
Receive LVDS (RXLV) #1
Data Recovery Unit (DRU) #1
Rx SONET Data Framer (RSEF) #1 Rx SONET Data Framer (RSEF) #2
Rx Time Slot Interchange (RTSI) #1 Rx Time Slot Interchange (RTSI) #2 CrossBar Space Switch Element (SSWE)
RJOFP
CMP_B
TJ0FPB
Tx Time Slot Interchange (TTSI) #1
Tx Data Scrambler/ Encoder (TSEC) #1 Tx Data Scrambler/ Encoder (TSEC) #2
Serializer (PISO) #1
Transmit LVDS (TXLV) #1
TP[1] TN[1]
RP[2] RN[2]
Receive LVDS (RXLV) #2
Data Recovery Unit (DRU) #2
Tx Time Slot Interchange (TTSI) #2
Serializer (PISO) #2
Transmit LVDS (TXLV) #2
TP[2] TN[2]
* * *
RP[64] RN[64] Receive LVDS (RXLV) #64 Data Recovery Unit (DRU) #64 Rx SONET Data Framer (RSEF) #64 Rx SONET Data Framer (RSEF) #65 Rx Time Slot Interchange (RTSI) #64 Rx Time Slot Interchange (RTSI) #65
* * *
Tx Time Slot Interchange (TTSI) #64 Tx Data Scrambler/ Encoder (TSEC) #64 Tx Data Scrambler/ Encoder (TSEC) #65 Serializer (PISO) #64 Transmit LVDS (TXLV) #64 TP[64] TN[64]
RP[65] RN[65]
Receive LVDS (RXLV) #65
Data Recovery Unit (DRU) #65
Tx Time Slot Interchange (TTSI) #65
Serializer (PISO) #65
Transmit LVDS (TXLV) #65
TP[65] TN[65]
Microprocessor Interface
JTAG
Clock Synthesis Unit Interface (CSUI)
Clock Clock Clock Synthesis Clock Synthesis Synthesis UnitSynthesis (CSU) Unit (CSU) Unit (CSU) Unit (CSU)
A [15:0] D [15:0] RSTB CSB WDB RDB ALE INTB
REFCLK4N
TRSTB TCK TMS TDI TDO
REFCLK1N
REFCLK4P
REFCLK1P
REFCLK2N
REFCLK3N
PRES1
PRES2
PRES3
REFCLK2P
PMC-2001267 (P2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
REFCLK3P
(c) Copyright PMC-Sierra, Inc. 2001.
PRES4
Preliminary PM5374 TSE-160
160 Gbit/s Transport Switching Element
* Driven by a 155.52 MHz reference clock. * Implemented in 1.8 V core and 3.3 V I/O, 0.18 m CMOS and packaged in a 1152 ball FCBGA. * Requires no external RAMs or logic parts. * Provides a standard IEEE 1149.1 JTAG port. * Supports a 16-bit microprocessor interface which is used to initialize the device, to write switch settings into onchip control tables, and to monitor device performance.
APPLICATIONS
* * * * Optical cross connects. Multi-service provisioning platforms. SONET/SDH Add/Drop Multiplexers. SONET/SDH Digital Cross connects.
TYPICAL APPLICATIONS
MULTI-SERVICE SWITCH
Working and Protect 640 G PM5374 TSE-160 Fabric
2.488 Gbit/s Serial Backplane PM5307 TBS-9953 #1 2.488 Gbit/s Serial Backplane PM5307 TBS-9953 #33
SONET Side 1
PM5317 SPECTRA-9953 #1
Packet/Cell Side 1
PM7390 S/UNI-MACH-48 #1 Packets/Cells STS-48c or Smaller Channelization
STS-192
PM5374 TSE-160 Working #1 PM5374 TSE-160 Protected #1
2
4 x STS-48 PM5317 SPECTRA-9953 #2 PM5307 TBS-9953 #2
2
PM5307 TBS-9953 #34 PM5390 S/UNI-9953 #2 Packets/Cells STS-192c or 4 x STS-48c
PM5374 TSE-160 Working #2 PM5374 TSE-160 Protected #2
32
STS-192 PM5317 SPECTRA-9953 #32
* * *
2.488 Gbit/s Serial Backplane
PM5307 TBS-9953 #32 2.488 Gbit/s Serial Backplane
PM5374 TSE-160 Working #4
* * *
2.488 Gbit/s Serial Backplane
* * *
PM5390 S/UNI-9953 #32
32
Packets/Cells STS-192c or 4 x STS-48c
PM5374 TSE-160 Protected #4
PM5307 TBS-9953 #64 2.488 Gbit/s Serial Backplane
ADM Function
Head Office: PMC-Sierra, Inc. #105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
PMC-2001267 (P2) (c) Copyright PMC-Sierra, Inc. 2001. All rights reserved. S/UNI is a registered trademark of PMC-Sierra, Inc. SPECTRA and CHESS are trademarks of PMCSierra, Inc.


▲Up To Search▲   

 
Price & Availability of 2001267

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X