Part Number Hot Search : 
P6KE91PT 470MF 10N12 P504A T940004 CSOB4518 CSOB4518 10013
Product Description
Full Text Search
 

To Download 1N974 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
. Silicon planar power zener diodes . Standards zener voltage tolerance is 20%.Add suffix "A" for tolerance and suffix "B" for 5% tolerance other tolerance, non standards and higher zener voltage upon request 10%
1N957 THRU 1N978
0.5W SILICON PLANAR ZENER DIODES
MECHANICAL DATA
. Case: DO-35 glass case . Polarity: Color band denotes cathode end . Weight: Approx. 0.13gram
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25
)
Symbols
Zener current see table "Characteristics" Power dissipation at TA=75 Junction temperature Storage temperature range Ptot TJ TSTG
Value
Units
5001) 175 -65 to + 175
mW
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS(TA=25
)
Symbols
Thermal resistance junction to ambient Forward voltage at IF=200mA R
JA
Min.
Typ.
Max. 300 1) 1.5
Units /W
VF
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
1N957 THRU 1N978
0.5W SILICON PLANAR ZENER DIODES
1N957...1N978 SILICON PLANAR ZENER DIODES
Maximum Zener Voltage Range3) Type VZNOM V 1N957 1N958 1N959 1N960 1N961 1N962 1N963 1N964 1N965 1N966 1N967 1N968 1N969 1N970 1N971 1N972 1N973 1N974 1N975 1N976 1N977 1N978 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 IZT mA 18.5 16.5 15 14 12.5 11.5 10.5 9.5 8.5 7.8 7 6.2 5.6 5.2 4.6 4.2 3.8 3.4 3.2 3 2.7 2.5 5 11.5 13 16 17 21 25 29 33 41 49 58 70 80 93 105 125 1500 1000 750 0.25 700 0.5 5.5 4.5 ZZT zener impedence1) ZZK IZK mA 1
Typical Tempetature coefficient IR 2) A 150 75 50 10 5
Maximum Reverse Leakage Current Test-Voltage suffix A suffix B V 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8
Maximum Regulator Current IZM 2) mA 47 42 38 35 32 28 26 24 21 19 17 15 14 14 11 10 9.0 8.5 7.8 7.0 6.4 5.9
%/ 0.050 0.058 0.062 0.068 0.075 0.076 0.077 0.079 0.082 0.083 0.085 0.086 0.087 0.088 0.090 0.091 0.092 0.093 0.094 0.095 0.095 0.096
V 4.9 5.4 5.9 6.6 7.2 8 8.6 9.4 10.8 11.5 13 14.4 15.8 17.3
5
19.4 21.6 23.8 25.9 28.1 31 33.8 36.7
Notes: (1)The Zener impedance is derived from the 1kHz Ac voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT) is suprimposed on IZT Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2)Valid provided that leads are kept at ambient temperature at a distance of 8mm from case (3) Measured with device junction in thermal equilibrium.
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N974

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X