Part Number Hot Search : 
T9435 BZX55 MS3106 00500 LBN10006 OPB821TX CMDZ39V U3410
Product Description
Full Text Search
 

To Download 1N3154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N3154-1 THRU 1N3157-1 AVAILABLE IN JAN, JANTX, JANTXV
AND JANS PER MIL-PRF-19500/158
* 8.4 V0LT NOMINAL ZENER VOLTAGE * TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * METALLURGICALLY BONDED
1N3154 thru 1N3157A and 1N3154-1 thru 1N3157A-1
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
REVERSE LEAKAGE CURRENT
lR = 10 A @ 25C & VR = 5.5Vdc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
JEDEC TYPE NUMBER
ZENER VOLTAGE vz @ I ZT
ZENER TEST CURRENT I ZT
MAXIMUM VOLTAGE TEMPERATURE ZENER TEMPERATURE RANGE IMPEDANCE STABILITY ZZT V ZT MAXIMUM (Note 1) (Note 2) mV 130 172 65 86 26 34 13 17 C -55 to +100 -55 to +150 -55 to +100 -55 to +150 -55 to +100 -55 to +150 -55 to +100 -55 to +150
EFFECTIVE TEMPERATURE COEFFICIENT
FIGURE 1
% / C .01 .01 .005 .005 .002 .002 .001 .001
VOLTS 1N3154 1N3154A 1N3155 1N3155A 1N3156 1N3156A 1N3157 1N3157A 8.00--8.80 8.00--8.80 8.00--8.80 8.00--8.80 8.00--8.80 8.00--8.80 8.00--8.80 8.00--8.80
mA 10 10 10 10 10 10 10 10
OHMS 15 15 15 15 15 15 15 15
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive.
NOTE 1
Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal to 10% of l . ZT The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV at any discrete temperature between the established limits, per JEDEC standard No.5.
MOUNTING POSITION: ANY.
NOTE 2
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N3154
Pd, Rated Power Dissipation (mW)
thru 1N3157A INCLUDING -1 VERSIONS
600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
100 50 ZENER IMPEDANCE ZZT (OHMS)
TL, Lead temperature (C) 3/8" from body FIGURE 2
POWER DERATING CURVE
10
5
1 8 9 10 11 12 13
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
CHANGE IN TEMPERATURE COEFFICIENT ( %/C)
+.0015
+.0010
+.0005
0
-.0005
-.0010
-.0015
6
8 10 OPERATING CURRENT lZT (mA)
12
14
FIGURE 4
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of 1N3154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X