Part Number Hot Search : 
2N6377 CIM039P1 4A000 EB13C3 MC100B SSD25 IRLR8711 EVB71112
Product Description
Full Text Search
 

To Download XCR3128XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0
R
XCR3128XL 128 Macrocell CPLD
0 14
DS016 (v1.8) January 8, 2002
Preliminary Product Specification
Features
* * * * * Lowest power 128 macrocell CPLD 6.0 ns pin-to-pin logic delays System frequencies up to 145 MHz 128 macrocells with 3,000 usable gates Available in small footprint packages - 144-pin TQFP (108 user I/O pins) - 144-ball CS BGA (108 user I/O) - 100-pin VQFP (84 user I/O) Optimized for 3.3V systems - Ultra low power operation - 5V tolerant I/O pins with 3.3V core supply - Advanced 0.35 micron five layer metal EEPROM process - Fast Zero PowerTM (FZP) CMOS design technology Advanced system features - In-system programming - Input registers - Predictable timing model - Up to 23 available clocks per function block - Excellent pin retention during design changes - Full IEEE Standard 1149.1 boundary-scan (JTAG) - Four global clocks - Eight product term control terms per function block Fast ISP programming times Port Enable pin for additional I/O 2.7V to 3.6V supply voltage at industrial temperature range Programmable slew rate control per output Security bit prevents unauthorized access Refer to XPLA3 family data sheet (DS012) for architecture description
Description
The XCR3128XL is a 3.3V 128 macrocell CPLD targeted at power sensitive designs that require leading edge programmable logic solutions. A total of eight function blocks provide 3,000 usable gates. Pin-to-pin propagation delays are 6.0 ns with a maximum system frequency of 145 MHz.
TotalCMOS Design Technique for Fast Zero Power
Xilinx offers a TotalCMOS CPLD, both in process technology and design technique. Xilinx employs a cascade of CMOS gates to implement its sum of products instead of the traditional sense amp approach. This CMOS gate implementation allows Xilinx to offer CPLDs that are both high performance and low power, breaking the paradigm that to have low power, you must have low performance. Refer to Figure 1 and Table 1 showing the ICC vs. Frequency of our XCR3128XL TotalCMOS CPLD (data taken with eight resetable up/down, 16-bit counters at 3.3V, 25C).
70 60 Typical ICC (mA) 50 40 30 20 10 0 0 20 40 60 80 100 Frequency (MHz) 120 140
*
*
* * * * * *
DS016_01_112100
Figure 1: Typical ICC vs. Frequency at VCC = 3.3V, 25C
Table 1: Typical ICC vs. Frequency at VCC = 3.3V, 25C Frequency (MHz) Typical ICC (mA) 0 0 1 0.5 5 2.2 10 4.4 20 8.7 40 17.1 60 25.3 80 33.6 100 41.6 120 49.7 140 57.7
(c) 2002 Xilinx, Inc. All rights reserved. All Xilinx trademarks, registered trademarks, patents, and disclaimers are as listed at http://www.xilinx.com/legal.htm. All other trademarks and registered trademarks are the property of their respective owners. All specifications are subject to change without notice.
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
1
XCR3128XL 128 Macrocell CPLD
R
DC Electrical Characteristics Over Recommended Operating Conditions(1)
Symbol VOH VOL IIL IIH ICCSB ICC
(2)
Parameter Output High voltage Output Low voltage for 3.3V outputs Input leakage current I/O High-Z leakage current Standby current Dynamic current(3,4)
Test Conditions IOH = -8 mA IOL = 8 mA VIN = GND or VCC VIN = GND or VCC VCC = 3.6V f = 1 MHz f = 50 MHz
Min. 2.4 -10 -10 -
Max. 0.4 10 10 100 1 30 8 12 10
Unit V V A A A mA mA pF pF pF
CIN CCLK CI/O
Input pin capacitance(5) Clock input capacitance(5)
f = 1 MHz f = 1 MHz f = 1 MHz
I/O pin capacitance (5)
Notes: 1. See XPLA3 family data sheet (DS012) for recommended operating conditions. 2. See Figure 2 for output drive characteristics of the XPLA3 family. 3. See Table 1, Figure1 for typical values. 4. This parameter measured with a 16-bit, resetable up/down counter loaded into every function block, with all outputs disabled and unloaded. Inputs are tied to V CC or ground. This parameter guaranteed by design and characterization, not testing. 5. Typical values, not tested.
100 90 80 70 60 IOL (3.3V)
mA
50 40 30 20 10 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 IOH (2.7V) IOH (3.3V)
Volts
DS012_10_041901
Figure 2: Typical I/V Curve for the XPLA3 Family
2
www.xilinx.com 1-800-255-7778
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
R
XCR3128XL 128 Macrocell CPLD
AC Electrical Characteristics Over Recommended Operating Conditions(1,2)
-6 Symbol TPD1 TPD2 TCO TSUF TSU1(4) TSU2 TH(4) TWLH
(4)
-7 Max. 5.5 6.0 4.0 20 20 145 60 60 7.5 7.5 6.5 8.0 3.0 4.3 4.8 0 3.0 5.0 Min. Max. 7.0 7.5 5.0 20 20 119 60 60 9.3 9.3 8.3 9.3 Min. 3.0 5.4 6.3 0 4.0 6.0 -
-10 Max. 9.1 10.0 6.5 20 20 95 60 60 11.2 11.2 10.7 11.2 Unit ns ns ns ns ns ns ns ns ns ns ns MHz s s ns ns ns ns
Parameter Propagation delay time (single p-term) Propagation delay time (OR array)(3) Clock to output (global synchronous pin clock) Setup time (fast input register) Setup time (single p-term) Setup time (OR array) Hold time Global Clock pulse width (High or Low) P-term clock pulse width Input rise time Input fall time
Min. 2.5 3.5 4.0 0 2.5 4.0 -
TtPLH(4) TR(4) TL(4) fSYSTEM TINIT(4) TPOE(4) TPOD TPCO TPAO
(4) (4) (4)
Maximum system frequency ISP initialization time P-term OE to output enabled P-term OE to output disabled(6) P-term clock to output P-term set/reset to output valid
TCONFIG(4) Configuration time (5)
(4)
Advance
Notes: 1. Specifications measured with one output switching. 2. See XPLA3 family data sheet (DS012) for recommended operating conditions. 3. See Figure 4 for derating. 4. These parameters guaranteed by design and/or characterization, not testing. 5. Typical current draw during configuration is 9 mA at 3.6V. 6. Output CL = 5 pF.
Preliminary
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
3
XCR3128XL 128 Macrocell CPLD
R
Internal Timing Parameters(1,2)
-6 Symbol Buffer Delays TIN TFIN TGCK TOUT TEN Input buffer delay Fast Input buffer delay Global Clock buffer delay Output buffer delay Output buffer enable/disable delay 1.3 2.3 0.8 2.2 4.2 1.6 3.0 1.0 2.7 5.0 2.2 3.1 1.3 3.6 5.7 ns ns ns ns ns Parameter Min.(3) Max.(3) Min. -7 Max. Min. -10 Max. Unit
Internal Register and Combinatorial Delays TLDI TSUI THI TECSU TECHO TCOI TAOI TRAI TLOGI1 TLOGI2 Latch transparent delay Register setup time Register hold time Register clock enable setup time Register clock enable hold time Register clock to putput delay Register async. S/R to output delay Register async. recovery Internal logic delay (single p-term) Internal logic delay (PLA OR term) 1.0 0.3 2.0 3.0 1.3 1.0 2.5 4.0 2.0 2.5 1.0 0.5 2.5 4.5 1.6 1.3 2.3 5.0 2.7 3.2 1.2 0.7 3.0 5.5 2.0 1.6 2.1 6.0 3.3 4.2 ns ns ns ns ns ns ns ns ns ns
Feedback Delays TF ZIA delay 1.7 2.1 3.0 ns
Time Adders TLOGI3 TUDA TSLEW Fold-back NAND delay Universal delay Slew rate limited delay 6.0 1.7 4.0 Advance
Notes: 1. These parameters guaranteed by design and/or characterization, not testing. 2. See XPLA family data sheet (DS012) for timing model. 3. Contact Xilinx for update on advance specification.
-
7.5 2.2 5.0
-
9.5 2.7 6.0
ns ns ns
Preliminary
4
www.xilinx.com 1-800-255-7778
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
R
XCR3128XL 128 Macrocell CPLD
Switching Characteristics
VCC
S1 Component R1 R2 C1 VOUT R2 C1 Values 390 390 35 pF
R1 VIN
Measurement TPOE (High) TPOE (Low) TP
S1 Open Closed Closed
S2 Closed Open Closed
S2
Note: For TPOD, C1 = 5 pF. Delay measured at output level of VOL + 300 mV, VOH - 300 mV.
DS016_03_102401
Figure 3: AC Load Circuit
7.4 7.2 7.0 6.8 6.6
ns
+3.0V 90%
10% 0V
6.4 6.2 6.0 5.8 5.6 1 2 4 8 16 Number of Adjacent Outputs Switching
DS016_04_042800
TR
1.5 ns
TL
1.5 ns
Measurements: All circuit delays are measured at the +1.5V level of inputs and outputs, unless otherwise specified.
DS016_05_042800
Figure 5: Voltage Waveform
Figure 4: Derating Curve for TPD2
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
5
XCR3128XL 128 Macrocell CPLD
R
Pin Descriptions
Table 2: XCR3128XL User I/O Pins VQ100 Total User I/O Pins 84 CS144 108 TQ144 108
Table 3: XCR3128XL I/O Pins (Continued) Function Block 3 3 3 Macrocell 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 VQ100 62(1) 61 60 58 57 56 55 54 53 52 40 41 42 44 45 46 47 48 49 50 2 1 100 99 98 CS144 G13 G12(1) H13 H12 H11 J13 J12 J11 J10 K13 K12 K11 K10 M8 L8 K8 N9 L9 K9 N10 M10 L10 N11 M11 L11 M12 A1 A2 C3 B3 A3 TQ144 90 89(1) 88 87 86 84 83 82 81 80 79 78 77 60 61 62 63 65 66 67 68 69 70 71 72 74 1 143 142 141 140
Table 3: XCR3128XL I/O Pins Function Block 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 Macrocell 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VQ100 73(1) 72 71 70 69 68 67 65 64 63 75 76 77 78 79 80 81 83 84 85 CS144 B12 D11(1) D12 D13 E10 E11 E12 E13 F10 F12 F13 G10 G11 A13 A12 B11 A11 D10 C10 B10 D9 C9 B9 A9 D8 C8 TQ144 106 104(1) 102 101 100 99 98 97 96 94 93 92 91 107 109 110 111 112 113 114 116 117 118 119 120 121
3 3 3 3 3 3 3 3 3 3 3 3 3 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 5 5 5 5 5
6
www.xilinx.com 1-800-255-7778
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
R
XCR3128XL 128 Macrocell CPLD Table 3: XCR3128XL I/O Pins (Continued) TQ144 139 138 137 136 134 133 132 131 2 4(1) 5 6 7 8 9 10 11 12 14 15 16 56 55 54 53 46 45 44 Function Block 7 7 7 7 7 7 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
Notes: 1. JTAG pins
Table 3: XCR3128XL I/O Pins (Continued) Function Block 5 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 7 7 7 7 7 7 7 7 7 7 Macrocell 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 VQ100 97 96 94 93 92 4(1) 5 6 7 8 9 10 12 13 14 37 36 35 33 32 31 CS144 C4 B4 A4 D5 B5 A5 D6 C6 B1 D2(1) D1 E4 E3 E2 E1 F4 F3 F2 G2 G1 G3 N7 M7 N6 M6 M5 L5 K5 -
Macrocell 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VQ100 30 29 28 27 15(1) 16 17 19 20 21 22 23 24 25 -
CS144 N4 M4 L4 K4 N3 M3 H1 H2(1) H3 H4 J1 J3 J4 K1 K2 K3 L1 M2 N1
TQ144 42 41 40 39 38 37 18 20(1) 21 22 23 25 26 27 28 29 30 31 32
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
7
XCR3128XL 128 Macrocell CPLD
R
Table 4: XCR3128XL Global, JTAG, Port Enable, Power, and No Connect Pins Pin Type IN0 / CLK0 IN1 / CLK1 IN2 / CLK2 IN3 / CLK3 TCK TDI TDO TMS PORT_EN Vcc VQ100 90 89 88 87 62 4 73 15 11(1) 3, 18, 34, 39, 51, 66, 82, 91 CS144 D7 C7 A7 B7 G12 D2 D11 H2 F1(1) A10, B2, B6, B8, D4, F11, J2, K6, K7, L13, N5, N12 TQ144 128 127 126 125 89 4 104 20 13(1) 24, 50, 51, 58, 73, 76, 95, 115, 123, 130, 144
Table 4: XCR3128XL Global, JTAG, Port Enable, Power, and No Connect Pins Pin Type GND VQ100 26, 38, 43, 59, 74, 86, 95 CS144 TQ144 A6, A8, C5, 3, 17, 33, C13, D3, 52, 57, 59, G4, H10, 64, 85, 105, L6, L7, M9, 124, 129, N2, N8 135 B13, C1, C2, C11, C12, L2, L3, L12, M1, M13, N13 19, 34, 35, 36, 43, 47, 48, 49, 75, 103, 108, 122
No Connects
-
Notes: 1. Port Enable is brought High to enable JTAG pins when JTAG pins are used as I/O. See family data sheet (DS012) for full explanation.
8
www.xilinx.com 1-800-255-7778
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
R
XCR3128XL 128 Macrocell CPLD
Ordering Information
Example:
Device Type Speed Grade
XCR3128XL -7 VQ 100 C
Temperature Range Number of Pins Package Type
Device Ordering Options
Speed -10 -7 -6 10 ns pin-to-pin delay 7.5 ns pin-to-pin delay 6 ns pin-to-pin delay VQ100 CS144 TQ144 Package 100-pin Very Thin Quad Flat Package 144-ball Chip Scale Package 144-pin Thin Quad Flat Pack Temperature C = Commercial I = Industrial TA = 0C to +70C VCC = 3.0V to 3.6V TA = -40C to +85C VCC = 2.7V to 3.6V
Component Availability
Pins Type Code
XCR3128XL
100 Plastic VQFP VQ100 -6 -7 -10 (C) C, (I) C,I
144 Plastic TQFP TQ144 (C) C, (I) C,I
144 Plastic BGA CS144 (C) C, (I) C,I
Notes: 1. Parenthesis indicate future planned products. Please contact Xilinx for up-to-date information.
DS016 (v1.8) January 8, 2002 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
9
XCR3128XL 128 Macrocell CPLD
R
Revision History
The following table shows the revision history for this document. Date 04/07/00 05/03/00 11/20/00 12/08/00 01/17/01 04/11/01 04/19/01 08/10/01 01/08/02 Version 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 Initial Xilinx release. Minor updates and added Boundary Scan to pinout table. Updated pinout tables; corrected note in Table 4 to read: "port enable pin is brought High". Updated pinout tables. Removed Timing Model. Added Typical I/V curve, Figure 2; added Table 2: Total User I/O; changed VOH spec. Updated Typical I/V curve, Figure 2: added voltage levels. Moved Figure 1 and Table 1 to first page. Changed VQ144 to VQ100 in Table 2. Updated TSUF and TFIN spec to match software timing. Added single p-term setup time (TSU1) to AC Table, renamed TSU to TSU2 for setup time through the OR array. Added TINIT spec. Updated TCONFIG spec. Updated THI spec to correct a typo. Updated AC Load Circuit diagram to more closely resemble true test conditions, added note for TPOD delay measurement. Revision
10
www.xilinx.com 1-800-255-7778
DS016 (v1.8) January 8, 2002 Preliminary Product Specification


▲Up To Search▲   

 
Price & Availability of XCR3128XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X