Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search
 

To Download UPD75328GC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD75328
4-BIT SINGLE-CHIP MICROCOMPUTER
DESCRIPTION
The PD75328 is one of the 75X Series 4-bit single-chip microcomputer, and has a data processing capability comparable to that of an 8-bit microcomputer. In addition to high-speed operation with 0.95 s minimum instruction execution time for the CPU, the
PD75328 can also process data in 1-, 4-, and 8-bit units. Therefore, as a 4-bit single-chip microcomputer
chip having a built-in LCD controller/driver and A/D converter, its data processing capability is the highest in its class in the world. The PD75P328 with one-time PROM, which is replaced with the internal mask ROM for a PD75328, is applicable for evaluating systems under development, or for small-scale production of developed systems. "Detailed functions are described in the following user's manual. Be sure to read it for designing."
" PD75328 User's Manual: IEM-5045"
FEATURES
* Capable of high-speed operation and variable instruction execution time to power save * 0.95 s, 1.91 s, 15.3 s (Main system clock: operating at 4.19 MHz) * 122 s (Subsystem clock: operating at 32.768 kHz) * 75X architecture comparable to that for an 8-bit microcomputer is employed * Built-in programmable LCD controller/driver * Built-in 8-bit resolution A/D converter: 6 channels * Clock operation at reduced power dissipation: 5 A TYP. (operating at 3 V) * Timer function: 3 channels * Interrupt functions especially enhanced for applications, such as remote control receiver * Pull-up resistors can be provided for 35 I/O lines * Built-in NEC standard serial bus interface (SBI)
APPLICATIONS
Cameras, blood pressure gauges, airconditioners, etc.
ORDERING INFORMATION
Part Number Package 80-pin plastic QFP (s 14mm) s Quality Grade Standard
PD75328GC-xxx-3B9
Remarks: xxx is ROM code number.
Please refer to "Quality Grade on NEC Semiconductor Devices" (Document Number IEI-1209) published by NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The information in this document is subject to change without notice.
Document No. IC-2763B (O. D. No. IC-7628D) Date Published November 1993 P Printed in Japan
The mark 5 shows the major revised points.
(c) NEC Corporation 1990
PD75328
FUNCTIONAL OUTLINE (1/2)
Item Number of Basic Instructions Instruction Execution Time Internal Memory ROM RAM 41
Function
0.95, 1.91, and 15.3 s, (Main system clock: operating at 4.19 MHz) 122 s (Subsystem clock: operating at 32.768 kHz) 8064 x 8-bit 512 x 4-bit 4-bit manipulation: 8x4 banks, 8-bit manipulation: 4x4 banks 8 44 20 8 8 CMOS Input pins CMOS input/output pins CMOS output pins N-ch open-drain input/output Internal pull-up resistor specification by software is possible (except P00). Also serve as segment pins Withstand voltage: 10V Internal pull-up resistor specification by mask option is possible.
General-Purpose Registers I/O Line Including the pins which also serve as LCD drive pins. Excluding the pins which is specifically provided for driving LCD. LCD Controller/ Driver
* LCD drive output pins * Segment output pins: 20 (CMOS output pins: 8) * Common output pins: 4 * Capable of driving up to 20 x 4 segments * Display output mode: Static, 1/2, 1/3, 1/4 duty 8-bit resolution x 6 channels (successive approximation type) * Operating voltage VDD = 3.5 to 6.0 V * A/D conversion speed 40.1 s (operating at 4.19 MHz) 8-bit timer/event counter * Clock source: 4 steps * Event count is possible
A/D Converter
Timer MHz)
3 chs
8-bit basic interval timer * Reference time generation (1.95, 7.82, 31.3, 250 ms: operating at 4.19 * Can be used as watchdog timer Clock timer * 0.5 second interval generation * Count clock source slectable (4.19 MHz/32.768 kHz) * Clock advance mode (3.9 ms time interval generation) * Buzzer output (2 kHz)
Serial Interface Bit Sequential Buffer Clock Output (PCL) Buzzer Output (BUZ) Vector Interrupt Test Input
Clock * * *
synchronized serial interface Internal NEC standard serial bus interface (SBI mode) 3-line serial I/O mode ... MSB/LSB first selectable 2-line serial I/O mode
Special bit manipulation memory: 16 bits , 524, 262, 65.5 kHz (Main system clock: 4.19 MHz) 2 kHz (with main system clock or subsystem clock operated) * External: 3 * Internal: 3 * External: 1 * Internal: 1
2
PD75328
FUNCTIONAL OUTLINE (2/2)
Item System Clock Generator Standby Operating Temperature Range Operating Supply Voltage Package
Function * Main system clock generation ceramic/crystal oscillator; 4.194304 MHz * Subsystem clock generation crysal oscillator: 32.768 kHz STOP/HALT mode -40 to +85C VDD = 2.7 to 6.0 V 80-pin plastic QFP (s 14 mm) s
3
PD75328
CONTENTS 1. 2. 3. PIN CONFIGURATION (TOP VIEW) ........................................................................................ 6 BLOCK DIAGRAM ......................................................................................................................7 PIN FUNCTIONS ........................................................................................................................8
3.1 3.2 3.3 3.4 3.5 3.6 PORT PINS ........................................................................................................................................ 8 NON PORT PINS ............................................................................................................................ 10 PIN INPUT/OUTPUT CIRCUITS ................................................................................................... 12 RECOMMENDED PROCESSING OF UNUSED PINS .................................................................. 14 SELECTION OF MASK OPTION ................................................................................................... 15 NOTES ON USING THE P00/INT4, AND RESET PINS .............................................................. 15
4. 5.
MEMORY CONFIGURATION ................................................................................................. 16 PERIPHERAL HARDWARE FUNCTIONS ............................................................................... 18
5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 PORTS ............................................................................................................................................. 18 CLOCK GENERATOR CIRCUIT ..................................................................................................... 19 CLOCK OUTPUT CIRCUIT ............................................................................................................. 20 BASIC INTERVAL TIMER .............................................................................................................. 21 WATCH TIMER ............................................................................................................................... 22 TIMER/EVENT COUNTER ............................................................................................................. 22 SERIAL INTERFACE ....................................................................................................................... 24 LCD CONTROLLER/DRIVER ......................................................................................................... 26 A/D CONVERTER .......................................................................................................................... 28
5.10 BIT SEQUENTIAL BUFFER .... 16 BITS ....................................................................................... 29
6. INTERRUPT FUNCTIONS ......................................................................................................... 29 7. STANDBY FUNCTIONS ............................................................................................................ 31 8. RESET FUNCTION .................................................................................................................... 32 9. INSTRUCTION SET ................................................................................................................. 34
10. ELECTRICAL SPECIFICATIONS ............................................................................................. 40 11. CHARACTERISTIC CURVES (REFERENCE VALUE) ............................................................ 53 12. PACKAGE DRAWINGS ........................................................................................................... 59 13. RECOMMENDED SOLDERING CONDITIONS ...................................................................... 61
4
PD75328
APPENDIX A. COMPARISON OF FEATURES BETWEEN PD75328 AND PD75308 ........ 62 APPENDIX B. DEVELOPMENT TOOLS ...................................................................................... 63 APPENDIX C. RELATED DOCUMENTS ..................................................................................... 64
5
PD75328
1. PIN CONFIGURATION (Top View)
P73/KR7 P72/KR6 P71/KR5 P70/KR4 P63/KR3 P62/KR2 P61/KR1 P60/KR0 RESET
AVREF
AVSS
AN5
AN4
S31/BP7 S30/BP6 S29/BP5 S28/BP4 S27/BP3 S26/BP2 S25/BP1 S24/BP0 S23 S22 S21 S20 S19 S18 S17 S16 S15 S14 S13 S12
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 1 60 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42
AN3
XT2
XT1
VDD
NC
X2
X1
AN2 AN1 AN0 P83 P82 P81 P80 P33 P32 P31/SYNC P30/LCDCL P23/BUZ P22/PCL P21 P20/PTO0 P13/TI0 P12/INT2 P11/INT1 P10/INT0 P03/SI/SB1
20 41 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PD75328GC- xxx -3B9
COM0
COM1
COM2
COM3
BIAS
VLC0
VLC1
VLC2
P40
P41
P42
P43
V SS
P00/INT4
P01/SCK
P00-P03 : Port 0 P10-P13 : Port 1 P20-P23 : Port 2 P30-P33 : Port 3 P40-P43 : Port 4 P50-P53 : Port 5 P60-P63 : Port 6 P70-P73 : Port 7 P80-P83 : Port 8 BP0-BP7 : Bit Port KR0-KR7 : Key Return SCK SI SO RESET AVREF 6 : Serial Clock : Serial Input : Serial Output : Reset Input : Analog Reference
AVSS AN0-AN5 S12-S31 COM0-COM3 VLC0-VLC2 BIAS LCDCL SYNC TI0 PTO0 BUZ PCL INT2 X1,X2 XT1,XT2 NC
: Analog Ground : Analog Input 0-5 : Segment Output 12-31 : Command Output 0-3 : LCD Power Supply 0-2 : LCD Power Supply Bias Control : LCD Clock : LCD Synchronization : Timer Input 0 : Programmable Timer Output 0 : Buzzer Clock : Programmable Clock : External Test Input 2 : Main System Clock Oscillation 1,2 : Subsystem Clock Oscillation 1,2 : No Connection
INT0,INT1,INT4 : External Vectored Interrupt 0,1,4
SB0,SB1 : Serial Bus 0,1
P02/SO/SB0
P50
P51
P52
P53
AN0-AN5 6 AV REF AV SS
2.
A/D CONVERTER PORT 0 4 P00-P03
BLOCK DIAGRAM
BASIC INTERVAL TIMER INTBT TI0/P13 PTO0/P20 TIMER/EVENT COUNTER #0 INTT0 PROGRAM COUNTER (13) CY ALU BANK SP (8)
PORT 1
4
P10-P13
PORT 2
4
P20-P23
PORT 3
4
P30-P33
PORT 4
4
P40-P43
BUZ/P23
WATCH TIMER GENERAL REG. INTW f LCD PROGRAM MEMORY (ROM) 8064 x 8 BITS
PORT 5
4
P50-P53
PORT 6
4
P60-P63
SI/SB1/P03 SO/SB0/P02 SCK/P01
CLOCKED SERIAL INTERFACE INTCSI
DECODE AND CONTROL
PORT 7 DATA MEMORY (RAM) 512 x 4 BITS
4
P70-P73
PORT 8
4
P80-P83
12 INT0/P10 INT1/P11 INT2/P12 INT4/P00 KR0/P60 -KR7/P73 INTERRUPT CONTROL 8 CLOCK OUTPUT CONTROL LCD CONTROLLER /DRIVER STAND BY CONTROL CPU CLOCK f LCD 8
S12-S23 S24/BP0 -S31/BP7 COM0-COM3
4
f X /2 CLOCK DIVIDER
N
PD75328
BIT SEQ. BUFFER (16)
SYSTEM CLOCK GENERATOR SUB MAIN
3
V LC0 -V LC2 BIAS LCDCL/P30 SYNC/P31
PCL/P22
XT1 XT2 X1
X2
7
V DD
V SS RESET
PD75328
3.
3.1
PIN FUNCTIONS
PORT PINS (1/2)
Input/ Output Circuit TYPE*1 B
Also Served Pin Name Input/Output As
Function
8-Bit I/O
When Reset
P00
Input Input/ Output Input/ Output Input/ Output
INT4
P01 P02
SCK SO/SB0
4-bit input port (PORT0) Pull-up resistors can be specified in 3-bit units for the P01 to P03 pins by software.
F -A X Input F -B
P03 P10 P11 P12 P13 P20 P21 P22 P23 P30* P31*
2
SO/SB1 INT0 With noise elimination function 4-bit input port (PORT1) Internal pull-up resistors can be specified in 4-bit units by software. X Input
M -C
Input
INT1 INT2 TI0 PTO0
B -C
Input/ Output
-- PCL BUZ LCDCL
4-bit input/output port (PORT2) Internal pull-up resistors can be specified in 4-bit units by software.
X
Input
E-B
2
P32*2 P33*2
Input/ Output
SYNC -- --
Programmable 4-bit input/output port (PORT3) This port can be specified for input/ output in bit units. Internal pull-up resistors can be specified in 4-bit units by software. N-ch open-drain 4-bit input/output port (PORT4) Internal pull-up resistors can be specified in bit units. (mask option) Resistive voltage is 10 V in the opendrain mode.
X
Input
E-B
P40-43*
2
Input/ Output
--
q Input/ Output N-ch open-drain 4-bit input/output port (PORT5) Internal pull-up resistors can be specified in bit units. (mask option) Resistive voltage is 10 V in the opendrain mode.
High level (with internal pull-up resistor) or high impedance High level (with internal pull-up resistor) or high impedance
M
P50-53*2
--
M
*1: Circles indicate Schmitt trigger inputs. 2: Can directly drive LED.
8
PD75328
3.1 PORT PINS (2/2)
Input/ Output Circuit TYPE*1
Pin Name Input/Output Also Served As P60 P61 P62 P63 P70 P71 P72 P73 P80 P81 P82 P83 BP0 BP1 Output BP2 BP3 BP4 BP5 Output BP6 BP7 S30 S31 S26 S27 S28 S29 S24 S25 Input/ Output -- Input/ Output Input/ Output KR0 KR1 KR2 KR3 KR4 KR5 KR6 KR7
Function
8-Bit I/O
When Reset
Programmable 4-bit input/output port (PORT6) This port can be specified for input/ output in bit units. Internal pull-up resistors can be specified in 4-bit units by software.
Input q
F -A
4-bit input/output port (PORT7) Internal pull-up resistors can be specified in 4-bit units by software.
Input
F -A
4-bit input/output port (PORT8) Internal pull-up resistors can be specified in 4-bit units by software.
X
Input
E-B
1-bit output port (BIT PORT) Shared with a segment output pin.
X
*2
G-C
*1: Circles indicate schmidt trigger inputs. 2: For BP0-7, VLC1 indicated below are selected as the input source. However, the output level is changed depending on BP0-7 and the VLC1 external circuits. Example: Since BP0-7 are connected to each other within the PD75328 as shown in the diagram below, the output level of BP0-7 depends on the sizes of R1, R2 and R3.
PD75328
V DD
R2 BP 0 V LC1 ON
R1 ON
BP 1
R3
9
PD75328
3.2 NON PORT PINS
Input/ Output Circuit TYPE*1 B -C E-B E-B E-B F -A F -B M -C B
Also Served Pin Name Input/Output As TI0 PTO0 PCL BUZ SCK SO/SB0 SI/SB1 INT4 INT0 Input INT1 P11 Input Output Input/ Output Input/ Output Input/ Output Input/ Output Input/ Output Input P13 P20 P22 P23 P01 P02 P03 P00 P10
Functon
When Reset
Timer/event counter external event pulse Input Timer/event counter output Clock output Fixed frequency output (for buzzer or for trimming the system clock) Serial clock input/output Serial data output Serial bus input/output Serial data input Serial bus input/output Edge detection vector interrupt input (both rising and falling edge detection are effective) Edge detection vector interrupt input (detection edge can be selected) Clock synchronous
Input Input Input Input Input Input Input Input
Input Asynchronous
B -C
INT2
Input
P12
Edge detection testable input (rising edge detection) Asynchronous
Input
B -C
KR0-KR3 KR4-KR7 S12-S23 S24-S31 COM0COM3 VLC0-VLC2 BIAS LCDCL*3 SYNC*3 AN0-AN5 AVREF AVSS
Input/ Output Input/ Output Output Output Output -- Output Input/ Output Input/ Output Input Input --
P60-P63 P70-P73 -- BP0-7 -- -- -- P30 P31 -- -- --
Parallel falling edge detection testable input/output Parallel falling edge detection testable input/output
Input Input *4 *4 *4 -- *5 Input Input Input Input --
F -A F -A G-A G-C G-B --
Segment signal output Segment signal output Common signal output LCD drive power Step-down resistor network (mask option) External expanded driver for disconnect output Externally expanded driver for clock output Externally expanded driver sync clock output 6-bit analog input for A/D converter A/D converter reference voltage input GND potential for A/D converter reference voltage input. Connected to VSS.
E-B E-B Y Z --
10
PD75328
(cont'd)
Input/ Output Circuit TYPE*1
Pin Name Input/Output Also Served As
Function
When Reset
X1, X2
--
--
To connect the crystal/ceramic oscillator to the main system clock generator. When inputting the external clock, input the external clock to pin X1, and the reverse phase of the external clock to pin X2. To connect the crystal oscillator to the subsystem clock generator. When the external clock is used, pin XT1 inputs the external clock. In this case, pin XT2 must be left open. Pin XT1 can be used as a 1-bit input pin. System reset input No connection Positive power supply GND
--
--
XT1, XT2
--
--
--
--
RESET NC *2 VDD VSS
Input -- -- --
-- -- -- --
-- -- -- --
B -- -- --
*1: Circles indicate schmidt trigger inputs. 2: When sharing the printed circut board with the PD75P328, the NC pin must be connected to VDD. 3: These pins are provided for future system expansion. At present, these pins are used only as pins P30 and P31. 4: For these display output, VLCX indicated below are selected as the input source. S12 to S31: VLC1, COM0 to COM2: VLC2, COM3: VLC0 However, display output level varies depending on the particular display output and VLCX external circuit. Example: Since BP0-7 are connected to each other within the PD75328 as shown in the diagram below, the output level of BP0-7 depends on the size of R1, R2 and R3.
PD75328
V DD
R2 BP 0 V LC1 ON
R1 ON
BP 1
R3
5: Step-down resistor network provided
: Low level High impedance
Step-down resistor network not provided :
11
PD75328
3.3 PIN INPUT/OUTPUT CIRCUITS
The following shows a simplified input/output circuit diagram for each pin of the PD75328.
TYPE A (for TYPE E-B)
VDD
TYPE D (for TYPE E- B, F- A)
VDD data
P-ch
P-ch OUT
IN output disable
N-ch
N-ch
Input buffer of CMOS standard
Push-pull output that can be set in a output high-impedance state (both P-ch and N-ch are off) TYPE E-B
TYPE B
VDD P.U.R. P.U.R. enable P-ch
IN data Type D output disable IN/OUT
Type A
Schmitt trigger input with hysteresis characteristics
P.U.R. : Pull-Up Resistor
TYPE B-C
TYPE F-A
VDD P.U.R. P.U.R. enable P-ch
VDD P.U.R. P-ch P.U.R. enable
data Type D output disable
IN/OUT
IN
Type B
P.U.R. : Pull-Up Resistor Schmitt trigger input with hysteresis characteristics
P.U.R. : Pull-Up Resistor
12
PD75328
TYPE F-B
VDD P.U.R. P.U.R. enable VDD P-ch P-ch
TYPE G- C
V DD P-ch
output disable (P) data output disable
V LC0 V LC1
IN/OUT N-ch output disable (N) SEG data/Bit Port data
P-ch OUT N-ch V LC2 N-ch
P.U.R. : Pull-Up Resistor
TYPE G-A
TYPE M
VDD P.U.R. enable (Mask option) P-ch data P-ch output disable
V LC0
IN/OUT
V LC1 SEG data N-ch V LC2 N-ch
N-ch
OUT
Middle voltage input buffer (resistive voltage: +10 V) P.U.R. : Pull-Up Resistor
TYPE G-B
TYPE M-C
VDD
V LC0 P-ch V LC1 P-ch N-ch OUT COM data N-ch P-ch V LC2 N-ch data output disable P.U.R. enable
P.U.R. P-ch IN/OUT N-ch
P.U.R. : Pull-Up Resistor
13
PD75328
TYPE Y
TYPE Z
V DD IN V DD Sampling C AVSS P-ch N-ch + -
IN
Reference voltage
AVSS Reference voltage (from a voltage tap of series resistor string) input enable AVSS
3.4
RECOMMENDED PROCESSING OF UNUSED PINS Pin P00/INT4 P01/SCK P02/SO/SB0 P03/SI/SB1 P10/INT0-P12/INT2 P13/TI0 P20/PTO0 P21 P22/PCL P23/BUZ P30-P33 P40-P43 P50-P53 P60-P63 P70-P73 P80-P83 S12-S23 S24/BP0-S31/BP7 COM0-COM3 VLC0-VLC2 BIAS XT1 XT2 AVREF AVSS AN0-AN5 Connect to VSS Connect to VSS only when All of the VLC0-VLC2 pins are unused, otherwise, open. Connect to VSS or VDD Open Connect to VSS Connect to VSS Connect to VSS or VDD Open Input : Connect to VSS or VDD Output: Open Connect to VSS Connect to VSS or VDD Recommended Connections Connect to VSS
14
PD75328
3.5 SELECTION OF MASK OPTION
The following mask operations are available and can be specified for each pin.
Table 3-1 Mask Option Selection
Pin P40-P43, P50-P53 VLC0-VLC2 BIAS With pull-up resistor With voltage dividing resistor for LCD drive power source With feed back resistor (when using the subsystem clock) Mask Option Without pull-up resistor Without voltage dividing resistor for LCD drive power source Without feed back resistor (when using the subsystem clock) Remarks Specification in bit units Specification in 4-bit units
XT1, XT2
3.6
NOTES ON USING THE P00/INT4, AND RESET PINS
5
In addition to the functions described in Sections 3.1 and 3.2, an exclusive function for setting the test mode, in which the internal fuctions of the PD75328 are tested, is provided to the P00/INT4 and RESET pins. If a voltage exceeding VDD is applied to either of these pins, the PD75328 is put into test mode. Therefore, even when the PD75328 is in normal operation, if noise exceeding the VDD is input into any of these pins, the PD75328 will enter the test mode, and this will cause problems for normal operation. As an example, if the wiring to the P00/INT4 pin or the RESET pin is long, stray noise may be picked up and the above montioned problem may occur. Therefore, all wiring to these pins must be made short enough to not pick up stray noise. If noise cannot be avoided, suppress the noise using a capacitor or diode as shown in the figure below. * Connect a diode having a low VF across P00/INT4 and RESET, and VDD.
VDD
* Connect a capacitor across P00/INT4 and RESET, and VDD.
VDD
Low VF diode P00/INT4, RESET
VDD
VDD
P00/INT4, RESET
15
PD75328
4. MEMORY CONFIGURATION
* Program memory (ROM) ... 8064 words x 8 bits
* 0000H, 0001H : Vector table to which address from which program is started is written after reset * 0002H-000BH : Vector table to which address from which program is started is written after interrupt * 0020H-007FH : Table area referenced by GETI instruction
* Data memory * Data area .... 512 words x 4 bits (000H-1FFH) * Peripheral hardware area .... 128 words x 4 bits (F80H-FFFH)
Address 7 0000H MBE 6 0 5 0 Internal reset start address (upper 5 bits) Internal reset start address (lower 8 bits) 0002H MBE 0 0 INTBT/INT4 start address (upper 5 bits) INTBT/INT4 start address (lower 8 bits) 0004H MBE 0 0 INT0 start address (upper 5 bits) INT0 start address (lower 8 bits) 0006H MBE 0 0 INT1 start address (upper 5 bits) INT1 start address (lower 8 bits) 0008H MBE 0 0 INTCSI start address (upper 5 bits) INTCSI start address (lower 8 bits) 000AH MBE 0 0 INTT0 start address (upper 5 bits) INTT0 start address (lower 8 bits) CALLF !faddr instruction entry address 0
CALL ! addr instruction subroutine entry address
BRCB ! caddr BR ! addr instruction instruction branch branch address address
0020H GETI instruction reference table 007FH 0080H
BR $addr instruction relational branch address (-15 to -1, +2 to +16)
07FFH 0800H
Branch destination address and subroutine entry address for GETI instruction
0FFFH 1000H
1F7FH
Fig. 4-1 Program Memory Map
16
PD75328
General-purpose register area
000H (8 x 4) 007H 008H Bank 0
Data area Static RAM (512 x 4)
Stack area
256 x 4 (248 x 4)
0FFH 100H
256 x 4 (236 x 4) Bank 1 1EBH Display data memory 1ECH (20 x 4) 1FFH Not provided F80H
Peripheral hardware area
128 x 4
Bank 15
FFFH
Fig. 4-2 Data Memory Map
17
PD75328
5.
5.1
PERIPHERAL HARDWARE FUNCTIONS
PORTS : : : 8 8 8
I/O ports are classified into the following 4 kinds: * CMOS input (PORT0, 1) * CMOS output (BP0-BP7) * N-ch open-drain input/output (PORT4, 5) Total * CMOS input/output (PORT2, 3, 6, 7, and 8) : 20
: 44
Table 5-1 Port Function
Port Name PORT0 4-bit input PORT1 PORT2 PORT7 PORT8 PORT3 Can be set in input or output mode in 1-bit units. PORT6 PORT4 * PORT5 * 4-bit Input/Output (N-ch open-drain, 10 V) 1-bit output Can be set in input or output mode in 4-bit units. Ports 4 and 5 are used in pairs to input/output data in 8-bit units.
Output data in 1-bit units. Can be used as LCD drive segment output pins S24-S31 through software. Multiplexed with KR0-KR3
Function
Operation and Feature
Remarks Multiplexed with INT4, SCK, SO/SB0, and SI/SB1 Multiplexed with INT0INT2 and TI0 Multiplexed with PTO0, PCL, and BUZ
Multiplexed with KR4-KR7
Can be always read or tested regardless of operation mode of multiplexed pin.
Can be set in input or output mode in 4-bit units. Ports 6 and 7 are used in pairs to input/output data in 8-bit units. 4-bit Input/Output
-- Multiplexed with LCDCL and SYNC
Can be connected to a pull-up resistor in 1-bit units by using mask option. --
BP0-BP7
*: Can directly drive LED.
18
PD75328
5.2 CLOCK GENERATOR CIRCUIT
The operation of the clock generator circuit is determined by the processor clock control regiser (PPC) and system clock control register (SCC). This circuit can generate two types of clocks: main system clock and subsystem clock. In addition, it can also change the instruction execution time. * 0.95 s, 1.91 s, 15.3 s (main system clock: 4.19 MHz) * 122 s (subsystem clock: 32.768 kHz)
V DD
XT1 XT2 X1 X2 Main system f X clock oscillator Subsystem clock oscillator f XT LCD controller /driver Watch timer
* Basic interval timer (BT) * Timer/event counter * Serial interface * Watch timer * LCD controller/driver * A/D converter * INT0 noise rejecter circuit * Clock output circuit
V DD
1/8 to 1/4096 Frequency divider 1/2 1/16
SCC3 Internal bus SCC0 PCC PCC0 PCC1 4 PCC2 HALT* STOP* PCC3
Oscillator disable signal
Selector
WM.3 SCC
Selector
Frequency divider 1/4 * CPU * INT0 noise rejecter circuit * Clock output circuit
HALT F/F S R Q
PCC2, PCC3 clear signal
STOP F/F Q S R
Wait release signal from BT RESET signal Standby release signal from interrupt control circuit
*: instruction execution. Remarks 1: fX = Main system clock frequency 2: fXT = Subsystem clock frequency 3: = CPU clock 4: PCC: Processor clock control register 5: SCC: System clock control register 6: One clock cysle (tCY) of is one machine cycle of an instruction. For tCY, refer to AC characteristics in 10. ELECTRICAL SPECIFICATIONS. 5
Fig. 5-1 Clock Generator Block Diagram
19
PD75328
5.3 CLOCK OUTPUT CIRCUIT
The clock output circuit outputs clock pulse from the P22/PCL pin. This clock pulse is used for the remote control output, peripheral LSIs, etc.
From the clock generator fX/23 Selector fX/24 fX/26 PCL/P22 Output buffer
PORT2.2 CLOM3 0 CLOM1 CLOM0 CLOM
P22 output latch
Bit 2 of PMGB
Port 2 input/ output mode specification bit
4 Internal bus
Fig. 5-2 Clock Output Circuit Configuration
Remarks:
A measures to prevent outputting narrow width pulse when selecting clock output enable/disable is taken.
20
PD75328
5.4 BASIC INTERVAL TIMER
The PD75328 is provided with the 8-bit basic interval timer. The basic interval timer has these functions:
* Interval timer operation which generates a reference time interrupt * Watchdog timer application which detects a program runaway * Selects the wait time for releasing the standby mode and counts the wait time * Reads out the count value
From the clock generator Clear fX/25 Clear
fX/27 MPX fX/29 BT Basic interval timer (8-bit frequency divider circuit)
Set signal
BT interrupt request flag
fX/212
Vector interrupt request IRQBT signal
3
Wait release signal for standby release BTM0 BTM
BTM3
BTM2
BTM1
SET1*
4 Internal bus
8
Remarks : *: Instruction execution
Fig. 5-3 Basic Interval Timer Configuration
21
PD75328
5.5 WATCH TIMER
The PD75328 has a built-in 1-ch watch timer. The watch timer is configured as shown in Fig. 5-4. * Sets the test flag (IRQW) with 0.5 sec interval. The standby mode can be released by IRQW. * 0.5 second interval can be generated either from the main system clock or subsystem clock. * Time interval can be advanced to 128 times faster (3.91 ms) by setting the fast mode. This is convenient for program debugging, test, etc. * Fixed frequency (2.048 kHz) can be output to the P23/BUZ pin. This can be used for beep and system clock frequency trimming. * The frequency divider circuit can be cleared so that zero second watch start is possible.
fW (512 Hz: 1.95 ms) 26 fW (256 Hz: 3.91 ms) 27 fX From the 128 (32.768 kHz) clock generator f XT (32.768 kHz) fW 2 14 (2 Hz 0.5 sec) Selector
f LCD
Selector
fW (32.768 kHz)
INTW (IRQW set signal)
Frequency divider
f W (2.048 16 kHz)
Clear Output buffer P23/BUZ
WM WM7 0 0 0 WM3 WM2 WM1 WM0 Bit test instruction Internal bus
PORT2.3
P23 output latch
Bit 2 of PMGB
Port 2 input/output mode
8
( ) is for fX = 4.194304 MHz, fXT = 32.768 kHz.
Fig. 5-4 Watch Timer Block Diagram
5.6 TIMER/EVENT COUNTER
The PD75328 has a built-in 1-ch timer/event counter. The timer/even counter has these functions: * Programmable interval timer operation * Outputs square-wave signal of an arbitrary frequency to the PTO0 pin. * Event counter operation * Divides the TI0 pin input in N and outputs to the PTO0 pin (frequency divider operation). * Supplies serial shift clock to the serial interface circuit. * Count condition read out function
22
Internal bus 8 SET1* TM0 8 8 TMOD0 TOE0 TO enable flag Coincidence PORT2.0 P20 output latch Bit 2 of PGMB
Port 2 input/ output mode
TM07 TM06 TM05 TM04 TM03 TM02 TM01 TM00
Modulo register (8)
PORT1.3
8 Comparator (8)
To serial interface
TOUT F/F Reset Output buffer
P20/PTO0
Input buffer P13/TI0 From the clock generator MPX
8 T0 Count register (8) CP Clear Timer operation start signal
(
INTT0 IRQT0 set signal
)
RESET IRQT0 clear signal *:Instruction execution
Fig. 5-5 Timer/Event Counter Block Diagram
PD75328
23
PD75328
5.7 SERIAL INTERFACE
The PD75328 is equipped with an 8-bit clocked serial interface that operates in the following four modes: * Operation stop mode * Three-line serial I/O mode * Two-line serial I/O mode * SBI mode (serial bus interface mode)
24
Internal bus
8/4
Bit test 8 8
8
Slave address register (SVA)
Bit manipulation (8) RELT CMDT
SET CLR
Bit test SBIC
CSIM
Address comparator P03/SI/SB1
Selector
Coincidence signal (8)
SO latch
Shift register (SIO)
(8)
D
Q
P02/SO/SB0
Selector
Busy/ acknowledge output circuit
Bus release/ command/ acknowledge detector circuit P01/SCK
RELD CMDD ACKD
ACKT ACKE BSYE
Serial clock counter P01 output latch
INTCSI control circuit
(
Serial clock selector
INTCSI IRQCSI set signal
)
Serial clock control circuit
fX/23 fX/24 fX/26 TOUT F/F (from timer/ event counter) External SCK
PD75328
Fig. 5-6 Serial Interface Block Diagram
25
PD75328
5.8 LCD CONTROLLER/DRIVER
The PD75328 is provided with a display controller that generates segment and common signals and a segment driver and a common driver that can directly drive an LCD panel. These LCD controller and drivers have the following functions: * Generate segment and common signals by automatically reading the display data memory by means of DMA * Five display modes selectable * Static * 1/2 duty (divided by 2), 1/2 bias * 1/3 duty (divided by 3), 1/2 bias * 1/3 duty (divided by 3), 1/3 bias * 1/4 duty (divided by 4), 1/3 bias * Four types of frame frequencies selectable in each display mode * Up to 20 segment signals (S12-S31) and four common signals (COM0-COM3) can be output. * Four segment signal output pins (S24-S27, S28-S31) can be used as an output port (BP0-BP3, BP4BP7). * Dividing resistor for LCD driving power source can be provided (by mask option). * All bias modes and LCD drive voltages can be used. * Current flowing to dividing resistor can be cut when display is off. * Display data memory not used for display can be used as ordinary data memory. * Can also operate on subsystem clock.
26
Internal bus 4 Display 1FEH 1FFH data memory 3 2 1 0 3 2 1 0 1F9H 1F8H 1ECH Display mode register 32103210 3210 8 4 Display control register 4 Port 3 output latch 10 8 Port mode register group A 10
32103210
32103210
3210
Timing controller
f LCD
Multiplexer
Selector
Segment driver
Common driver
LCD driving voltage control
PD75328
S31/BP7
S30/BP6
S24/BP0
S23
S12
COM3 COM2 COM1 COM0 V LC2
V LC1
V LC0
P31/ SYNC
P30/ LCDCL
Fig. 5-7 LCD Controller/Driver Block Diagram
27
PD75328
5.9 A/D CONVERTER
The PD75328 is provided with an 8-bit resolution analog-to-digital (A/D) converter with six channels of analog inputs (AN0-AN5). This A/D converter is of a successive approximation type.
Internal bus
8 ADM 0 ADM6 ADM5 ADM4 SOC EOC ADM1 0 8
AN0 AN1
Control circuit
Multiplexer
AN2 AN3 AN4 AN5
Sample hold circuit + - Comparator SA register (8)
8
Tap decoder
AVREF R/2 R R R R/2 Serial resistor string AVSS
Fig. 5-8 Block Diagram of A/D Converter
28
PD75328
5.10 BIT SEQUENTIAL BUFFER .... 16 BITS
The bit sequential buffer is a data memory specifically provided for bit manipulation. With this buffer, addresses and bit specifications can be sequentially up-dated in bit manipulation operation. Therefore, this buffer is very useful for processing long data in bit units.
Address bit 3 Symbol
FC3H 2 BSB3 1 0 3
FC2H 2 BSB2 1 0 3
FC1H 2 BSB1 1 0 3
FC0H 2 BSB0 1 0
L register
L=F
L=C L=B INCS L
L=8 L=7 DECS L
L=4 L=3
L=0
Remarks:
For the pmem.@L addressing, the specification bit is shifted according to the L register.
Fig. 5-9 Bit Sequential Buffer Format
6. INTERRUPT FUNCTIONS
The PD75328 has 6 different interrupt sources and multiplexed interrupt with priority order. In addition to that, the PD75328 is also provided with two types of test sources, of which INT2 has two types of edge detection testable inputs. The interrupt control circuit of the PD75328 has these functions: * Hardware controlled vector interrupt function which can control whether or not to accept an interrupt by using the interrupt flag (IExxx) and interrupt master enable flag (IME). * The interrupt start address can be arbitrarily set. * Interrupt request flag (IRQxxx) test function (an interrupt generation can be confirmed by means of software). * Standby mode release (Interrupts to be released can be selected by the interrupt enable flag).
29
Selector
30
Internal bus 2 IM2 1 IM1 3 IM0 Interrupt enable flag (IE xxx ) IME IST0 INT BT INT4 /P00 INT0 /P10 INT1 /P11 Both edge detection circuit Edge Noise detection elimination circuit circuit Edge detection circuit INTCSI INTT0 IRQBT IRQ4 IRQ0 IRQ1 IRQCSI IRQT0 IRQW IRQ2 Standby release signal Priority control circuit Vector table address generator VRQn Decoder INTW INT2 /P12 Rising edge detection circuit Falling edge detection circuit KR0/P60 KR7/P73 IM2
PD75328
Fig. 6-1 Interrupt Control Block Diagram
PD75328
7. STANDBY FUNCTIONS
The PD75328 has two different standby modes (STOP mode and HALT mode) to reduce the power consumption while waiting for program execution.
Table 7-1 Each Status in Standby Mode
Mode Item Setting Instruction System Clock for Setting Operation Status Clock Generator Basic Interval Timer Serial Interface
STOP Mode STOP instrtuction Can be set only when operating on the main system clock Only the main system clock stops its operation. No operation
HALT Mode HALT instruction Can be set either with the main system clock or the subsystem clock Only the CPU clock stops its operation. (oscillation continues) Can operate only when main system clock oscillates (Sets IRQBT at reference time interval) Can operate only when main system clock oscillates, or when external SCK input is selected as serial clock Can operate only when main system clock oscillates, or when TI0 pin input is selected as count clock Can operate Can operate Can operate only when the main system clock is operating.
Can operate only when the external SCK input is selected for the serial clock Can operate only when the TI0 pin input is selected for the count clock Can operate when fXT is selected as the count clock Can operate only when fXT is selected as LCDCL No operation INT1, INT2, and INT4 can operate. Only INT0 can not operate. No operation An interrupt request signal from a hardware whose operation is enabled by the interrupt enable flag or the RESET signal input
Timer/Event Counter Watch Timer LCD controller A/D Convertor External Interrupt CPU Release Signal
An interrupt request signal from a hardware whose operation is enabled by the interrupt enable flag or the RESET signal input
31
PD75328
8. RESET FUNCTION
When the RESET signal is input, the PD75328 is reset and each hardware is initialized as indicated in Table 8-1. Fig. 8-1 shows the reset operation timing.
Wait (31.3ms/4.19MHz) RESET input
Operation mode or standby mode
HALT mode
Operation mode
Internal reset operation
Fig. 8-1 Reset Operation by RESET Input
Table 8-1 Status of Each Hardware after Reset (1/2)
Hardware Program Counter (PC) RESET Input in Standby Mode The contents of the lower 5 bits of address 0000H of the program memory are set to PC12-8, and the contents of address 0001H are set to PC7-0. Retained 0 0 The contents of bit 7 of address 0000H of the program memory are set to MBE. Undefined Retained * 1 Retained 0 Undefined 0 0 FFH 0 0, 0 0 RESET Input during Operation The contents of the lower 5 bits of address 0000H of the program memory are set to PC12-8, and the contents of address 0001H are set to PC7-0. Undefined 0 0 The contents of bit 7 of address 0000H of the program memory are set to MBE. Undefined Undefined Undefined 0 Undefined 0 0 FFH 0 0, 0 0
PSW
Carry Flag (CY) Skip Flag (SK0-2) Interrupt Status Flag (IST0) Bank Enable Flag (MBE)
Stack Pointer (SP) Data Memory (RAM) General-Purpose Register (X, A, H, L, D, E, B, C) Bank Selection Register (MBS) Basic Interval Counter (BT) Timer Mode Register (BTM) Timer/Event Counter Counter (T0) Module Register (TMOD0) Mode Register (TM0) TOE0, TOUT F/F Watch Timer Mode Register (WM)
32
PD75328
Table 8-1 Status of Each Hardware after Reset (2/2)
Hardware Serial Interface Shift Register (SIO) Operation Mode Register (CSIM) SBI Control Register (SBIC) Slave Address Register (SVA) Clock Generator, Clock Output Circuit Processor Clock Control Register (PCC) System Clock Control Register (SCC) Clock Output Mode Register (CLOM) LCD Controller Display Mode Register (LCMD) Display Control Register (LCDC) A/D Converter Mode Regiseter (ADM), EOC SA Register Interrupt Function Interrupt Request Flag (IRQxxx) Interrupt Enable Flag (IExxx) Interrupt Master Enable Flag (IME) INT0, INT1, INT2 Mode Registers (IM0, 1, 2) Digital Port Output Buffer Output Latch Input/Output Mode Register (PMGA, B, C) Pull-Up Resistor Specification Register (POGA, B) Pin States P00-P03, P10-P13, P20-P23, P30-P33, P60-P63, P70-P73, P80-P83 P40-P43, P50-P53 RESET Input in Standby Mode Retained 0 0 Retained 0 0 0 0 0 04H (EOC = 1) 7FH Reset (0) 0 0 0, 0, 0 Off Clear (0) 0 0 RESET Input during Operation Undefined 0 0 Undefined 0 0 0 0 0 04H (EOC = 1) 7FH Reset (0) 0 0 0, 0, 0 Off Clear (0) 0 0
Input
Input
* Internal pull-up resistors ... High level * Open drain ... High impedance *2 * Internal step-down resistors ... Low level * External step-down resistors ... High impedance Retained
Same as at left
S12-S23, COM0-COM3 BIAS
*2 Same as at left
Bit Sequential Buffer (BSB0-3)
Specified
33
PD75328
*1: Data of address 0F8H to 0FDH of the data memory becomes undefined when a RESET signal is input. 2: Select VLCX as shown below as the input source for each display output. S12-31 :
COM0-2 :
VLC1 VLC2 VLC0
COM3 :
However, the level of each display output varies according to the display output and the external circuit for VLCX.
9.
INSTRUCTION SET
(1) Operand representation and description Describe one or more operands in the operand field of each instruction according to the operand representation and description methods of the instruction (for details, refer to RA75X Assembler Package User's Manual - Language (EEU-730)). With some instructions, only one operand should be selected from several operands. The uppercase characters, +, and - are keywords and must be described as is. Describe an appropriate numeric value or label as immediate data.
Representation reg reg1 rp rp1 rp2 rpa rpa1 n4 n8 mem bit fmem
pmem
Description X, A, B, C, D, E, H, L X, B, C, D, E, H, L XA, BC, DE, HL BC, DE, HL BC, DE HL, DE, DL DE, DL 4-bit immediate data or label 8-bit immediate data or label 8-bit immediate data or label 2-bit immediate data or label
FB0H to FBFH,FF0H to FFFH immediate data or label FC0H to FFFH immediate data or label
addr caddr faddr taddr PORTn IExxx MBn
0000H to 1F7FH immediate data or label 12-bit immediate data or label 11-bit immediate data or label
20H to 7FH immediate data (where bit0 = 0) or label
PORT0 to PORT8 IEBT, IECSI, IET0, IE0, IE1, IE2, IE4, IEW MB0, MB1, MB15
34
PD75328
(2) Legend of operation field A B C D E H L X XA BC DE HL PC SP CY PSW MBE IME IExxx MBS PCC . (xx) xxH : A register; 4-bit accumulator : B register; 4-bit accumulator : C register; 4-bit accumulator : D register; 4-bit accumulator : E register; 4-bit accumulator : H register; 4-bit accumulator : L register; 4-bit accumulator : X register; 4-bit accumulator : Register pair (XA); 8-bit accumulator : Register pair (BC); 8-bit accumulator : Register pair (DE); 8-bit accumulator : Register pair (HL); 8-bit accumulator : Program counter : Stack pointer : Carry flag; or bit accumulator : Program status word : Memory bank enable flag : Interrupt mask enable flag : Interrupt enable flag : Memory bank selector register : Processor clock control register : Delimiter of address and bit : Contents addressed by xx : Hexadecimal data
PORTn : Port n (n = 0 to 8)
35
PD75328
(3) Symbols in addressing area field
*1 *2 *3 MB = MBE . MBS (MBS = 0, 1, 15) MB = 0 MBE = 0 : MB = 0 (00H-7FH) MB = 15 (80H-FFH) MBE = 1 : MB = MBS (MBS = 0, 1, 15) MB = 15, fmem = FB0H-FBFH, FF0H-FFFH MB = 15, pmem = FC0H-FFFH addr = 000H-1F7FH addr = (Current PC) - 15 to (Current PC) - 1 (Current PC) + 2 to (Current PC) + 16 caddr = 0000H-0FFFH (PC12 = 0) or 1000H-1F7FH (PC12 = 1) faddr = 0000H-07FFH taddr = 0020H-007FH Program memory addressing Data memory addressing
*4 *5 *6 *7 *8 *9 *10
Remarks 1: 2: 3: 4:
MB indicates memory bank that can be accessed. In *2, MB = 0 regardless of MBE and MBS. In *4 and *5, MB = 15 regardless of MBE and MBS. *6 to *10 indicate areas that can be addressed.
(4) Machine cycle field In this field, S indicates the number of machine cycles required when an instruction having a skip function skips. The value of S varies as follows: * When no instruction is skipped .................................................................................. S = 0 * When 1-byte or 2-byte instruction is skipped ........................................................... S = 1 * When 3-byte instruction (BR ! addr or CALL ! addr) is skipped ............................ S = 2
Note : The GETI instruction is skipped in one machine cycle.
One machine cycle equals to one cycle of the CPU clock , (=tCY), and can be changed in three steps depending on the setting of the processor clock control register (PCC).
36
PD75328
Machine Bytes Cycles 1 2 2 2 2 1 1 2 1 2 2 2 2 2 2 2 2 2 1 1 2 2 2 1 2 1 1 1 1 1 1 1 2 1 2 1 2 1 1 2 1 2 2 2 2 1 1 2 1 2 2 2 2 2 2 2 2 2 1 1 2 2 2 1 2 3 3 1+S 1+S 1 1+S 1 2 1 2 1 2 1 1 2 A n4 reg1 n4 XA n8 HL n8 rp2 n8 A (HL) A (rpa1) XA (HL) (HL) A (HL) XA A (mem) XA (mem) (mem) A (mem) XA A reg XA rp reg1 A rp1 XA A (HL) A (rpa1) XA (HL) A (mem) XA (mem) A reg1 XA rp XA (PC12-8+DE)ROM XA (PC12-8+XA)ROM A A+n4 A A+(HL) A, CY A+(HL)+CY A A-(HL) A, CY A-(HL)-CY A A n4 A A (HL) A A n4 A A (HL) A A n4 A A (HL) CY A0, A3 CY, An-1 An AA *1 *1 *1 *1 *1 *1 *1 borrow carry carry *1 *2 *1 *3 *3 *1 *2 *1 *1 *1 *3 *3 *3 *3 String effect A String effect B Addressing Area
Instructions
Mnemonics
Operand A, #n4 reg1, #n4 XA, #n8 HL, #n8 rp2, #n8 A, @HL A, @rpa1 XA, @HL @HL, A @HL, XA A,mem XA, mem mem, A mem, XA A, reg XA, rp reg1, A rp1, XA
Operation
Skip Conditions String effect A
Transfer MOV
XCH
A, @HL A, @rpa1 XA, @HL A, mem XA, mem A, reg1 XA, rp
MOVT Arithmetic Operation ADDC SUBS SUBC AND OR XOR Accumu- RORC lator Manipu- NOT lation ADDS
XA, @PCDE XA, @PCXA A, #n4 A, @HL A, @HL A, @HL A, @HL A, #n4 A, @HL A, #n4 A, @HL A, #n4 A, @HL A A
37
PD75328
Machine Bytes Cycles 1 2 2 1 2 2 1 2 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1+S 2+S 2+S 1+S 2+S 2+S 1+S 2+S 1 1 1+S 1 2 2 2 2 2 2 2 2 2+S 2+S 2+S 2+S 2+S 2+S 2+S 2+S 2+S 2+S 2+S 2 2 2 2 2 2 2 2 2 Addressing Area *1 *3
Instructions Increment/ Decrement
Mnemonics INCS
Operand reg @HL mem
Operation reg reg+1 (HL) (HL)+1 (mem) (mem)+1 reg reg-1 Skip if reg = n4 Skip if (HL) = n4 Skip if A = (HL) Skip if A = reg CY 1 CY 0 Skip if CY = 1 CY CY (mem.bit) 1
(fmem.bit) 1
Skip Conditions reg = 0 (HL) = 0 (mem) = 0 reg = FH reg = n4 *1 (HL) = n4
DECS
reg reg, #n4 @HL, #n4 A, @HL A, reg
Compare SKE
*1
A = (HL) A = reg
Carry flag lation Bit Manipulation
SET1 CLR1 NOT1
CY CY CY CY mem.bit fmem.bit pmem.@L @H+mem.bit
Manipu- SKT Memory/ SET1
CY = 1 *3 *4 *5 *1 *3 *4 *5 *1 *3 *4 *5 *1 *3 *4 *5 *1 *4 *5 *1 *4 *5 *1 *4 *5 *1 *4 *5 *1 (mem.bit) = 1 (fmem.bit) = 1 (pmem.@L) = 1 (@H+mem.bit) = 1 (mem.bit) = 0 (fmem.bit) = 0 (pmem.@L) = 0 (@H+mem.bit) = 0 (fmem.bit) = 1 (pmem.@L) = 1 (@H+mem.bit) = 1
(pmem7-2 + L3-2.bit(L1-0)) 1 (H + mem3-0.bit) 1
(mem.bit) 0 (fmem.bit) 0
CLR1
mem.bit fmem.bit pmem.@L @H+mem.bit
(pmem7-2 + L3-2.bit(L1-0)) 0 (H+mem3-0.bit) 0 Skip if (mem.bit) = 1 Skip if (fmem.bit) = 1
Skip if (pmem7-2+L3-2.bit (L1-0)) = 1
SKT
mem.bit fmem.bit pmem.@L @H+mem.bit
Skip if (H + mem3-0.bit) = 1 Skip if (mem.bit) = 0 Skip if (fmem.bit) = 0 Skip if (pmem7-2 +L3-2.bit (L1-0)) = 0 Skip if (H + mem3-0.bit) = 0
Skip if (fmem.bit) = 1 and clear
SKF
mem.bit fmem.bit pmem.@L @H+mem.bit
SKTCLR fmem.bit pmem.@L @H+mem.bit AND1 CY,fmem.bit CY,pmem.@L CY,@H+mem.bit OR1 CY,fmem.bit CY,pmem.@L CY,@H+mem.bit XOR1 CY,fmem.bit CY,pmem.@L CY,@H+mem.bit
Skip if (pmem7-2+L3-2.bit (L1-0)) = 1 and clear
Skip if (H+mem3-0.bit) = 1 and clear
CY CY (fmem.bit) CY CY (pmem7-2+L3-2.bit(L1-0)) CY CY (H+mem3-0.bit) CY CY (fmem.bit) CY CY (pmem7-2+L3-2.bit (L1-0)) CY CY (H+mem3-0.bit) CY CY (fmem.bit)
CY CY (pmem7-2+L3-2.bit (L1-0))
CY CY (H+mem3-0.bit)
38
PD75328
Machine Bytes Cycles -- -- Addressing Area *6
Instructions Branch
Mnemonics BR
Operand addr
Operation PC12-0 addr (The most suitable instruction is selectable from among BR !addr, BRCB !caddr, and BR $addr depending on the assembler.) PC12-0 addr PC12-0 addr PC11-0 caddr11-0 (SP-4)(SP-1)(SP-2) PC11-0 (SP-3) MBE, 0, 0, PC12 PC12-0 addr, SP SP-4 (SP-4)(SP-1)(SP-2) PC11-0 (SP-3) MBE, 0, 0, PC12 PC12-0 00, faddr, SP SP-4 MBE, x, x, PC12 (SP+1) PC11-0 (SP)(SP+3)(SP+2) SP SP+4 MBE, x, x, PC12 (SP+1) PC11-0 (SP)(SP+3)(SP+2) SP SP+4, then skip unconditionally MBE, x, x, PC12 (SP+1) PC11-0 (SP)(SP+3)(SP+2) PSW (SP+4)(SP+5), SP SP+6 (SP-1)(SP-2) rp, SP SP-2 (SP-1) MBS, (SP-2) 0, SP SP-2 rp (SP+1)(SP), SP SP+2 MBS (SP+1), SP SP+2 IME 1 IExxx 1 IME 0 IExxx 0 A PORTn XA PORTn+1,PORTn PORTn A PORTn+1,PORTn XA
(n = 0-8) (n = 4, 6) (n = 2-8) (n = 4, 6)
Skip Conditions
!addr $addr BRCB Subroutine/ Stack Control CALLF !faddr CALL !caddr !addr
3 1 2 3
3 2 2 3
*6 *7 *8 *6
2
2
*9
RET
1
3
RETS
1
3+S
Undefined
RET1
1
3
PUSH POP Interrupt Control I/O DI EI
rp BS rp BS IExxx IExxx
1 2 1 2 2 2 2 2 2 2 2 2 2 2 1
1 2 1 2 2 2 2 2 2 2 2 2 2 2 1 2 3
IN
*1 A,PORTn XA,PORTn
1
OUT * CPU Control Special HALT STOP NOP SEL
PORTn,A PORTn,XA
Set HALT Mode (PCC.2 1) Set STOP Mode (PCC.3 1) No Operation MBS n (n = 0, 1, 15) . Where TBR instruction, PC12-0 (taddr)4-0+(taddr+1) ......................................................... . Where TCALL instruction, (SP-4)(SP-1)(SP-2) PC11-0 (SP-3) MBE, 0, 0, PC12 PC12-0 (taddr)4-0+(taddr+1) SP SP-4 ......................................................... . Except for TBR and TCALL instructions, Instruction execution of (taddr)(taddr+1) *10 .............................
MBn
2 1
GETI *2 taddr
............................. Depends on referenced instruction
*1: When executing the IN/OUT instruction, MBE = 0, or MBE = 1, and MBS = 15. 2: The TBR, and TCALL instructions are the assembler pseudo-instructions for the table definition of GETI instruction. 39
PD75328
10. ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter Supply Voltage Input Voltage Symbol VDD VI1 VI2 Other than ports 4, 5 Ports 4, 5 w/pull-up resistor Open drain Output Voltage High-Level Output Current Low-Level Output Current Other than ports 0, 2, 3, 5, 8 Total of ports 4, 6, 7 Operating Temperature Storage Temperature Topt Tstg VO IOH IOL* 1 pin All pins 1 pin Peak rms Peak rms Peak rms Conditions Ratings -0.3 to +7.0 -0.3 to VDD+0.3 -0.3 to VDD+0.3 -0.3 to +11 -0.3 to VDD+0.3 -15 -30 30 15 100 60 100 60 -40 to +85 -65 to +150 Unit V V V V V mA mA mA mA mA mA mA mA C C
*: rms = Peak value x Duty
CAPACITANCE (Ta = 25C, VDD = 0 V)
Parameter Input Capacitance Output Capacitance Input/Output Capacitance Symbol CIN COUT CIO f = 1 MHz Pins other than thosemeasured are at 0 V Conditions MIN. TYP. MAX. 15 15 15 Unit pF pF pF
OPERATING SUPPLY VOLTAGE
Parameter A/D Converter Other Circuits Supply voltage Ambient temperature Supply voltage Ambient temperatuare Symbol VDD Ta VDD Ta Conditions MIN. 3.5 -10 2.7 -40 MAX. 6.0 +70 6.0 +85 Unit V C V C
40
PD75328
MAIN SYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS (Ta = -40 to +85C, VDD = 2.7 to 6.0 V)
Recommended Constants
Oscillator Ceramic *3
Item Oscillation frequency(fXX)*1
Conditions
MIN. 1.0
TYP.
MAX. 5.0 *4
Unit MHz
X1 C1
X2 C2 VDD
Oscillation stabiliza- After VDD came to MIN. of oscillation tion time*2 voltage range
4
ms
Crystal *3
X1 C1 VDD X2 C2
Oscillation frequency (fXX)*1 Oscillation stabiliza- VDD = 4.5 to 6.0 V tion time*2
1.0
4.19
5.0
*4
MHz ms ms
10 30
External Clock
X1 X2
X1 input frequency (fX)* 1 X1 input high-, low-level widths (tXH, tXL)
1.0
5.0
*4
MHz
PD74HCU04
100
500
ns
*1: The oscillation frequency and X1 input frequency are indicated only to express the characteristics of the oscillator circuit. For instruction execution time, refer to AC Characteristics. 2: Time required for oscillation to stabilize after VDD reaches the minimum value of the oscillation voltage range or the STOP mode has been released. 3: The oscillators on the next page are recommended. 4: When the oscillation frequency is 4.19 MHz < fx 5.0 MHz, do not select PCC = 0011 as the instruction execution time: otherwise, one machine cycle is set to less than 0.95 s, falling short of the rated minimum value of 0.95 s. SUBSYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS (Ta = -40 to +85C, VDD = 2.7 to 6.0 V)
Recommended Constants
5
Oscillator Crystal
Item Oscillation frequency (fXT)
Conditions
MIN. 32
TYP. 32.768 1.0
MAX. 35 2 10
Unit kHz s s
XT1
XT2 R
Oscillation stabiliza- VDD = 4.5 to 6.0 V tion time*
C3 VDD
C4
External Clock
XT1 Open XT2
XT1 input frequency (fXT)* XT1 input high-, low-level widths (tXTH, tXTL)
32
100
kHz
5
15
s
41
PD75328
*: Time required for oscillation to stabilize after VDD reaches the minimum value of the oscillation voltage range. Note: When using the oscillation circuit of the main system clock and subsystem clock, wire the portion enclosed in dotted line in the figures as follows to avoid adverse influences on the wiring capacity: * Keep the wiring length as short as possible. * Do not cross the wiring over the other signal lines. Do not route the wiring in the vicinity of lines through which a high alternating current flows. * Always keep the ground point of the capacitor of the oscillator circuit at the same potential as VDD. Do not connect the power source pattern through which a high current flows. * Do not extract signals from the oscillation circuit. The amplification factor of the subsystem clock oscillation circuit is designed to be low to reduce the current dissipation and therefore, the subsystem clock oscillation circuit is influenced by noise more easily than the main system clock oscillation circuit. When using the subsystem clock, therefore, exercise utmost care in wiring the circuit. RECOMMENDED OSCILLATION CIRCUIT CONSTANTS MAIN SYSTEM CLOCK: CERAMIC OSCILLATOR (Ta = -40 to +85C)
Manufacturer Murata Mfg. Co., Ltd. Frequency (MHz) Recommended Circuit Constants C1 (pF) 30 Unnecessary 2.45 to 5.00 30 Unnecessary 30 2.00 to 5.00 CSTx.xxMG Kyoto Ceramic Co., Ltd. KBR-2.0MS KBR-4.0MS KBR-5.0M 2.00 4.00 5.00 Unnecessary 47 33 33 Unnecessary 47 33 33 3.0 2.7 2.7 3.0 6.0 C2 (pF) 30 Unnecessary 30 Unnecessary 30 Operating Voltage Range MIN. (V) 2.7 2.7 2.7 2.7 3.0 6.0 MAX. (V)
Product Name
CSAx.xxMG093 CSTx.xxMG093 CSAx.xxMGU CSTx.xxMGU CSAx.xxMG
2.00 to 2.44
MAIN SYSTEM CLOCK: CRYSTAL OSCILLATOR (Ta = -20 to +70C)
Manufacturer Kinseki Frequency (MHz) 2.0 to 5.0 Recommended Circuit Constants C1 (pF) 22 * C2 (pF) 22 Operating Voltage Range MIN. (V) 2.7 MAX. (V) 6.0
Product Name
HC-18U HC-43U, 49/U
*: Adjust the oscillation frequency in a range of C1 = 15 to 33 pF. SUBSYSTEM CLOCK: CRYSTAL OSCILLATOR (Ta = -10 to +60C)
Manufacturer Kinseki P3 Frequency (MHz) 32.768 Recommended Circuit Constants C3 (pF) 22 * C4 (pF) 22 R (k) 330 Operating Voltage Range MIN. (V) 2.7 MAX. (V) 6.0
Product Name
*: Adjust the oscillation frequency in a range of C3 = 3 to 30 pF. 42
PD75328
DC CHARACTERISTICS (Ta = -40 to +85C, VDD = 2.7 to 6.0 V)
Parameter High-Level Input Voltage Symbol VIH1 VIH2 VIH3 VIH4 Low-level Input Voltage VIL1 VIL2 VIL3 High-Level Output Voltage VOH1 Ports 2, 3, 8 Ports 0, 1, 6, 7, RESET Ports 4, 5 X1, X2, XT1 Ports 2, 3, 4, 5, 8 Ports 0, 1, 6, 7, RESET X1, X2, XT1 Ports 0, 2, 3, 6, 7, 8, and BIAS BP0-7 (with two IOH outputs) Ports 0, 2, 3, 4, 5, 6, 7, and 8 VDD = 4.5 to 6.0 V IOH = -1 mA IOH = -100 A VOH2 VDD = 4.5 to 6.0 V IOH = -100 A IOH = -50 A Ports 3, 4, and 5 VDD = 4.5 to 6.0 V IOL = -15 mA VDD = 4.5 to 6.0 V IOL = 1.6 mA IOL = 400 A SB0, 1 VOL2 BP0-7 (with two IOL outputs) VIN = VDD VIN = 10 V VIN = 0 V VOUT = VDD VOUT = 10 V VOUT = 0 V
Ports 0, 1, 2, 3, 6, 7, 8 (except P00) V IN = 0V
Conditions
MIN. 0.7VDD 0.8VDD 0.7VDD 0.7VDD VDD-0.5 0 0 0 VDD-1.0 VDD-0.5 VDD-2.0 VDD-1.0
TYP.
MAX. VDD VDD VDD 10 VDD 0.3VDD 0.2VDD 0.4
Unit V V V V V V V V V V V V
w/pull-up resistor Open-drain
Low-Level Output Voltage
VOL1
0.4
2.0
V
0.4 0.5 0.2VDD 1.0 1.0 3 20 20 -3 -20 3 20 -3
V V V V V
Open-drain Pull-up resistor 1 k VDD = 4.5 to 6.0 V IOL = 100 A IOL = 50 A Other than below X1, X2, XT1 Ports 4, 5 (open-drain) Other than below X1, X2, XT1 Other than below Ports 4, 5 (open-drain)
High-Level Input Leakage Current
ILIH1 ILIH2 ILIH3
A A A A A A A A
k k k k V k V V
Low-Level Input Leakage Current High-Level Output Leakage Current Low-Level Output Leakage Current
ILIL1 ILIL2 ILOH1 ILOH2 ILOL
Internal Pull-Up Resistor RL1 RL2 LCD Drive Voltage LCD Step-down Resistor LCD Output Voltage Deviation (Common) * 1 LCD Output Voltage Deviation (Segment) * 1 VLCD RLCD VODC VODS
VDD = 5.0 V10% VDD = 3.0 V10% VDD = 5.0 V10% VDD = 3.0 V10%
15 30 15 10 2.5 60
40 40
80 300 70 60 VDD
Ports 4, 5 VOUT = VDD-2.0 V
100
140 0.2 V 0.2 V
IO = 5 A IO = 1 A
VLCD0 = VLCD VLCD1 = VLCDx2/3 VLCD2 = VLCDx1/3 2.7 V VLCD VDD
0 0
43
PD75328
Parameter Supply Current *2 Symbol IDD1 IDD2 IDD3 IDD4 IDD5 XT1 = 0 V STOP mode MHz*3 Conditions 4.19 crystal oscillator C1 = C2 = 22pF VDD = 5 V10%*4 VDD = 5 V10% VDD = 3 V10% 32 kHz*6 crystal oscillator Operation mode HALT mode VDD = 3 V10% VDD = 3 V10% VDD = 3 V10%*5 HALT mode MIN. TYP. 2.5 0.35 500 150 30 5 0.5 0.1 Ta = 25C 0.1 MAX. 8 1.2 1500 450 90 15 20 10 5 Unit mA mA
A A A A A A A
VDD = 5 V10%
VDD = 3 V10%
*1: "Voltage deviation" means the difference between the ideal segment or common output value (VLCDn: n = 0, 1, 2) and output voltage. 2: Currents for the built-in pull-up resistor and the LCD step-down resistor are not included. 3: Including when the subsystem clock is operated. 4: When operand in the high-speed mode with the processor clock control register (PCC) set to 0011. 5: When operated in the low-speed mode with the PCC set to 0000. 6: When operated with the subsystem clock by setting the system clock control register (SCC) to 1011 to stop the main system clock operation.
44
PD75328
A/D CONVERTER (Ta = -10 to +85C, VDD = 3.5 to 6.0 V, AVSS = VSS = 0 V)
Parameter Resolution Absolute Accuracy*1 Conversion Time Sampling Time Analog Input Voltage Analog Input Impedance AVREF Current tCONV tSAMP VIAN RAN IREF
1 - LSB) 2
Symbol
Conditions 2.5 V AVREF VDD*2 *3 *4
MIN. 8
TYP. 8
MAX. 8 1.5 168/fX 44/fX
Unit bit LSB S S V M mA
AVSS 1000 0.25
AVREF 2.0
*1: Absolute accuracy excluding quantization error (
2: Set ADM1 as follows, in respect to the reference voltage of the AD converter (AVREF).
2.5 V AV REF
0.6 V DD
0.65 V DD
V DD (3.5 to 6.0 V)
ADM1=0 ADM1=1
ADM1 can be set to either 0 or 1 when 0.6VDD AVREF 0.65VDD 3: Time since execution of conversion start instruction until EOC = 1 (fX = 4.19 MHz: 40.1 s) 4: Time since execution of conversion start instruction until end of sampling (fX = 4.19 MHz: 10.5 s)
45
PD75328
AC CHARACTERISTICS (Ta = -40 to +85C, VDD = 2.7 to 6.0 V)
Parameter CPU Clock Cycle Time (Minimum Instruction Execution Time = 1 Machine Cycle)*1 TI0 Input Frequency TI0 Input High-, LowLevel Widths Interrupt Input High-, Low-Level Widths Symbol tCY Conditions w/main system clock w/sub-system clock fTI tTIH, tTIL tINTH, tINTL VDD = 4.5 to 6.0 V VDD = 4.5 to 6.0 V INT0 INT1, 2, 4 KR0-7 RESET Low-Level Width tRSL VDD = 4.5 to 6.0 V MIN. 0.95 3.8 114 0 0 0.48 1.8 *2 10 10 10 122 TYP. MAX. 64 64 125 1 275 Unit
s s s
MHz kHz
s s s s s s
tCY vs VDD
*1: The CPU clock () cycle time is determined by the oscillation frequency of the connected oscillator, system clock control register (SCC), and processor clock control register (PCC). The figure on the right is cycle time tCY vs. supply voltage VDD characteristics
Cycle time tCY [s]
70 64 30 6 5 4 3
(with main system clock)
at the main system clock. 2: 2tCY or 128/fX depending on the setting of the interrupt mode register (IM0).
2
1
0.5 0 1 2 3 4 5 6 Supply voltage VDD [V]
46
PD75328
SERIAL TRANSFER OPERATION Two-Line and Three-Line Serial I/O Modes (SCK: internal clock output)
Parameter SCK Cycle Time SCK High-, Low-Level Widths
SI Set-Up Time (vs. SCK )
Symbol tKCY1 tKL1 tKH1 tSIK1 tKSO1 RL = 1 k, CL = 100 pF*
Conditions VDD = 4.5 to 6.0 V VDD = 4.5 to 6.0 V
MIN. 1600 3800 tKCY1/2-50 tKCY1/2-150 150 400
TYP.
MAX.
Unit ns ns ns ns ns ns
SI Hold Time (vs. SCK ) tKSI1 SCK SO Output Delay Time VDD = 4.5 to 6.0 V
250 1000
ns ns
*: RL and CL are load resistance and load capacitance of the SO output line.
TWO-LINE AND THREE-LINE SERIAL I/O MODES (SCK: external clock input)
Parameter SCK Cycle Time SCK High-, Low-Level Widths
SI Set-Up Time (vs. SCK )
Symbol tKCY2 tKL2 tKH2 tSIK2 tKSI2 tKSO2
Conditions VDD = 4.5 to 6.0 V VDD = 4.5 to 6.0 V
MIN. 800 3200 400 1600 100 400
TYP.
MAX.
Unit ns ns ns ns ns ns
SI Hold Time (vs. SCK ) SCK SO Output Delay Time
RL = 1 k, CL = 100 pF* VDD = 4.5 to 6.0 V
300 1000
ns ns
*: RL and CL are load resistance and load capacitance of the SO output line.
47
PD75328
SBI MODE (SCK: internal clock output (master))
Parameter SCK Cycle Time SCK High-, Low-Level Widths SB0, 1 Set-Up Time (vs. SCK ) SB0, 1 Hold Time (vs. SCK ) SCK SB0, 1 Output Delay Time SCK SB0, 1 SB0,1 SCK SB0, 1 Low-Level Width SB0, 1 High-Level Width Symbol tKCY3 tKL3 tKH3 tSIK3 tKSI3 tKSO3 tKSB tSBK tSBL tSBH RL = 1 k, CL = 100 pF* VDD = 4.5 to 6.0 V Conditions VDD = 4.5 to 6.0 V VDD = 4.5 to 6.0 V MIN. 1600 3800 tKCY3/2-50 tKCY3/2-150 150 tKCY3/2 0 0 tKCY3 tKCY3 tKCY3 tKCY3 250 1000 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns ns ns ns
*: RL and CL are load resistance and load capacitance of the SO output line.
SBI MODE (SCK: external clock input (slave))
Parameter SCK Cycle Time SCK High-, Low-Level Widths SB0, 1 Set-Up Time (vs. SCK ) SB0, 1 Hold Time (vs. SCK ) SCK SB0, 1 Output Delay Time SCK SB0, 1 SB0,1 SCK SB0, 1 Low-Level Width SB0, 1 High-Level Width Symbol tKCY4 tKL4 tKH4 tSIK4 tKSI4 tKSO4 tKSB tSBK tSBL tSBH RL = 1 k, CL = 100 pF* VDD = 4.5 to 6.0 V Conditions VDD = 4.5 to 6.0 V VDD = 4.5 to 6.0 V MIN. 800 3200 400 1600 100 tKCY4/2 0 0 tKCY4 tKCY4 tKCY4 tKCY4 300 1000 TYP. MAX. Unit ns ns ns ns ns ns ns ns ns ns ns ns
*: RL and CL are load resistance and load capacitance of the SO output line.
48
PD75328
AC TIMING TEST POINT (excluding X1 and XT1 inputs)
0.8 VDD Test points 0.2 VDD
0.8 VDD 0.2 VDD
CLOCK TIMING
1/fX tXL tXH
X1 input
VDD -0.5V 0.4 V
1/fXT tXTL tXTH
XT1 input
VDD -0.5V 0.4 V
TI0 TIMING
1/fTI tTIL tTIH
TI0
49
PD75328
SERIAL TRANSFER TIMING THREE-LINE SERIAL I/O MODE:
tKCY1 tKL1 tKH1
SCK
tSIK1
tKSI1
SI
Input data
tKSO1
SO
Output data
TWO-LINE SERIAL I/O MODE:
tKCY2 tKL2 tKH2
SCK
tSIK2
tKSI2
SB0,1
tKSO2
50
PD75328
SERIAL TRANSFER TIMING BUS RELEASE SIGNAL TRANSFER:
tKCY3,4 tKL3,4 SCK tSIK3,4 tKH3,4
tKSB
tSBL
tSBH
tSBK
tKSI3,4
SB0,1 tKSO3,4
COMMAND SIGNAL TRANSFER:
tKCY3,4 tKL3,4 SCK tSIK3,4 tKH3,4
tKSB
tSBK
tKSI3,4
SB0,1 tKSO3,4
INTERRUPT INPUT TIMING:
tINTL
tINTH
INT0, 1, 2, 4 KR0-7
RESET INPUT TIMING:
tRSL
RESET
51
PD75328
LOW-VOLTAGE DATA RETENTION CHARACTERISTICS OF DATA MEMORY IN STOP MODE (Ta = -40 to +85 C)
Parameter Data Retention Supply Voltage Data Retention Supply Current* 1 Release Signal Set Time Oscillation Stabilization Wait Time* 2 Symbol VDDDR IDDDR tSREL tWAIT Released by RESET Released by interrupt VDDDR = 2.0 V 0 217/fX *3 Conditions MIN. 2.0 0.1 TYP. MAX. 6.0 10 Unit V
A s
ms ms
*1: Does not include current flowing through internal pull-up resistor 2: The oscillation stabilization wait time is the time during which the CPU is stopped to prevent unstable operation when oscillation is started. 3: Depends on the setting of the basic interval timer mode register (BTM) as follows:
BTM3 - - - - BTM2 0 0 1 1 BTM1 0 1 0 1 BTM0 0 1 1 1
WAIT time ( ): fXX = 4.19 MHz
220/fXX (approx. 250 ms) 217/fXX (approx. 31.3 ms) 215/fXX (approx. 7.82 ms) 213/fXX (approx. 1.95 ms)
DATA RETENTION TIMING (releasing STOP mode by RESET)
Internal reset operation HALT mode STOP mode Data retention mode Operation mode
VDD VDDDR STOP instruction execution RESET tSREL
tWAIT
DATA RETENTION TIMING (standby release signal: releasing STOP mode by interrupt)
HALT mode STOP mode Data retention mode Operation mode
VDD VDDDR STOP instruction execution Standby release signal (interrupt request) tSREL
tWAIT
52
PD75328
11. CHARACTERISTIC CURVES (REFERENCE VALUE)
I DD vs V DD (Crystal oscillation: 4.19 MHz) 5000 High-speed mode PCC=0011
(Ta = 25C)
Middle-speed mode PCC=0010 Low-speed mode PCC=0000 1000 Main system clock HALT mode 500
Power supply current I DD [ A]
100
Main system clock STOP mode + Subsystem clock operation mode
50 Main system clock STOP mode + 32 kHz oscillation only or subsystem clock HALT mode
10
X1 Crystal 4.19 MHz
X2 XT1 Crystal 32.768 kHz
XT2 330 k
5
22 pF
22 pF V DD
22 pF V DD
22 pF
2 0 1 2 3 4 5 6 7 Power supply valtage V DD [V]
53
PD75328
I 5000 High-speed mode PCC=0011 Middle-speed mode PCC=0010 Low-speed mode PCC=0000 1000 Main system clock HALT mode 500
DD
vs V
DD
(Ceramic oscillation: 4.19 MHz)
(Ta= 25C)
Power supply current I DD [ A]
100
Main system clock STOP mode + Subsystem clock operation mode
50 Main system clock STOP mode + 32 kHz oscillation only or subsystem clock HALT mode
10
X1
X2 XT1 Crystal 32.768 kHz
XT2 330 k
Ceramic oscillator CSA4.19MG
5
30 pF
30 pF V DD
22 pF V DD
22 pF
2 0 1 2 3 4 5 6 7 Power supply valtage V DD [V]
54
PD75328
I DD vs V DD (Ceramic oscillation: 2.00 MHz) 5000 (Ta= 25C)
High-speed mode PCC=0011 Middle-speed mode PCC=0010 Low-speed mode PCC=0000 1000 Main system clock HALT mode
500
Power supply current I DD [ A]
100
Main system clock STOP mode + Subsystem clock operation mode
50 Main system clock STOP mode + 32 kHz oscillation only or subsystem clock HALT mode
10
X1
X2 XT1 Crystal 32.768 kHz
XT2 330 k
Ceramic oscillator CSA2.00MG
5
30 pF
30 pF V DD
22 pF V DD
22 pF
2 0 1 2 3 4 5 6 7 Power supply valtage V DD [V]
55
PD75328
IDD vs fX
3 (V DD = 5 V, Ta = 25C) X1 X2 0.5 High-speed mode PCC = 0011 2 Middle-speed mode PCC = 0010 I DD [mA] 0.3 0.2 1 Low-speed mode PCC = 0000 Main system clock HALT mode 0 1 2 3 f X [MHz] 4 5 Main system clock HALT mode 0.1 External clock 0.4 Low-speed mode PCC = 0000 High-speed mode PCC = 0011 0.6
IDD vs fX
(V DD = 3 V, Ta = 25C) Middle-speed mode PCC = 0010 X1 X2
External clock
I DD [mA]
0
1
2
3 f X [MHz]
4
5
VOL vs IOL (PORT 0, 2, 6, 7, 8)
(Ta = 25C)
VOL vs IOL (PORT 3, 4, 5)
(Ta = 25C)
40
40
V DD = 6 V 30 V DD = 6 V V DD = 5 V V DD = 4 V 30 V DD = 5 V V DD = 4 V
I OL [mA] 20
I OL [mA] 20 V DD = 3 V V DD = 2.7 V
V DD = 3 V V DD = 2.7 V 10 10
0
1
2 V OL [V]
3
4
5
0
1
2 V OL [V]
3
4
5
56
PD75328
VOH vs IOH (Except for P83)
20 (Ta = 25C) 20
VOH vs IOH (P83)
(Ta = 25C)
15
V DD = 6 V
V DD = 5 V
15
V DD = 6 V V DD = 5 V V DD = 4 V V DD = 3.5 V
V DD = 3 V V DD = 4 V I OH 10 [mA] I OH 10 [mA] V DD = 2.7 V
V DD = 3 V 5 V DD = 2.7 V 5
0
1
2 V DD
3 - V OH [V]
4
5
0
1
2 3 V DD - V OH [V]
4
5
57
PD75328
VOL vs IOL (BP0-3, BP4-7)
800 (V DD = 5 V, Ta = 25C) -600
VOH vs IOH (BP0-3, BP4-7)
(V DD = 5 V, Ta = 25C)
700
Number of simultaneous output* : 1
-500
Number of simultaneous output : 1
600
-400 I OH [ A] -300 2 2
500 I OL [ A] 400 3 300 4 200
3 -200 4
-100
0
1
2 3 V DD - V OH [V]
4
5
100
0
1
2 V OL [V]
3
4
5
* Of pins BP0-BP3 and BP4-BP7, for each, the number of pins simultaneously outputting the same level.
VOL vs IOL (BP0-3, BP4-7)
250 (V DD = 3 V, T a = 25C)
VOH vs IOH (BP0-3, BP4-7)
(V DD = 3 V, T a = 25C) -200
Number of simultaneous output* : 1 200 -150
Number of simultaneous output : 1
150 I OL [ A] 100
2
I OH [ A] -100
2 3
3 4
4 -50
50
0
1 2 V DD - V OH [V]
3
0
1 V OL [V]
2
3
58
PD75328
12. PACKAGE DRAWINGS
80 PIN PLASTIC QFP ( 14)
A B
60 61
41 40 detail of lead end
D
C
S
80 1
21 20
F
G
H
IM
J
K P
N
L S80GC-65-3B9-3
NOTE Each lead centerline is located within 0.13 mm (0.005 inch) of its true position (T.P.) at maximum material condition.
ITEM A B C D F G H I J K L M N P Q S
MILLIMETERS 17.2 0.4 14.0 0.2 14.0 0.2 17.2 0.4 0.8 0.8 0.30 0.10 0.13 0.65 (T.P.) 1.6 0.2 0.8 0.2 0.15+0.10 -0.05 0.10 2.7 0.1 0.1 3.0 MAX.
M
INCHES 0.677 0.016 0.551+0.009 -0.008 0.551+0.009 -0.008 0.677 0.016 0.031 0.031 0.012+0.004 -0.005 0.005 0.026 (T.P.) 0.063 0.008 0.031+0.009 -0.008 0.006+0.004 -0.003 0.004 0.106 0.004 0.004 0.119 MAX.
55
Q
59
PD75328
13. RECOMMENDED SOLDERING CONDITIONS
It is recommended that PD75328 be soldered under the following conditions. For details on the recommended soldering conditions, refer to Information Document "Semiconductor Devices Mounting Manual" (IEI-616). The soldering methods and conditions are not listed here, consult NEC. 5
Table 13-1 Soldering Conditions
PD75328GC - xxx - 3B9: 80-pin plastic QFP (s 14 mm) s
Soldering Method Wave Soldering Soldering Conditions Soldering bath temperature: 260C max., time: 10 seconds max., number of times: 1, pre-heating temperature: 120C max. (package surface temperature), maximum number of days: 2 days*, (beyond this period, 16 hours of pre-baking is required at 125C). Package peak temperature: 230C, time: 30 seconds max. (210C min.), number of times: 1, maximum number of days: 2 days* (beyond this period, 16 hours of pre-baking is required at 125C) Package peak temperature: 215C, time: 40 seconds max. (200C min.), number of times: 1, maximum number of days: 2 days* (beyond this period, 16 hours of pre-baking is required at 125C) Pin temperature: 300C max., time: 3 seconds max. (per side)
Symbol for Recommended Condition
WS60-162-1
Infrared Reflow
IR30-162-1
VPS Reflow
VP15-162-1
Pin Partial Heating
--
*:
Number of days after unpacking the dry pack. Storage conditions are 25C and 65%RH max.
Caution: Do not use two or more soldering methods in combination (except the pin partial heating method).
Notice A model that can be soldered under the more stringent conditions (infrared reflow peak temperature: 235C, number of times: 2, and an extended number of days) is also available. For details, consult NEC.
61
PD75328
APPENDIX A. COMPARISON OF FEATURES BETWEEN PD75328 AND PD75308
Name Item ROM (Bytes) RAM (x 4 Bits) General-Purpose Register Instruction Cycle Input/ Output Port COMS Input CMOS Input/ Output CMOS Output N-ch Input/ Output Timer/Counter * 4-bit manipulation: 8 x 4 banks * 8-bit manipulation: 4 x 4 banks Selectable from 0.95 s, 1.91 s, 15.3 ms (main system clock: operating at 4.19 MHz) and 122 s (subsystem clock: operating at 32.768 kHz) 8 (shared with INT, SI, SO) 20 (4 lines can directly drive LED) Can be pulled up using software, except for P00 32 (40 max.) 8 (shared with INT, SI, SO) 16 (4 lines can directly drive LED) Can be pulled up using software, except for P00 8064 512
PD75328
PD75308
36 (44 max.)
4/8 (shared with segment output, can be selected using software) 8 (can directly drive LED, can be sustain with 10 V, and can be pulled up by mask option)
4/8 (shared with segment output, can be selected using software) 8 (can directly drive LED, can be sustain with 10 V, and can be pulled up by mask option)
* Timer/event counter * Basic interval timer * Watch timer * Built-in NEC-standard serial bus interface (SBI) * Normal clock synchronized serial interface is also possible 6-channel analog input, 8-bit resolution External: 3, internal: 3 External: 1, internal: 1 * Bit data set/reset/test/boolean operation * 4-bit data transfer/arithmetic/increment/decrement/comparison * 8-bit data transfer LCD controller * Segment outputs: 20 (4/8 can be set for output port by using software) * Common outputs: 4 * Display mode (static, 1/2, 1/3, 1/4) * Built-in step-down resistor network for LCD drive voltage supply (mask option) 80-pin plastic QFP ( 14mm) LCD controller * Segment outputs: 32 (4/8 can be set for output port by using software) * Common outputs: 4 * Display mode (static, 1/2, 1/3, 1/4) * Built-in step-down resistor network for LCD drive voltage supply (mask option) 80-pin plastic QFP (14x20 mm) --
Serial Interface A/D Converter Vector Interrupt Test Input Instruction Set
Display Function
Operating Voltage Package
2.7 to 6.0 V
62
PD75328
APPENDIX B. DEVELOPMENT TOOLS
The following development support tools are readily available to support development of systems PD75328 PD75308
8064 Name
5
Item using PD75328: ROM (Bytes)
RAMPROM writing tools (x 4 Bits) 512 General-Purpose * 4-bit manipulation: 8 x 4 banks Register * 8-bit manipulation:In-circuit emulator for 75X series 4 x 4 banks Hardware IE-75000-R *1 Instruction Cycle IE-75001-R Selectable from 0.95 s, 1.91 s, 15.3 s (main system clock: operating at 4.19 MHz) and 122 s (subsystem clock: operating at for IE-75000-R and IE-75001-R IE-75000-R-EM *2 Emulation board 32.768 kHz) Input/ Output Port COMS EP-75328GC-R 8 (shared with (shared with Emulation prove for PD75328GC,8provided with 80-pin conversion socket Input INT, SI, SO) EV-9200GC-80. INT, SI, SO) EV-9200GC-80 CMOS 20 (4 lines can 16 (4 lines can PG-1500 PROM programmer Input/ directly drive directly drive PROM programmer adapter solelyLED) for PD75P328GC. It is connected used Output PA-75P328GC LED) to PG-1500. CMOS 4/8 (shared with segment output, 4/8 (shared with segment output, Host machine Software Output IE Control Program can be selected using software) can be selected using software) * PC-9800 series (MS-DOSTM Ver.3.30 to Ver.5.00A* 3) N-ch 8 (can directly drive LED, can be 8 (can directly drive LED, can be TM IBM PC/ATTM (PC Input/ PG-1500 Controller with *10 V, and can be DOS Ver.3.1)sustain with 10 V, and can be sustain Output RA75X Relocatable by mask option) pulled up pulled up by mask option)
Timer/Counter
Assembler * Timer/event counter * Basic interval timer * Watch timer *1: Maintenance product
Serial Interfaceprovided with NEC-standard serial bus interface (SBI) * Built-in IE-75001-R. 2: Not * Normal clock synchronized serial interface is also possible A/D Converter Vector Interrupt Test Input Instruction Set 6-channel analog input, 8-bit resolution External: 3, internal: 3 External: 1, internal: 1
3: Ver.5.00/5.00A has a task swap function, but this function cannot be used with this software.
--
Remarks: For development tools from other companies, refer to 75X Series Selection Guide (IF-151).
* Bit data set/reset/test/boolean operation * 4-bit data transfer/arithmetic/increment/decrement/comparison * 8-bit data transfer LCD controller * Segment outputs: 20 (4/8 can be set for output port by using software) * Common outputs: 4 * Display mode (static, 1/2, 1/3, 1/4) * Built-in step-down resistor network for LCD drive voltage supply (mask option) LCD controller * Segment outputs: 32 (4/8 can be set for output port by using software) * Common outputs: 4 * Display mode (static, 1/2, 1/3, 1/4) * Built-in step-down resistor network for drive voltage supply (mask option) 2.7 to 6.0 V 80-pin plastic QFP (
Display Function
LCD Operating Voltage Package
62
63
PD75328
5
APPENDIX C. RELATED DOCUMENTS
64
PD75328
GENERAL NOTES ON CMOS DEVICES
1 STATIC ELECTRICITY (ALL MOS DEVICES)
Exercise care so that MOS devices are not adversely influenced by static electricity while being handled. The insulation of the gates of the MOS device may be destroyed by a strong static charge. Therefore, when transporting or storing the MOS device, use a conductive tray, magazine case, or conductive buffer materials, or the metal case NEC uses for packaging and shipment, and use grounding when assembling the MOS device system. Do not leave the MOS device on a plastic plate and do not touch the pins of the device. Handle boards on which MOS devices are mounted similarly .
2
PROCESSING OF UNUSED PINS (CMOS DEVICES ONLY)
Fix the input level of CMOS devices. Unlike bipolar or NMOS devices, if a CMOS device is operated with nothing connected to its
input pin, intermediate level input may be generated due to noise, and an inrush current may flow through the device, causing the device to malfunction. Therefore, fix the input level of the device by using a pull-down or pull-up resistor. If there is a possibility that an unused pin serves as an output pin (whose timing is not specified), each pin should be connected to VDD or GND through a resistor. Refer to "Processing of Unused Pins" in the documents of each devices.
3
STATUS BEFORE INITIALIZATION (ALL MOS DEVICES)
The initial status of MOS devices is undefined upon power application. Since the characteristics of an MOS device are determined by the quantity of injection at the
molecular level, the initial status of the device is not controlled during the production process. The output status of pins, I/O setting, and register contents upon power application are not guaranteed. However, the items defined for reset operation and mode setting are subject to guarantee after the respective operations have been executed. When using a device with a reset function, be sure to reset the device after power application.
65
PD75328
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior
written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties b y or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. The devices listed in this document are not suitable for uses in aerospace equipment, submarine cables, nuclear reactor control systems and life support systems. If customers intend to use NEC devices for above applications or they intend to use "Standard" quality grade NEC devices for the applications not intended by NEC, please contact our sales people in advance. Application examples recommended by NEC Corporation
Standard: Computer, Office equipment, Communication equipment, Test and Measurement equipment, Machine tools, Industrial robots, Audio and Visual equipment, Other consumer products, etc. Special: Automotive and Transportation equipment, Traffic control systems, Antidisaster systems, Anticrime system, etc.
M4 92.6
MS-DOS is a trademark of Microsoft Corporation. PC DOS and PC/AT are trademarks of IBM Corporation.
66


▲Up To Search▲   

 
Price & Availability of UPD75328GC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X