|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SERIES ST1510 0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER DESCRIPTION The STI Series ST1510 is a small, accurate, reliable flush diaphragm pressure transducer for measuring dynamic and static pressures. Available in absolute, sealed gage, or true gage zero pressure reference, the unit is entirely welded of stainless steel. Features of design include long term stability, low sensitivity to shock and vibration, wide temperature range, excellent response to transient pressures, infinite resolution and built in over-pressure protection. SPECIFICATIONS MECHANICAL CHARACTERISTICS Standard Ranges: 0 - 3, 5, 10, 15, 25, 30, 50, 75, 100, 200, 500, 750, 1000, 1500 PSIA / PSIG. Special ranges available. Proof Pressure: 3 - 200 PSI ranges: 500 PSI. 500 PSI range and up: 1.5 times range. 3 times range or 1500 PSI whichever is greater. Fluids and gases compatible with 316 stainless steel. 1.25" flange mountable. 1 1/4" NPT male mounting available. 4.5 ounces. Enclosure: Resolution: Electrical Receptacle: Wiring: Infinite. Stainless steel hermetic to mate with a PT06-10-6S (MS3116-10-6S). Excitation +A, -D; Signal +B, -C; No connection E, F. (Shunt avail.) Burst Pressure: ENVIRONMENTAL CHARACTERISTICS Compensated Temp. Range: Operating Temp. Range: Natural Freq: -30F to +170F. Operating Media: -65F to +250F. Mounting: Weight: 1.0 kHz at 3 PSI to 25 kHz at 1500 PSI. Body and pressure cavity of stainless steel, hermetically sealed. ELECTRICAL CHARACTERISTICS Excitation: 22-35 Vdc unregulated at less than 30 mA. 10 Vdc excitation available. ORDERING INFORMATION Zero Balance: Full Scale Output: 0.00 1% FS at 70F. 5.00 0.050 Vdc at 70F. (10.0 0.050 Vdc optional.) 0.15% FS. To order, specify the series number (ST1510), the desired pressure range, and the three digit specification number signifying the performance and configuration parameters. Options are available. Please contact your local representative or the factory. For Example: Static Accuracy: Therm. Zero Shift: Less than 0.005% FS/F typical. Therm. Sens. Shift: Less than 0.005% FS/F typical. Insulation/Isolation Greater than 100 megohms at 50 Vdc Resistance: at 70F. ST1510 Basic Series # Full Scale Pressure Range 500G 000 Specification Code (000 for basic spec. PSIA Zero Press. Reference PSIG sealed PSIG True 3.00 MAX. 76.20mm 1.25 DIA. 1.00 DIA. 31.75mm 25.40mm 1.00 DIA. 25.40mm 0.25 6.35mm 0.25 6.35mm 1 1/4" NPT MOUNTING CONFIGURATION STELLAR TECHNOLOGY I N C O R P O R A T E D 2225 KENMORE AVE SUITE 110 BUFFALO, NEW YORK 14207 U.S.A. (716) 875-0279 SERIES ST1510 SCALE: N/A PRESSURE TRANSDUCER BULLETIN NO. B940047 Stellar Technology's policy is to conduct on-going product improvements; therefore, specifications may change without notice. |
Price & Availability of ST1510 |