Part Number Hot Search : 
MICROS TPC6111 2N55550 7BZXC AOZ1253 Z403LR RCA112W P6N60F
Product Description
Full Text Search
 

To Download SI7446DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SI7446DP
Vishay Siliconix
N-Channel 30-V (D-S), Fast Switching MOSFET
CHARACTERISTICS
* N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 5V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 71720 24-May-04 www.vishay.com
1
SPICE Device Model SI7446DP
Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 A VDS 5 V, VGS = 10 V VGS = 10 V, ID = 19 A VGS = 4.5 V, ID = 17 A VDS = 15 V, ID = 19 A IS = 4.3 A, VGS = 0 V 1.89 759 0.0061 0.0086 55 0.83 V A S V
Symbol
Test Conditions
Typical
Unit
Dynamicb
Total Gate Chargeb Gate-Source Chargeb Gate-Drain Chargeb Turn-On Delay Timeb Rise Timeb Turn-Off Delay Timeb Fall Time
b
Qg Qgs Qgd td(on) tr td(off) tf trr IF = 2.3 A, di/dt = 100 A/s VDD = 15 V, RL = 15 ID 1A, VGEN = 10 V, RG = 6 VDS = 15 V, VGS = 5 V, ID = 19 A
36 14 12 18 37 39 108 49 ns nC
Source-Drain Reverse Recovery Time
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com
2
Document Number: 71720 24-May-04
SPICE Device Model SI7446DP
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 71720 24-May-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of SI7446DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X