Part Number Hot Search : 
2N36S8 GRM219 RMFS200 BCW69 3842A X1232CP MAX703 3008P
Product Description
Full Text Search
 

To Download SGP10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SGP10N60
Preliminary data
IGBT
* Low forward voltage drop * High switching speed * Low tail current * Latch-up free * Avalanche rated
Pin 1 Pin 2 Pin 3
G
Type
C
Ordering Code
E
VCE 600V
IC 10A
Package
SGP10N60
Maximum Ratings Parameter
TO-220 AB
Q67040-A . . . .
Symbol
Values
Unit
Collector-emitter voltage Collector-gate voltage
RGE = 20 k
V CE V CGR
600
V
600
V GE IC
Gate-emitter voltage DC collector current
TC = 25 C TC = 100 C
20 A 25 10
Pulsed collector current, tp = 1 ms
TC = 25 C TC = 100 C
ICpuls
50 20
E AS
Avalanche energy, single pulse
IC = 10 A, V CC = 50 V, RGE = 25 L = 350 H, Tj = 25 C
mJ
18
P tot
Power dissipation
TC = 25 C
W 125
Semiconductor Group
1
Apr-08-1998
SGP10N60
Preliminary data
Maximum Ratings Parameter Symbol Values Unit
Chip or operating temperature Storage temperature IEC climatic category, DIN IEC 68-1
Thermal Resistance
Tj Tstg
-55 ... + 150 -55 ... + 150 55 / 150 / 56
C
-
-
Thermal resistance, junction - case
RthJC
1
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Static Characteristics
Collector-emitter breakdown voltage
V GE = 0 V, IC = 0.5 mA, Tj = -55 C
V (BR)CES
V 600 -
Gate threshold voltage
V GE = VCE, IC = 0.3 mA, Tj = 25 C V GE = VCE, IC = 0.3 mA, Tj = 150 C
V GE(th)
3 2
V CE(sat)
4 3
5 -
Collector-emitter saturation voltage
V GE = 15 V, IC = 10 A, Tj = 25 C V GE = 15 V, IC = 10 A, Tj = 150 C
1.6 ICES
2 2.3
2.5 2.8 A
Zero gate voltage collector current
V CE = 600 V, V GE = 0 V, Tj = 25 C V CE = 600 V, V GE = 0 V, Tj = 150 C
IGES
-
40 1500 nA
Gate-emitter leakage current
V GE = 25 V, VCE = 0 V
-
-
100
Semiconductor Group
2
Apr-08-1998
SGP10N60
Preliminary data
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
AC Characteristics
Transconductance
V CE = 20 V, IC = 10 A
gfs
S 2 6.7 pF 580 750
Input capacitance
V CE = 25 V, V GE = 0 V, f = 1 MHz
Ciss
Output capacitance
V CE = 25 V, V GE = 0 V, f = 1 MHz
Coss
Crss
70
90
Reverse transfer capacitance
V CE = 25 V, V GE = 0 V, f = 1 MHz
-
50
65
Semiconductor Group
3
Apr-08-1998
SGP10N60
Preliminary data
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 150 C Values typ. max. Unit
Turn-on delay time
V CC = 400 V, V GE = 15 V, IC = 10 A RGon = 25
td(on)
ns
tr
20
30
Rise time
V CC = 400 V, V GE = 15 V, IC = 10 A RGon = 25
td(off)
25
40
Turn-off delay time
V CC = 400 V, V GE = 15 V, IC = 10 A RGoff = 25
tf
270
410
Fall time
V CC = 400 V, V GE = 15 V, IC = 10 A RGoff = 25
E on
65
100 mJ
Total turn-on loss energy *
V CC = 400 V, V GE = 15 V, IC = 10 A RGon = 25 , Tj = 150 C
E off
0.34
0.45
Total turn-off loss energy
V CC = 400 V, V GE = 15 V, IC = 10 A RGoff = 25 , Tj = 150 C
QG(on)
0.28
0.37 nC
Total Gate Charge
V CC = 480 V, V GE = 15 V, IC = 10 A
-
60
90
* includes the reverse recovery losses caused by the FWD of the BUP400D
Semiconductor Group
4
Apr-08-1998
SGP10N60
Preliminary data
Package Outlines
Dimensions in mm Weight:
Semiconductor Group
5
Apr-08-1998


▲Up To Search▲   

 
Price & Availability of SGP10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X