Part Number Hot Search : 
CE04011 KS5211 P2500 AN4417 P2500 HCD190 P2500 UPC2807A
Product Description
Full Text Search
 

To Download SBT60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONICS INDUSTRY (USA) CO., LTD.
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND TEL. : (66 2) 326-0102, 739-4580 FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
SBT20S - SBTB0S
PRV : 20 - 100 Volts IO : 2.5 Amperes
FEATURES :
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low cost Low forward voltage drop
SCHOTTKY BARRIER RECTIFIER DIODES
D2
0.161 (4.1) 0.154 (3.9)
1.00 (25.4) MIN.
0.284 (7.2) 0.268 (6.8)
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length See Fig.1 Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 2.5 Amps. (Note 1) Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range Storage Temperature Range
SYMBOL
VRRM VRMS VDC
SBT 20S SBT 30S SBT 40S SBT 50S SBT 60S SBT 70S SBT 80S SBT 90S SB TB0S 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 70 49 70 80 56 80 90 63 90 100 70 100
UNIT
Volts Volts Volts
IF(AV)
2.5
Amps.
IFSM VF 0.5
75 0.74 0.79
Amps. Volt.
IR TJ TSTG - 65 to + 125
0.5 - 65 to + 150 - 65 to + 150
mA
C C
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%.
UPDATE : MAY 10, 1999
ELECTRONICS INDUSTRY (USA) CO., LTD.
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND TEL. : (66 2) 326-0102, 739-4580 FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
RATING AND CHARACTERISTIC CURVES ( SBT20S - SBTB0S )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
2.5 SBT50S THRU SBTB0S
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
75
2.0 SBT20S SBT30S SBT40S
PEAK FORWARD SURGE CURRENT, AMPERES
60
1.5
45
1.0
30
0.5
15
0 0
0
25
1
50
2
75
3
100
4
125
5
150
6
175
0 1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
10 TJ= 100 C
FORWARD CURRENT, AMPERES
10
SBT20S SBT30S SBT40S
SBT80S SBT90S SBTB0S
1.0
1.0
SBT50S SBT60S SBT70S
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SBT60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X