Part Number Hot Search : 
SAA5045 R7709 1N5253B IH1203S LTC3605 TK4A50D I74F113N 2FB60M
Product Description
Full Text Search
 

To Download RP40-480512TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
E-Series, 40W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output)
Features 40 Watts Output Power 2:1 Wide Input Voltage Range International Safety Standard Design Six-Sided Continuous Shield

High Efficiency up to 90% Standard Package, 76.2 mm x 66.0 mm x 10.2 mm Fixed Switching Frequency
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Voltage VDC RP40-123.3SE RP40-1205SE RP40-1212SE RP40-1215SE RP40-1205DE RP40-1212DE RP40-1215DE RP40-123.305DE RP40-120512TE RP40-120515TE RP40-243.3SE RP40-2405SE RP40-2412SE RP40-2415SE RP40-2405DE RP40-2412DE RP40-2415DE RP40-243.305DE RP40-240512TE RP40-240515TE RP40-483.3SE RP40-4805SE RP40-4812SE RP40-4815SE RP40-4805DE RP40-4812DE RP40-4815DE RP40-483.305DE RP40-480512TE RP40-480515TE 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 5 12 15 3.3 / 5 5 / 12 5 / 15 3.3 5 12 15 5 12 15 3.3 / 5 5 / 12 5 / 15 3.3 5 12 15 5 12 15 3.3 / 5 5 / 12 5 / 15 Output Current mA 10000 8000 3400 2700 +7000 / -1000 1800 1400 4000 / 4000 4000 / 850 4000 / 680 10000 8000 3400 2700 +7000 / -1000 1800 1400 4000 / 4000 4000 / 850 4000 / 680 10000 8000 3400 2700 +7000 / -1000 1800 1400 4000 / 4000 4000 / 850 4000 / 680 August 2002 Input Current (see note 6) mA 3530 4170 4100 4100 4330 4550 4430 3730 4490 4430 1720 2010 1980 2000 2130 2170 2140 1840 2180 2160 850 980 1000 1000 1060 1100 1100 910 1060 1060 Efficiency (see note 7) % 83 84 87 87 81 83 83 78 79 80 84 87 90 88 82 87 86 79 81 82 85 89 89 88 84 86 86 80 83 83 Capacitive Load max. F 25800 13600 2400 1550 12000 / 1700 1200 750 10300 / 6800 6800 / 590 6800 / 380 25800 13600 2400 1550 12000 / 1700 1200 750 10300 / 6800 6800 / 590 6800 / 380 25800 13600 2400 1550 12000 / 1700 1200 750 10300 / 6800 6800 / 590 6800 / 380 PO 63
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 40W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) RP40-4805SE: Derating & Efficiency Curves
RP40-4805SE Derating Curve RP40-4805SE Efficiency vs Input Voltage RP40-4805SE Efficiency vs Output Load
125 100 75 Output Power (%) Efficiency (%) 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 Natural Convection
91 90 89 88 87 86 85 84 83 82 81 80
36
40
45
50
55
60
65
70
75
91 90 89 88 86 84 82 80 70 60 50 45
Efficiency (%)
0,5
1
2
3
4
5
6
7
8
Ambient Temperature Range (C)
Input Voltage (V)
Output Load (A)
Specifications (typical at nominal input and 25C unless otherwise noted)
Output Power Voltage Accuracy (full Load and nominal Vin) Single & Dual Triple 3.3V / 5V Auxiliary 40W max. 2% 2% 5% 10% RP40-xx3.305DE 3.3V output Others Single (Dual) Triple 3.3V / 5V Auxiliary Single Dual Triple 3.3V / 5V Auxiliary Dual Triple 3.3V / 5V Auxiliary 20% min. 10% of full load 0.5% (1%) 2% 5% 0.5% 1% 2% 5% 1% 1% 5% 1% pk-pk of Vout 0.02%/C max. 500sec 3.3V 5V 12V 15V output output output output 3.9V 6.2V 15V 18V Hiccup, Automatic Recovery 9-18VDC 18-36VDC 36-75VDC Pi Type 12V input 24V input 48V input Nominal Vin 36VDC 50VDC 100VDC 40mAp-p continued on next page
Voltage Adjustability Minimum Load (see note 1) Line Regulation (LL-HL at FL)
Load Regulation (10% to 100% FL)
Cross Regulation (see note 2)
Ripple and Noise (20MHz BW) Temperature Coefficient Transient Response Recovery Time (25% load step change) Over Voltage (zener diode clamp)
Short Circuit Protection Input Voltage Range 12V types nominal input 24V types nominal input 48V types nominal input
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (see note 3)
PO 64
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 40W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) Specifications continued (typical at nominal input and 25C unless otherwise noted)
Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (see note 4) Remote Off Input Current Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Designed to Meet Safety Standard Case Material Base Material Potting Material Weight Dimensions MTBF (see note 5) Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Conducted Emissions Radiated Emissions Conducted Immunity Radiated Immunity Surge Fast Transient ESD
Notes: 1. The RP40 E-series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. Cross regulation: Dual output-Asymmetrical load 25% to 100% full load. Triple output - 3.3V/ 5V 100% load and one of auxiliary 100% load, other auxiliary load change from 25% to 100% load. 3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin. 4. The ON-OFF control pin voltage is reference to negative input. 5. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40 C (ground fixed and controlled environment). 6. Maximum value at nominal input voltage and full load. 7. Typical value at nominal input voltage and full load.
25ms typ. DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V 30mA See Selection Guide" table" 1600VDC 109 500pF 185kHz UL 1950, EN60950 Nickel-coated copper Non-conducted black FR4 Epoxy (UL94-V0) 125g 70.2 x 66.0 x 10.2 mm 1.590 x 106 Hours -40C to +85C (with derating) +100C -55C to +105C Natural convection 5.7C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH EN55022 EN55022 EN61000-4-6 EN61000-4-3 EN61000-4-5 EN61000-4-4 EN61000-4-2 Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2
www.recom-international.com
August 2002
PO 65
POWERLINE - DC/DC-Converter
E-Series, 40W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) Package Style and Pinning (mm)
66.00 15.20 10.20 10.20 17.80 7.6
1 2 3 4
10.20
dia. 1.0
76.20
Bottom View
63.50
5
6
7
8
9
10
7.60
7.60
12.70
10.20
10.20
10.20
8.00
Pin Connections Pin # 1 2 3 4 5 6 7 8 9 10 Single Ctrl +Vin -Vin Sync Trim Down Trim Trim Up +Vout -Vout No Pin Dual Ctrl +Vin -Vin Sync +Vout Common -Vout Trim NC NC Triple Ctrl +Vin -Vin Sync +Aux Common (Aux) -Aux +Vout -Vout Trim 3.5V / 5V Ctrl +Vin -Vin Sync +3.3V Common +5V Trim NC NC
Pin Pitch Tolerance 0.35 mm
External Output Trimming
Single 7 6 5
Dual 7 8 5
Triple 9 10 8
3.3V / 5V 6
Trim Up
8 5
Trim Down
PO 66
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
E-Series, 40W, 1.6 kV Isolation, 2:1 Wide Input Range (Single, Dual & Triple Output) Application of Synchronization
Converter 1 + Vin 2 +
4
Sync
- Vin
3
-
1. The unit is capable of external synchronization from an independent time base with a switching rate between 200kHz and 215 kHz. 2. The amplitude of the synchronizing pulse train is TTL compatible. 3. The duty cycle of the CLK should be 20% high and 80% low. 4. Synchronization is referenced to negative input (-Vin).
Converter 2 2 + + Vin 2
Converter +
4
Sync
1
CTRL
3
-
- Vin ON/OFF Control
3
-
CLK 2N7000
CLK Signal 80%
20%
www.recom-international.com
August 2002
PO 67


▲Up To Search▲   

 
Price & Availability of RP40-480512TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X