Part Number Hot Search : 
MO9061 10051 2SC17 237A1ACM 383L2 4017B N5401 F186M
Product Description
Full Text Search
 

To Download RF2046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary 4
Typical Applications * Broadband, Low Noise Gain Blocks * IF or RF Buffer Amplifiers * Driver Stage for Power Amplifiers
RF2046
GENERAL PURPOSE AMPLIFIER
* Final PA for Low Power Applications * High Reliability Applications * Broadband Test Equipment
Product Description
The RF2046 is a general purpose, low cost RF amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as an easily-cascadable 50 gain block. Applications include IF and RF amplification in wireless voice and data communication products operating in frequency bands up to 3000MHz. The device is self-contained with 50 input and output impedances and requires only two external DC biasing elements to operate as specified. With a goal of enhanced reliability, the extremely small Micro-X ceramic package offers significantly lower thermal resistance than similar size plastic packages.
45 + 1
4
0.055 + 0.005 0.020 + 0.002 0.040 + 0.002 0.070 sq.
NOTES: 1. Shaded lead is pin 1. 2. Darkened areas are metallization.
0.200 sq. Typ
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS
u
Package Style: Micro-X Ceramic
GaAs HBT SiGe HBT
GaAs MESFET Si CMOS
Features * DC to 3000MHz Operation * Internally matched Input and Output * 22dB Small Signal Gain * 3.8dB Noise Figure
GND 4 MARKING - C6
* 10mW Linear Output Power * Single Positive Power Supply
RF IN 1
3 RF OUT
Ordering Information
2 GND
RF2046 RF2046 PCBA General Purpose Amplifier Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7625 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A5 010110
4-19
GENERAL PURPOSE AMPLIFIERS
RF2046
Absolute Maximum Ratings Parameter
Supply Current Input RF Power Operating Ambient Temperature Storage Temperature
Preliminary
Rating
75 +15 -40 to +85 -60 to +150
Unit
mA dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall
Specification Min. Typ. Max.
DC to 3000 22.9 22.2 20.8 19.2 1.1 3.8 1.7:1 1.7:1 +23 +12.1 23.2 199 109 2.0x104 1.4x10
7
Unit
MHz dB dB dB dB dB dB
Condition
T=25 C, VD =3.5V, ICC =35mA Freq=100MHz Freq=1000MHz Freq=2000MHz Freq=3000MHz 100MHz to 2000MHz Freq=2000MHz In a 50 system, DC to 3000MHz In a 50 system, DC to 3000MHz Freq=2000MHz100kHz, PTONE =-18dBm Freq=2000MHz Freq=2000MHz ICC =35mA, PDISS =120mW
4
GENERAL PURPOSE AMPLIFIERS
Frequency Range Gain 18 Gain Flatness Noise Figure Input VSWR Output VSWR Output IP3 Output P1dB Reverse Isolation
dBm dBm dB C/W C years years years 4.0 V mA
Thermal
ThetaJC Maximum junction temperature Mean Time Between Failures Mean Time Between Failures Mean Time Between Failures
TAMB =+85C TAMB =+25C TAMB =-40C With 22 bias resistor At pin 3 with ICC =35mA
5.3x1011 3.0 3.5 35
Power Supply
Operating Voltage Operating Current
4-20
Rev A5 010110
Preliminary
Pin 1 Function RF IN Description
RF input pin. This pin is NOT internally DC blocked. A DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. DC coupling of the input is not allowed, because this will override the internal feedback loop and cause temperature instability. Ground connection. Keep traces physically short and connect immediately to ground plane for best performance. RF output and bias pin. Biasing is accomplished with an external series resistor and choke inductor to VCC. The resistor is selected to set the DC current into this pin to a desired level. The resistor value is determined by the following equation:
RF2046
Interface Schematic
2 3
GND RF OUT
RF OUT
( V SUPPLY - V DEVICE ) R = -----------------------------------------------------I CC
Care should also be taken in the resistor selection to ensure that the current into the part never exceeds 75 mA over the planned operating temperature. This means that a resistor between the supply and this pin is always required, even if a supply near 3.6V is available, to provide DC feedback to prevent thermal runaway. Because DC is present on this pin, a DC blocking capacitor, suitable for the frequency of operation, should be used in most applications. The supply side of the bias network should also be well bypassed. Same as pin 2.
RF IN
4
GENERAL PURPOSE AMPLIFIERS
4
GND
Application Schematic
VCC 10 n F 22 pF
4
47 nH
22 pF RF IN 1 3
RBIAS RF OUT 22 pF
2
Rev A5 010110
4-21
RF2046
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
P1 P1-1 1 2 NC 3 4 VCC GND Drawing 204X400R1 22 L1 100 nH 1 3 C2 100 pF C3 100 pF
Preliminary
VCC P1-1 C4 1 F
4
GENERAL PURPOSE AMPLIFIERS
RF IN J1
50 strip
C1 100 pF
50 strip
RF OUT J2
2
Evaluation Board Layout Board Size 1.195" x 1.000"
4-22
Rev A5 010110
Preliminary
Gain versus Frequency Across Temperature ICC = 35 mA
-40 C 23.00 22.00 21.00 20.00 19.00 18.00 17.00 16.00 11.00 15.00 14.00 0.10 10.00 0.10 26 C 85 C 15.00
RF2046
16.00
24.00
Output P1dB versus Frequency Across Temperature ICC = 35 mA
-40 C 26 C 85 C
Output Power (dBm)
14.00
Gain (dB)
13.00
12.00
4
0.69 1.28 1.87 2.46 3.05 3.64 4.23 4.82 5.41 6.00 0.69 1.28 1.87 2.46 3.05 3.64 4.23 4.82 5.41 6.00
Frequency (GHz)
Frequency (GHz)
28.00
Output IP3 versus Frequency Across Temperature ICC = 35 mA
-40 C 26 C 85 C
8.00
Noise Figure versus Frequency Across Temperature ICC = 35 mA
-40 C 26 C
27.00
7.00
3rd Order Intercept Power (dBm)
85 C
26.00
25.00
24.00
Noise Figure (dB)
6.00
5.00
23.00
4.00
22.00 3.00 21.00
20.00 0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
2.00 0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
Frequency (GHz)
2.50
Input VSWR versus Frequency Across Temperature ICC = 35 mA
-40 C 26 C 85 C
2.50
Output VSWR versus Frequency Across Temperature ICC = 35 mA
-40 C 26 C 85 C
2.00
2.00
VSWR
1.50
VSWR
1.50
1.00 0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
1.00 0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
Frequency (GHz)
Rev A5 010110
4-23
GENERAL PURPOSE AMPLIFIERS
RF2046
26.00
Preliminary
Reverse Isolation versus Frequency Across Temperature, ICC = 35 mA
-40 C
25.00
26 C 85 C
24.00
Reverse Isolation (dB)
23.00
22.00
21.00
4
GENERAL PURPOSE AMPLIFIERS
20.00
19.00
18.00 0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
50 Ohms, 35 mA
1.0
0. 6
Swp Max 6GHz
2. 0
0.8
S[2,2]
0.2 0.4 0.6 0.8 1.0 2.0 0
10.0
3.0
4.0
5.0
.4 -0
- 0. 6
.0 -2
Swp Min 3e-05GHz
-0.8
4-24
-1.0
-5.0
-0.2
-10.0
-4. 0
-3 .0
0.
4
3.0
4.0
5.0
0.2
10.0
S[1,1]
Rev A5 010110


▲Up To Search▲   

 
Price & Availability of RF2046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X