Part Number Hot Search : 
S455GC SR330 FN2139 18X20 LX1671 UGC10KH EA09937 AN5256
Product Description
Full Text Search
 

To Download PG12232-E- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 12232-E-33
OUTLINE DIMENSION & BLOCK DIAGRAM
1.2 4.1 3.02 1.3 2.0 2.37 65.4 0.5 63.0 54.8 48.76
1.8
65.4 1
17.0
PCB IC SIDE 29.1 18
5.7(MAX)
29.1 0.5 26.5 19.1
14.36
122 x 32 Dots
5.7 (MAX)
10.3
2.0
2.0 19.6
DB7 DB0 Ao RES E2 R/W E1 Vss Vdd VLCD A K
LCD DRIVER x 2
COM 32
LCD PANEL
SEG 122
0.4 0.36
LCD BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 63.0 x 26.6 54.8 x 19.1 0.36 x 0.41 0.40 x 0.45
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 / 1.8 / 5.7
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. Symbol 1 Vdd 2 Vss 3 VLCD 4 RES 5 E1 E2 6 7 R/W 8 Ao 9 DB0 10 DB1 11 DB2 DB3 12 13 DB4 14 DB5 15 DB6 16 DB7 17 N.C(A) 18 N.C(K) Function Power supply(+) Power supply(GND) Contrast Adjust Reset Enable driver 1 Enable driver 2 Data read / write Command / Data select Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line NC(Power supply (+) to B/L) NC(Power supply ( ) to B/L)
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 -0.3 -0.3
0.41 0.45
2.0
2.0
Max. Units V 8.0 16.5 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units Power supply voltage Vdd-Vss 25oC V 2.7 5.5 Top N WNW NW V 7.3 -20oC 7.1 7.5 V LCD operation voltage Vop V V 6.1 6.3 50oC 6.5 V 7.1 V 5.4 5.6 70oC 1.0 mA 2.5 Vdd=5V mA 100 VB/L=4.2V VB/L=4.2V mA
7.1
0oC
6.7
6.9
25oC
6.3 6.4 6.5 6.6 6.7 7.3
LCM current consumption (No B/L)
Idd
LED/edge LED/array
Backlight current consumption
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG12232-E-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X