Part Number Hot Search : 
BY396 368017 AS1107 OM5329RC 2SB772 PEB2023 16LV8 K1528BA
Product Description
Full Text Search
 

To Download PBMC33260D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this publication as PBMC33260/D
Semiconductor Components Group
Analog, Logic and Discretes
15-June-1999
er Pow ode le M rcuit tip Mul ller Ci rst 's Fi Contro ld Wor actor F
Introduction
The MC33260 is a Power Factor Controller (PFC) IC developed to control Power Factor Active Solutions. Most off-line appliances use a bridge rectifier connected to a huge bulk capacitor to draw raw DC voltage from the utility AC line. This process can result in high current spikes and poor power factor ratios, both of which can force the energy manufacturers to expand their distribution network. To control and minimize this expansion and to limit the mains harmonic pollution generated, the IEC1000-3-2 standard was created. All appliance manufacturers must comply to this standard by the year 2001. Active Solutions are the most effective and easily implemented methods to comply with the IEC1000-3-2 legislative requirement. They consist of inserting a Power Factor Correction pre-regulator between the rectifier bridge and bulk capacitor. This interface is in essence a Step-Up converter that outputs a constant voltage while drawing a sinusoidal current from the mains. The MC33260 is equipped with important safety features such as overvoltage, undervoltage and over current protection, and zero current
m
detection that increase the reliability of the pre-regulation operation. The MC33260 also detects any direct uncontrolled charges of the output capacitor from the mains which occur when the output voltage is lower than the input voltage (start-up, overload, etc). Furthermore, fewer external components are required for the pre-regulation operation. Most importantly, the MC33260 features an innovative mode called the `Follower Boost' mode where the voltage output from the PFC pre-converter is not forced to a constant regulation level, but to a value dependent on the AC line amplitude. Use of this new technique leads to a significant reduction in the size of both the power MOSFET and the inductor which ultimately leads to a significant system cost reduction. As an example, in a 200W universal mains application, the MOSFET conduction losses and the inductor ferrite size can be halved. That is why the MC33260 is the controller for a simple, robust and cost effective PFC solution. The MC33260 is the only PFC IC in the industry that works in both the Traditional and Follower Boost modes.
Features / Benefits
Multiple Mode Operation Traditional & `Follower Boost' mode Critical Conduction & Synchronized Voltage mode Meets IEC1000-3-2 Standard Zero Current Detection Over Current Protection Undervoltage Protection Output Overvoltage Detection Vcc Undervoltage Lockout with Hysteresis ESD Protection on each pin Accurate and Adjustable Maximum On-Time Limitation Low Gain Regulation Protection Against Direct Conduction (e.g. Inrush, Overload) Negative Current Sensing Synchronization Capability for EMI reduction DIP 8 Packaging
page 2
Types of Applications
Televisions Monitors Light Ballasts Other Off-line Appliances up to 400W
Typical Application
PFC in SMPS Application
1N5404 Filtering Capacitor
L1
+ 1 Vcontrol ROCP CT 2 3 4 RCS 8 7 6 5 MTP8N50E
C1 Ro
Load (SMPS, Lamp Ballast, ...)
Customer Benefits
Operational Flexibility MC33260 is operational in Traditional and `Follower Boost' mode MC33260 is operational in synchronized and free running discontinuous mode IEC1000-3-2 compliant System Cost Savings fewer external components required up to 2X less cost if used in `Follower Boost' mode transformer in pre-regulator can be replaced by a simple coil High Reliability level ensured with integrated Safety Features
Literature
Data sheets containing full specifications and pin descriptions are available under the respective part numbers, follwed by a "/D". See the last page for detailed information on how to obtain technical literature.
page 3
MC33260
Ordering / Lead Time Information
Samples and production quantities are currently available. Pricing for the MC33260 Power Factor Controller IC is suggested at $0.60 for quantities of 10K.
How to Obtain Technical Literature
There are several ways to obtain Motorola Technical Literature and Publications. If you need any assistance, or if you are having difficulty, please email us at: SCGMKTG1@email.sps.mot.com or call us at (602) 2443882. You can order hardcopies of this product bulletin from LDC - refer to document number PBMC33260/D.
Motorola Semiconductor Literature Search Website http://sps.motorola.com/cgi-bin/dlsrch Motorola Literature Distribution Center, Americas CD-ON-DEMAND, Literature Ordering From US & Canada Only (Toll free) From All Other Global Locations Northern Europe Central & Southern Europe Asia/Pacific (US Based Support for A/P) Japan (Toll free within Japan) Motorola MfaxTM Fax-Back System From US & Canada Only (Toll free) From All Other Global Locations Motorola SPS Home Page SPS Sales and Support SCG Home Page
Mfax is a trademark of Motorola, Inc. All brand names and product names appearing in this publication are registered trademarks or trademarks of their respective holders.
http://ldcformotorola.com/mtrl (Motorolans, Distributors & Partners) 1-800-441-2447, email: ldcformotorola@hibbertco.com 1-303-675-2140 44-1354-688040, email: ldcformotorola@response-service.co.uk 49-89-92103-559, email: ldcformotorola@ihw.com 852-2662-9298, email: ldcformotorola-asia@hibbertco.com 1-303-675-2130 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) 0120-191014, email: w3spd-tech@www.mot.co.jp 1-800-774-1848, email: RMFAX0@email.sps.mot.com 1-602-244-6609 http://sps.motorola.com/cgi-bin/my-mot/moto.cgi/ http://sps.motorola.com/sps/General/sales.html/ http://sps.motorola.com/scg/
PBMC33260/D


▲Up To Search▲   

 
Price & Availability of PBMC33260D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X