Part Number Hot Search : 
HSM106 DG9236 5KE100 GPC130C SXXXF 74HC10 55100 CEU4311
Product Description
Full Text Search
 

To Download P600G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A THRU P600M
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Case Style P600
Forward Current - 6.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High forward current capability Construction utilizes void-free molded plastic technique High surge current capability High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.360 (9.1) 0.340 (8.6) 0.360 (9.1) 0.340 (8.6)
MECHANICAL DATA
0.052 (1.32) 0.048 (1.22) DIA. 1.0 (25.4) MIN.
Case: Void-free molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.07 ounce, 2.1 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
P600A
P600B
P600D
P600G
P600J
P600K
P600M
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA=60C, 0.375" (9.5mm) lead length (FIG 1) TL=60C, 0.125" (3.18mm) lead length (FIG 2) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at: 6.0A 100A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 1) Typical reverse recovery time (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA= 25C TA=100C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 6.0 22.0 400.0 0.90 1.30 5.0 1.0 150.0 2.5 20.0 4.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
IFSM
Amps 1.0 1.4
VF IR CJ trr RJA RJL TJ, TSTG
Volts A mA pF S C/W C
-50 to +150
NOTES: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Reverse recovery time conditions: IF=0.5A, IR=1.0A, Irr=0.25A (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted with 1.1 x 1.1 (30 x 30mm) copper pads
10/12/98
RATINGS AND CHARACTERISTIC CURVES P600A THRU P600M
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG.1 - MAXIMUM FORWARD CURRENT DERATING CURRENT
60 HZ RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM FORWARD CURRENT DERATING CURVE
L=0.125" (3.18mm)
AVERAGE FORWARD CURRENT, AMPERES
L=0.25" (6.35mm)
60 HZ RESISTIVE OR INDUCTIVE LOAD BOTH LEADS ATTACHED to HEAT SINKS WITH LENGTH as SHOWN, L
1.1 x 1.1" (30 x 30mm) COPPER PADS STANDARD P.C.B. MOUNTING 0.375" (9.5mm) LEAD LENGTH
L=0.375" (9.5mm)
L=0.625" (15.8mm)
AMBIENT TEMPERATURE, C
LEAD TEMPERATURE, C
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
8.3 SINGLE HALF SINE-WAVE (JEDEC Method)
TA=25C
TJ=150C
NUMBER OF CYCLES AT 60 HZ
INSTANTANEOUS FORWARD CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
FIG. 5 - TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE INSTANTANEOUS REVERSE CURRENT, MICROAMPERES TRANSIENT THERMAL IMPEDANCE, C/W
TJ=125C
TJ=100C
TJ=25C
t, PULSE DURATION, sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE, %


▲Up To Search▲   

 
Price & Availability of P600G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X