Part Number Hot Search : 
SQM5W1KJ LTC23 BR100 TC74LCX5 FN3403 EFG15CF EF10C03 56009
Product Description
Full Text Search
 

To Download NJU26101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU26101
Digital Signal Processor for TV
General Description
Package
The NJU26101 is a digital signal processor that provides the function of AGC, 3D Sound, Sound Enhancement, Tone Control, and Digital Volume. The NJU26101 is suitable for audio products such as TV, CD radio-cassette, speakers system, and others. NJU26101
FEATURES
3D sound: eala, simulated stereo, SRS 3D Stereo, SRS 3D Mono, SRS TruSurround BBE ViVA, BBE ViVA+ Sound Enhancement: BBE, BBE Mach3Bass, SRS TruBass AGC to control sound-volume difference between channels or programs Tone Control Digital Volume
Digital Signal Processor Specification
24bit Fixed-point Digital Signal Processing Maximum Clock Frequency : 38MHz Digital Audio Interface : 2 Input ports / 1 Output port Power Supply : DSP Core : 2.5V, I/O interface: 2.5V ( +3.3V tolerant ) Package : QFP 32pin
The detail hardware specification of the NJU26101 is described in the " NJU26100 Series Hardware Data Sheet". In respect to software commands, request NJR.
Ver.2003-08-22
-1-
NJU26101
Function Block Diagram
AD1/SDIN AD2/SSX
NJU26101
DSP ARITHMETIC UNIT SERIAL AUDIO INTERFACE BCKO LRO 24-BIT x 24-BIT MULTIPLIER ALU L/R SDO0 SDI0 SDI1
SCL/SCK
SDA/SDOUT
SERIAL HOST INTERFACE
PROGRAM CONTROL
RESETX MCK XI XO TIMING GENERATOR ADDRESS GENERATION UNIT
BCKI
LRI
DELAY RAM
DATA RAM
FIRMWARE ROM
GPIO AND CONFIGURATION INTERFACE
SEL1
Fig. 1 NJU26101 Block Diagram
DSP Block Diagram
eala SDI0 AGC Bypass Trim Simulated Stereo SRS 3D Stereo SRS 3D Mono
SRS Passive Matrix TruSurround
AGC AGC Output Trim SDI1
BBE
BBE Mach3Bass
SRS TruBass
Tone Control
SDO0 Master Volume
VIVA VIVA+
Fig. 2 NJU26101 Function Diagram
-2-
Ver.2003-08-22
NJU26101
Pin Configuration
VDDR VDDR VDDC VDDC VSSR
24
VSSR
23
VSSC
VSSC
22
21
20
19
18
17
SDI0 SDI1 TEST2 LRI BCKI MCK BCKO LRO
25
WDC VSSC VDDC RESETX VSSO XO XI VDDO
16
26 15 27 14 28
NJU26101
13
29 30 31 32 1 2
12 11 10 9
3
4
5
6
7
8
Fig. 3 NJU26101 Pin Configuration
TEST0
TEST1
SDO0
SEL1
SCL/SCK
SDA/SDOUT
AD1/SDIN
AD2/SSX
Ver.2003-08-22
-3-
NJU26101
Pin Description
Table 1 Pin Description
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin Name TEST0 TEST1 SDO0 SEL1 SCL/SCK SDA/SDOUT AD1/SDIN AD2/SSX VDDO XI XO VSSO RESETX VDDC VSSC WDC I/O O O O I I IO I I P I O G I P G O Open Open Audio Data Output L/R Select I2C or Serial bus Pin Description No. 17 18 19 20 21 22 23 24 25 26 27 28 29 Pin Name VDDC VDDC VSSC VSSC VDDR VDDR VSSR VSSR SDI0 SDI1 TEST2 LRI BCKI MCK BCKO LRO I/O P P G G P P G G I I I I I O O O Pin Description DSP Core Supply +2.5V DSP Core Supply +2.5V DSP Core Supply GND DSP Core Supply GND I/O Power +2.5V I/O Power +2.5V I/O Power GND I/O Power GND Power Power Power Power Supply Supply Supply Supply
I2C clock / Serial clock I2C I/O / Serial Out I2C Address / Serial In I2C Address/Serial enable
OSC Power Supply +2.5V OSC Clock Input OSC Clock Output OSC Power Supply GND Reset
Audio Data Input Audio Data Input Connect to GND LR Clock Input Bit Clock Input A/D,D/A Clock Output Bit Clock Output LR Clock Output
DSP Core Power Supply 30 +2.5V DSP Core Power Supply 31 GND Clock for Watch Dog Timer 32
* I : Input, O : Output, IO : Bi-directional, P : +Power, G : GND
* Package is shown in fig. 3.
-4-
Ver.2003-08-22
NJU26101
Audio Data Output
The NJU26101 audio interface provides industry standard serial data formats of I2S, MSB-first left-justified or MSB-first right-justified. The NJU26101 audio interface provides two data inputs, SDI0 and SDI1, and a data output, SDO0, as shown in table 2 and 3. The input serial data is selected by the firmaware command.
Table 2
Symbol SDI0 SDI1
Serial Audio Input Pin
Pin No. 25 26 Description Audio Data Input 0 L / R Audio Data Input 1 L / R
Table 3
Symbol SDO0
Serial Audio Output Pin
Pin No. 3 Description Audio Data Output 0 L / R
I C address
2
AD1 and AD2 pins are used to configure the seven-bit SLAVE address of the serial host interface. These pins offer additional flexibility to SLAVE address. 4 addresses could be chosen by AD1 and AD2-pin. The AD1 and AD2-pin addresses are decided by the connections of AD1 and AD2-pin. The AD1 and AD2 addresses should be the same level as AD1 and AD2-pin connections.
Table 4
I2C Bus SLAVE Address
bit7 bit6 bit5 bit4 Bit3 bit2 bit1 bit0 1 1 0 0 1 1 1 AD2* AD1* R/W *1 AD1 or AD2 address is 0 when AD1 or AD2-pin is "L". AD1 or AD2 address is 1 when AD1 or AD2-pin is "H". The detail I2C bus timing of the NJU26101 is described in the " NJU26100 Series Hardware Data Sheet".
Ver.2003-08-22
-5-
NJU26101
Firmware Command Table
Host processor can control the NJU26101 via I2C bus or 4-Wire serial bus interface. The following table summarizes the available user commands.
Table 5 NJU26101 Command
No. Command 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 System State Version No. Input Select / Fs Select Input mono mode / Smooth Control Tone Control (Bass @100Hz) Tone Control (Treble @10KHz) Channel Balance Firmware Mode Select AGC Ratio / Boost AGC Threshold Level AGC Output Trim AGC Attack Time / Release Time Command Description Serial Mode, Data Width, MCK, BCK, Master/Slave Firmware Version No. Request 32, 44.1, 48KHz Smooth Control : slow, medium, fast Mono mode : L, R, Mix +/- 12dB +/- 12dB 0dB to -30dB, inf Tone Control, Bass Boost, Sound Enhancement, 3D Surround, AGC AGC Boost : 0, 6, 12, 18, 24dB AGC Ratio : 20:1, 8:1, 4:1, 2:1, inf -6dBFS to -40dBFS 0dB to -31dB AGC Attack Time : 0.1, 0.2, 0.5, 1, 2, 5 [sec] AGC Release Time : 1, 2, 5, 10, 20, 50 [msec]
AGC Noise Compressor Threshold -50 dBFS to -96dBFS, -inf Level AGC Bypass Trim 0dB to -31dB Eala Surround Gain SRS 3D Stereo Space / Center BBE VIVA / VIVA+ Surround Gain BBE Counter / BBE Process (BBE I) BBE Level / BBE HF Adjust (BBE III) BBE Mach3Bass fo / Q BBE Mach3Bass Gain SRS TruBass Speaker Size SRS TruBass Bass / Punch Master Volume Master Volume Boost / Dither NOP 0dB to +12dB 0dB to +15dB 0dB to +6dB 0 to 15 Level : 0dB to -15dB HF Adjust : 0 to 15 Fo : 40Hz to 150Hz Q : 2 to 8 0dB to +12dB Medium, Small, Large 0dB to +15dB 0dB to -96dB, -inf Boost : 0, 6, 12, 18, 24dB Dither: -98 to -128dB, off No Operation
In respect to detail command information, request NJR.
-6-
Ver.2003-08-22
NJU26101
License Information
1. The SRS technology right incorporated in the NJU26101 are owned by SRS Labs, a U.S. Corporation and licensed to New Japan Radio Co., Ltd. "SRS", "SRS 3D MONO", "SRS TruSurround", "SRS TruBass" are protected under U.S. and foreign patents issued and / or pending. "SRS", "SRS 3D MONO", "SRS TruSurround", "SRS TruBass" and the are trademarks of SRS Labs, Inc. in the United States and selected foreign countries. Neither the purchase of the NJU26101, nor the corresponding sale of audio enhancement equipment conveys the right to sell commercialized recordings made with any SRS technology. SRS Labs requires that all users of the NJU26101 must enter into a license agreement directly with SRS Labs if the royalty is not Included in the purchase price. SRS Labs also requires any users to comply with all rules and regulations as outlined in the SRS Trademark Usage Manual. For further information, please contact: SRS Labs, Inc. 2909 Daimler Street. Santa Ana, CA 92705 USA Tel: 949-442-1070 Fax: 949-852-1099
http://www.srslabs.com
2. The NJU26101 is manufactured by New Japan Radio Co.,Ltd. under license from BBE Sound Inc. BBE is a registered trademark of BBE Sound Inc. A license from BBE Sound Inc. must be required before the NJU26101 can be purchased from New Japan Radio Co.,Ltd.
BBE Sound, Inc. 5831 Production Drive Huntington Beach, CA 92649 USA Tel: 714-897-6766 Fax: 714-896-0736
http://www.bbesound.com
3. Purchase of I2C components of New Japan Radio Co. ,Ltd or one of sublicensed Associated Companies conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard specification as defined by Philips.
Ver. 1.00
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
Ver.2003-08-22
-7-


▲Up To Search▲   

 
Price & Availability of NJU26101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X