Part Number Hot Search : 
400AA WFF2N65B FC74N 2102C A500L BAT54S MJW21195 Y7C10
Product Description
Full Text Search
 

To Download NDP4050L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 April 1996
NDP4050L / NDB4050L N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
These logic level N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulses in the avalanche and commutation modes. These devices are particularly suited for low voltage applications such as automotive, DC/DC converters, PWM motor controls, and other battery powered circuits where fast switching, low in-line power loss, and resistance to transients are needed.
Features
15A, 50V. RDS(ON) = 0.1 @ VGS = 5V Low drive requirements allowing operation directly from logic drivers. VGS(TH) < 2.0V. Critical DC electrical parameters specified at elevated temperature. Rugged internal source-drain diode can eliminate the need for an external Zener diode transient suppressor. 175C maximum junction temperature rating. High density cell design for extremely low RDS(ON). TO-220 and TO-263 (D2PAK) package for both through hole and surface mount applications.
_______________________________________________________________________________
D
G
S
Absolute Maximum Ratings
Symbol VDSS VDGR VGSS ID Parameter Drain-Source Voltage
T C = 25C unless otherwise noted
NDP4050L 50 50 16 25 15 45 50 0.33 -65 to 175 275
NDB4050L
Units V V V
Drain-Gate Voltage (RGS < 1 M) Gate-Source Voltage - Continuous - Nonrepetitive (tP < 50 s) Drain Current - Continuous - Pulsed
A
PD
Total Power Dissipation @ TC = 25C Derate above 25C
W W/C C C
TJ,TSTG TL
Operating and Storage Temperature Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
(c) 1997 Fairchild Semiconductor Corporation
NDP4050L Rev. B / NDB4050L Rev. C
Electrical Characteristics (TC = 25C unless otherwise noted)
Symbol Parameter Conditions Min Typ Max Units DRAIN-SOURCE AVALANCHE RATINGS (Note 1) W DSS IAR BVDSS IDSS IGSSF IGSSR VGS(th) RDS(ON) Single Pulse Drain-Source Avalanche Energy Maximum Drain-Source Avalanche Current VDD = 25 V, ID = 15 A 40 15 mJ A
OFF CHARACTERISTICS Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current VGS = 0 V, ID = 250 A VDS = 50 V, VGS = 0 V TJ =125C Gate - Body Leakage, Forward Gate - Body Leakage, Reverse VGS = 16 V, VDS = 0 V VGS = -16 V, VDS= 0 V VDS = VGS, ID = 250 A TJ =125C Static Drain-Source On-Resistance VGS = 5 V, ID = 7.5 A TJ =125C VGS = 10 V, ID = 15 A ID(on) gFS On-State Drain Current Forward Transconductance VGS = 5 V, VDS = 10 V VDS = 10 V, ID = 7.5 A VDS = 25 V, VGS = 0 V, f = 1.0 MHz 15 3 8 1 0.65 1.5 1.1 0.085 0.14 0.07 50 250 1 100 -100 V A mA nA nA
ON CHARACTERISTICS (Note 1) Gate Threshold Voltage 2 1.5 0.1 0.16 0.08 A S V
DYNAMIC CHARACTERISTICS
Ciss Coss Crss
tD(on) tr tD(off) tf Qg Qgs Qgd
Input Capacitance Output Capacitance Reverse Transfer Capacitance
510 170 50
600 200 100
pF pF pF
SWITCHING CHARACTERISTICS (Note 1) Turn - On Delay Time Turn - On Rise Time Turn - Off Delay Time Turn - Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 48 V, ID = 15 A, VGS = 5 V VDD = 30 V, ID = 15 A, VGS = 5 V, RGEN = 51 , RGS = 51 9 151 35 61 11 2 6.1 20 250 100 150 17 nS nS nS nS nC nC nC
NDP4050L Rev. B / NDB4050L Rev. C
Electrical Characteristics (TC = 25C unless otherwise noted)
Symbol Parameter Conditions Min Typ Max Units DRAIN-SOURCE DIODE CHARACTERISTICS IS ISM VSD Maximum Continuos Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = 7.5 A (Note 1) TJ = 125C trr Irr Reverse Recovery Time Reverse Recovery Current VGS = 0 V, I F = 15 A, dI F /dt = 100 A/s 0.95 0.88 51 3.6 15 45 1.3 1.2 100 7 ns A A A V
THERMAL CHARACTERISTICS RJC RJA Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient 3 62.5 C/W C/W
Note: 1. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%.
NDP4050L Rev. B / NDB4050L Rev. C
Typical Electrical Characteristics
30
2
V GS = 10V
ID , DRAIN-SOURCE CURRENT (A)
5.0 4.5 4.0 3.5 3.0 2.5
0 R DS(on) NORMALIZED , 20
DRAIN-SOURCE ON-RESISTANCE
25
6.0
1.8 1.6 1.4
V
GS
= 3.0V 3.5 4.0 4.5 5.0
15
1.2
10
6.0
1 0.8 0.6
5
10
0
1
2 3 V DS , DRAIN-SOURCE VOLTAGE (V)
4
5
0
5
10 15 20 I D , DRAIN CURRENT (A)
25
30
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Gate Voltage and Drain Current
2.2 2 DRAIN-SOURCE ON-RESISTANCE 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 TJ , JUNCTION TEMPERATURE (C) 150 175 R DS(on), NORMALIZED
2.5
I D = 7.5A
DRAIN-SOURCE ON-RESISTANCE
V GS = 5 V
2
VGS = 5V
R DS(ON), NORMALIZED
TJ = 125C
1.5
25C
1
-55C
0.5
0
5
10 15 20 ID , DRAIN CURRENT (A)
25
30
Figure 3. On-Resistance Variation with Temperature
Figure 4. On-Resistance Variation with Drain Current and Temperature
20
1.2
125C
GATE-SOURCE THRESHOLD VOLTAGE
V DS = 10V
16 I D , DRAIN CURRENT (A)
T = -55C J
25C
VDS = V GS
1.1
I D = 250A
V th, NORMALIZED
1
12
0.9
8
0.8
4
0.7
0
1
2 V
GS
3 4 5 , GATE TO SOURCE VOLTAGE (V)
6
0.6 -50
-25
0 25 50 75 100 TJ , JUNCTION TEMPERATURE (C)
125
150
Figure 5. Transfer Characteristics
Figure 6. Gate Threshold Variation with Temperature
NDP4050L Rev. B / NDB4050L Rev. C
Typical Electrical Characteristics (continued)
1.15 DRAIN-SOURCE BREAKDOWN VOLTAGE 1.125 1.1 1.075 1.05 1.025 1 0.975 0.95 0.925 0.9 -50 -25 0 TJ 25 50 75 100 125 , JUNCTION TEMPERATURE (C) 150 175
20
I D = 250A
I , REVERSE DRAIN CURRENT (A)
10 5
V GS = 0V
BV DSS , NORMALIZED
1 0.5
T J = 125C 25C -55C
0.1
0.01
S
0.001 0.2
0.4 0.6 0.8 1 1.2 VSD , BODY DIODE FORWARD VOLTAGE (V)
1.4
Figure 7. Breakdown Voltage Variation with Temperature
Figure 8. Body Diode Forward Voltage Variation with Current and Temperature
1500 1000
10
I D = 7.5A C iss
VGS , GATE-SOURCE VOLTAGE (V) 8
V DS = 12V 48V
500 CAPACITANCE (pF)
24V
6
200
C oss
100
4
50
f = 1 MHz V GS = 0V
C rss
2
20 0.1
0 0.2 V 0.5
DS
1 2 5 10 , DRAIN TO SOURCE VOLTAGE (V)
20
50
0
4
8
12
16
20
Q g , GATE CHARGE (nC)
Figure 9. Capacitance Characteristics
Figure 10. Gate Charge Characteristics
V DD t d(on) VIN
D
t on tr
90%
to f f t d(off)
90%
tf
RL VOUT
DUT
VGEN
VO U T
10% 10%
INVERTED
R GEN R GS
G
90%
S
V IN
10%
50%
50%
PULSE W IDTH
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
NDP4050L Rev. B / NDB4050L Rev. C
Typical Electrical Characteristics (continued)
12
70
V DS = 10V
, TRANSCONDUCTANCE (SIEMENS) 10
TJ = -55C 25C
ID , DRAIN CURRENT (A)
50
O S( LIM N) IT
10
0u
s
20 10 5
RD
1m 10 50 ms
8
s
125C
6
ms
4
V GS = 10V SINGLE PULSE R JC = 3 o C/W
1 0.5
DC
2
g
FS
T C = 25C
0
0
4
8 12 I D , DRAIN CURRENT (A)
16
20
1
2
5 10 30 V DS , DRAIN-SOURCE VOLTAGE (V)
50
70
Figure 13. Transconductance Variation with Drain Current and Temperature
Figure 14. Maximum Safe Operating Area
1 TRANSIENT THERMAL RESISTANCE 0.5 0.3
0.2 D = 0.5
r(t), NORMALIZED EFFECTIVE
0.2
0.1
R JC (t) = r(t) * RJC R JC = 3.0 C/W
0.1
0.05 P(pk)
0.05 0.03 0.02 0.01 0.00001
0.02 0.01 Single Pulse
t1
t2
TJ - T C = P * R JC (t) Duty Cycle, D = t1 /t2 0.0005 0.001 0.005 t 1 ,TIME 0.01 0.05 0.1 0.5 1
0.00005 0.0001
Figure 15. Transient Thermal Response Curve
NDP4050L Rev. B / NDB4050L Rev. C


▲Up To Search▲   

 
Price & Availability of NDP4050L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X