Part Number Hot Search : 
88W8964 LC7823N XKD11306 10310 R6020FNX CX4CSM5 MSAU125 NL2063T
Product Description
Full Text Search
 

To Download MURD320D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MURD320/D
SWITCHMODETM Power Rectifiers
DPAK Surface Mount Package
. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features: * Ultrafast 35 Nanosecond Recovery Time * Low Forward Voltage Drop * Low Leakage Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 0.4 gram (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 75 units per plastic tube * Available in 16 mm Tape and Reel, 2500 units per reel, by adding a "T4'' suffix to the part number * Marking: U320
MURD320
MURD320 is a Motorola Preferred Device
ULTRAFAST RECTIFIERS 3 AMPERES 200 VOLTS
4 1 4 3 1 3
CASE 369A-13 DPAK
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (TC = 158C, Rated VR) Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz, TC = 158C) Nonrepetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, 60 Hz) Operating Junction and Storage Temperature Symbol VRRM VRWM VR IF(AV) IFRM IFSM TJ, Tstg Value 200 Unit Volts
3 6 75 -65 to +175
Amps Amps Amps C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Case Junction to Ambient (1) RJC RJA 6 80 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage Drop (2) (iF = 3 Amps, TJ = 25C) (iF = 3 Amps, TJ = 125C) Maximum Instantaneous Reverse Current (2) (TJ = 25C, Rated dc Voltage) (TJ = 125C, Rated dc Voltage) Maximum Reverse Recovery Time (IF = 1 Amp, di/dt = 50 Amps/s, VR = 30 V, TJ = 25C) (IF = 0.5 Amp, iR = 1 Amp, IREC = 0.25 A, VR = 30 V, TJ = 25C) (1) Rating applies when surface mounted on the minimum pad sizes recommended. (2) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. vF 0.95 0.75 iR 5 500 trr 35 25 ns A Volts
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value. Rev 1
(c)RectifierInc. 1996 Data Motorola, Device
1
MURD320
100 IR, REVERSE CURRENT (m A) 70 50 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 20 40 60 80 TJ = 175C 150C
100C
30 i , INSTANTANEOUS FORWARD CURRENT (AMPS) F 20
25C
10 7.0 5.0
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
3.0 175C 2.0 PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 150C 1.0 0.7 0.5 100C 14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 TJ = 25C * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficiently below rated VR. SINE WAVE SQUARE WAVE 5.0 10 IPK/IAV = 20 dc
0.3 0.2
TJ = 175C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
Figure 1. Typical Forward Voltage
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Average Power Dissipation
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 8.0 7.0 6.0 5.0 4.0 3.0 dc 2.0 1.0 0 100 110 120 130 140 150 160 170 180 TC, CASE TEMPERATURE (C) TJ = 175C SINE WAVE OR SQUARE WAVE RATED VOLTAGE APPLIED RqJC = 6C/W 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) SINE WAVE OR SQUARE WAVE SURFACE MOUNTED ON MIN. PAD SIZE RECOMMENDED dc TJ = 175C RATED VOLTAGE APPLIED RqJA = 80C/W
Figure 4. Current Derating, Case
Figure 5. Current Derating, Ambient
2
Rectifier Device Data
MURD320
1000 500 C, CAPACITANCE (pF) 300 200 TJ = 25C 100 50 30 20 10 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Typical Capacitance
Rectifier Device Data
3
MURD320
PACKAGE DIMENSIONS
-T- B V R
4
SEATING PLANE
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.250 0.250 0.265 0.086 0.094 0.027 0.035 0.033 0.040 0.037 0.047 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.175 0.215 0.020 0.050 0.020 --- 0.030 0.050 0.138 --- MILLIMETERS MIN MAX 5.97 6.35 6.35 6.73 2.19 2.38 0.69 0.88 0.84 1.01 0.94 1.19 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.45 5.46 0.51 1.27 0.51 --- 0.77 1.27 3.51 ---
S
1 2 3
A K F L D G
2 PL
Z U
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
CASE 369A-13 ISSUE Y
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
4
MURD320/D Rectifier Device Data


▲Up To Search▲   

 
Price & Availability of MURD320D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X