Part Number Hot Search : 
4AC14 1N4763 FN4465 MAX3232E 1A000 100MR SQM10 SM8224
Product Description
Full Text Search
 

To Download MRF3866 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF3866
NPN SILICON RF TRANSISTOR
DESCRIPTION:
The ASI MRF3866 is Designed for General Purpose Amplifier and Oscillator Applications.
PACKAGE STYLE
MAXIMUM RATINGS
IC VCE VCB VEB PDISS TJ TSTG JC 400 mA 30 V 55 V 3.5 V 1.0 W @ TC = 100 C -55 C to +150 C -55 C to +150 C 125 C/W
CHARACTERISTICS
SYMBOL
BVCEO BVCBO BVEBO ICEO hFE VCE(sat) COB ft
TC = 25 C
O
NONETEST CONDITIONS
IC = 5.0 mA IC = 100 A IE = 100 A VCB = 28 V VCE = 5.0 V VCE = 5.0 V IC = 100 mA VCB = 30 V VCE = 15 V IC = 50 mA IC = 360 mA IC = 50 mA IB = 20 mA f = 1.0 MHz f = 200 MHz
MINIMUM TYPICAL MAXIMUM
30 55 3.5 20 5.0 10 200 250 3.0 800
UNITS
V V V A --mV pF MHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF3866

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X