Part Number Hot Search : 
159699 BUP306D S80C51 10G12A SL431 FS15626 5261B 1N414
Product Description
Full Text Search
 

To Download MM1134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
System Reset (with battery back-up) MM1134
System Reset (with battery back-up)
Monolithic IC MM1134
Outline
These ICs protect S-RAM data in back-up mode (CS signal makes R-SAM CE pin low and CE pin high) when power supply voltage goes below a certain set voltage (detection voltage 3.5V, 4.2V typ.). Further, it switches from main power supply to battery back-up when power supply voltage drops. Conversely, when power supply rises, it first switches the S-RAM from battery back-up to main power supply (switching voltage 3.3V typ.), then from back-up mode to normal mode (CS signal makes S-RAM CE pin high and CE pin low). These signal processes provide reliable protection against data damage.
------------------------------------------
Features
1 Power supply switching circuit (switching between main power supply and battery) 2 CS control for S-RAM (normal mode : S-RAM can be accessed, back-up mode: S-RAM can not be accessed low current consumption mode) 3 With CS signal gate circuit
Characteristics
1. Battery back-up 1. Low IC current consumption (loss current) 2. Drop voltage inside IC (input/output voltage difference) 3. Reverse current (reverse leak current) 2. Normal operation 1. Drop voltage inside IC (input/output voltage difference) 2. Output voltage VCC=5V 3. Battery-VCC switching voltage 4. Detection voltage (CS, CS, reset output)
----------------------------
IO=100A
0.3A typ. 0.3V typ. 0.1A max. 0.2V typ. 4.8V typ. 3.3V typ.
IO=50A IO=50mA A : 3.5V typ. B : 4.2V typ.
MITSUMI
System Reset (with battery back-up) MM1134
Package
SOP-8C (MM1134 F) contains detection voltage rank.
*
Applications
1. 2. 3. 4. 5. Memory cards (S-RAM cards) PCs, word processors Fax machines, photocopiers, other office equipment Sequence controllers, other FA equipment Video games and other equipment with S-RAMs
Pin Assignment
Pin no. 1 2 3 4 5 6 7 8 Pin name GND RESET CS VBATT CS VOUT Y VCC
8
7
6
5
1
2
3
4
SOP-8C (TOP VIEW)
Block Diagram
MITSUMI
System Reset (with battery back-up) MM1134
Equivalent Circuit Diagram
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Operating voltage Allowable loss Output current Output current
(Ta=25C) Symbol TSTG TOPR VCC max. VCCOP Pd IO1 IO2 Rating -40~+125 -20~+75 -0.3~7 -0.3~7 300 80 200 Units C C V V mW mA A
Note : IO1 expresses VCC output current value, and IO2 expresses VBATT output current value.
MITSUMI
System Reset (with battery back-up) MM1134
Electrical Characteristics
Item Consumption current I/O voltage difference 1 Output voltage 1 Output voltage 2 Output voltage 3 Detection voltage Hysteresis voltage Reset output voltage L Reset leakage current H Reset operation limit voltage CS output voltage L CS output voltage H CS output voltage L CS output voltage H Symbol ICC VSAT1 VO1 VO2 VO3 VS VS VRSL IRSH VOPL VCSL VCSH VCSL VCSH
Typical model: MM1134B(Except where noted otherwise, Ta=25C, VCC=VRS=5V, RRS=10k) Measuring circuit 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2
Measurement conditions VCC=5V, VBATT=3V, IO1=0mA VCC=5V, VBATT=3V, IO1=1mA VCC=5V, VBATT=3V, IO1=1mA VCC=5V, VBATT=3V, IO1=15mA VCC=5V, VBATT=3V, IO1=50mA VCC=H L VCC=L H VCC=3.7V VCC=5V, VRS=7.0V VRSL0.4V, VCC=H L VCC=3.7V, VBATT=3V, ICS=1A VCC=5V, VBATT=3V, ICS=-1A VCC=5V, VBATT=3V, ICS=1A, VY=0V VCC=3.7V, VBATT=3V, ICS=-1A, VY=0V VCC=5V, VBATT=3V, ICS=-1A, VY=5V VCC=H L VCC=L H VCC=0V, VBATT=3V, IO2=0A VCC=0V, VBATT=3V, IO2=1A VCC=0V, VBATT=3V, IO2=1A VCC=0V, VBATT=3V, IO2=100A VCC=5V, VBATT=0V VCC=5V, VBATT=3V, VY=0V VY=L H, CL=15pF VY=H L, CL=15pF
Min. Typ. Max. Units 1.4 0.03 4.97 4.90 4.80 4.20 100 0.2 0.01 0.8 2.2 0.05 mA V V V V V mV V A V V V V V 0.05 %/C 3.30 3.45 V 100 200 mV 0.05 %/C 0.3 0.5 A 0.2 0.3 V 2.8 V 2.7 V 0.1 A 150 400 A 8 20 ns 8 20 ns 1.25 V
4.95 4.75 4.70 4.00 50
4.40 200 0.4 0.1 1.2 0.1 0.2
4.90
VO-0.1
Detection voltage temperature characteristic VS/ T Power supply switching voltage VB Hysteresis voltage VB Switching voltage temperature characteristic VB/ T Loss current IBL I/O voltage difference 2 Vsat2 Output voltage 4 VO4 Output voltage 5 VO5 Reverse current IOREV Y pin Lo level current IYLO Y pin tpLH Pin transmission delay time tpHL Reference voltage (typical) VREF Note :
3.15 50
2.7 2.6
* *
When input pulse rise and fall time is less than 6Nsec.
MITSUMI
System Reset (with battery back-up) MM1134
Measuring circuit 1
V RS A 1 8 C1 R RS
10k 0.1F
ICC A VCC
VRS V
2 MM1134 3
7 A IVLO
6 C2 V VO IO
ICS
V VCS
0.1F
A VBATT V I BATT
4
5 V V CS I CS
MITSUMI
System Reset (with battery back-up) MM1134
Measuring circuit 2
1 RRS 10k 2 MM1134 3
8 C1
0.1F
VCC
7 VY 6 C2
0.1F
4 V BATT
5 CL Oscilloscope
15pF
VCC INPUT(VY)
50% GND
VCSH OUTPUT(VCS)
0.5VCC
GND tpLH tpHL
MITSUMI
System Reset (with battery back-up) MM1134
Timing Chart
VE VS
VS VB VOPL
VCC Y
VRSL
*VY
0V 0V
RESET CS
VCSL VCSL 0V
CS VCSL VOUT
VO4,O5
VCSL 0V VO1,O2,O3 0V
= * Use Y pin input voltage at less than 5V when VCC < Vs.
Characteristics
VOUT-IOUT (VCC=5.0V)
(V) 5.000
VOUT-IOUT (VBAT=3.0V)
3.000
VOUT (V)
VOUT (V)
.0500/div
0.100/div
4.500 .0000
2.000 10.00/div -100.0 0 0.100/div 1.000
IOUT (mA)
IOUT (mA)
VCC-IBAT
40.00
VCC-ICC
5.000
IBAT (nA)
ICC (mA)
5.000/div
.5000/div
0 -10.00 0 1.000/div 10.00 .0000 .0000
1.000/div 10.00
VCC (V)
VCC (V)
MITSUMI
System Reset (with battery back-up) MM1134
Current consumption-Temperature characteristics
Current consumption (mA)
2.0
Output voltage 1, 2-Temperature characteristics
0.3
Output voltage 1, 2 (V)
0.2
IOL=50mA
1.0
0.1
IOL=10mA
0.0
-50
0
50
100
-50
0
50
100
Ambient temperature (C)
Ambient temperature (C)
Output voltage 3, 4-Temperature
Output voltage 3, 4 (V)
0.5 0.4 0.3 0.2 0.1 0 -50 0 50 IOL=100A
IOL=1A
100
Ambient temperature (C)
Reverse current-Temperature
1A
Loss current-Temperature
1A
Reverse current
Loss current
50 100
100nA
100nA
10nA
10nA
-80 -50 0
-80-50 0
50 100
Ambient temperature (C)
Ambient temperature (C)


▲Up To Search▲   

 
Price & Availability of MM1134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X