Part Number Hot Search : 
LS05A BDV65B BDV65B C3506 1N4731 B4133 74AHC SUT390J
Product Description
Full Text Search
 

To Download MC3303D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
MC3303/MC3403
Quad Operational Amplifier
Features
* * * * * * * Output voltage can swing to GND or negative supply Wide power supply range; Single supply of 3.0V to 36V Dual supply of 1.5V to 18V Electrical characteristics similar to the KA741 Class AB output stage for minimal crossover distortion Short circuit protected output.
Description
The MC3303/MC3403 series is a monolithic Quad operational amplifier consisting of four independent amplifiers. The device has high gain, internally frequency, compensated operational amplifiers designed to operate from a single power supply or dual power supplies over a wide range of voltages. The common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications.
14-DIP
1
14-SOP
1
Internal Block Diagram
Rev. 1.0.1
(c)2001 Fairchild Semiconductor Corporation
MC3303/MC3403
Schematic Diagram
Absolute Maximum Ratings
Parameter Supply Voltage Differential Input Voltage Input Voltage Output Short Circuit Duration Power Dissipation Operating Temperature MC3303 MC3403 Storage Temperature Symbol VCC VI(DIFF) VI PD TOPR TSTG Value 18 or +36 36 18 Continuous 670 -40 ~ + 85 0 ~ + 70 -65 ~ + 150 Unit V V V mW C C C
2
MC3303/MC3403
Electrical Characteristics
(VCC = +15V, VEE = -15V for MC3403, VCC = +14V, VEE = GND for MC3303, TA = 25 C, unless otherwise specified)
Parameter Symbol Conditions MC3303 Min. Typ. Max. Min. MC3403 Typ. Max. Unit
Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Input Impedance Output Voltage Swing Input Common Mode Voltage Range Common Mode Rejection Ratio Power Supply Current Output Short Circuit Current Positive Supply Rejection Ratio Negative Supply Rejection Ratio
VIO IIO IBIAS GV RI VO(P-P) RL = 2K RL = 2K VI(R) CMRR ICC ISC PSRR(+) PSRR(-) RS10K -
NOTE 1 NOTE 1 NOTE 1 VO(P-P) = 10V RL = 2K RL = 10K NOTE 1 NOTE 1 20 15 0.3 +12 +10 +10
1.5 5 30 200 1.0 +12.5 +12 -
8.0 10 75 150 200 500 7.0 45 150 -
20 15 0.3 10 10
1.5 5 30 200 1.0 13 -
10 12 50 100 200 400 7.0 45 150 150
mV nA nA V/mV M V
12 13.5
12V - 12.5VVEE VEE 70 10 90 2.8 30 30 -
13V- 13.5V VEE - VEE 70 10 90 2.3 20 30 30
V dB mA mA V/V V/V
VO(P) = 0, RL = Each amplifier -
3
MC3303/MC3403
Electrical Characteristics (Continued)
(VCC = +15V, VEE = -15V for MC3403, VCC = +14V, VEE = GND for MC3303, TA = 25 C, unless otherwise specified)
Parameter Symbol Conditions MC3303 Min. Typ. Max. Min. MC3403 Typ. Max. Unit
Average Temperature Coefficient of Input Offset Current (Note2) Input Offset Voltage Drift (Note2) Power Bandwidth (Note2) Small Signal Bandwidth (Note2) Slew Rate (Note2) Rise Time (Note2) Fall Time (Note2) Over Shoot (Note2) Phase Margin (Note2) Crossover Distortion (Note2)
IIO/T VIO/T GBW BW SR TR TF OS MPH CD GV=1,RL=2K, VO(P.P)=20VP-P, THD=5% GV=1,RL=10K, VO(P-P)=50mV GV=1,VI= -10V to +10V GV=1,RL=10K, VO(P-P)=50mV GV=1,RL=10K, VO(P-P)=50mV GV=1,RL=10K, VO(P-P)=50mV GV=1,RL=2K, CL =200pF VI =30mVP-P, VO(P-P)=2.0VP-P, f =10KHz 50 10 9.0 1.0 0.4 0.35 0.35 20 60 1.0 50 10 9.0 1.0 0.4 0.35 0.35 20 60 1.0 pA/ C V/ C KHz MHz V/s s s % Degree %
Note: 1. MC3403: 0 C TA +70 C , MC3303: -40 C TA +85 C 2. Guaranteed by design.
4
MC3303/MC3403
Electrical Characteristics
(VCC = 5.0V, VEE = GND, TA=25 C unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Large Signal Open Loop Voltage Gain Power Supply Rejection Ratio Output Voltage Range Supply Current Channel Separation Symbol VIO IIO IBIAS GV PSRR RL = 2.0K RL = 10K, VCC = 5.0V VO(P-P) ICC CS RL =10K, 5.0V VCC 30V f = 1KHz to 20KHz Conditions MC3303 10 3.3 200 3.5 10 75 500 150 7.0 10 3.3 MC3403 2.0 30 200 200 3.5 10 50 500 Unit mV nA nA V/mV
Min. Typ. Max. Min. Typ. Max.
150 V/V 7.0 V mA dB
VCC VCC-2.0 1.7 2.5 120
VCC VCC -2.0 -1.7 2.5 120
5
MC3303/MC3403
Typical Performance Characteristics
Figure 1. Open Loop Frequency Response
Figure 2. Wave Response
Figure 3. Output Swing
Figure 4. Output Voltage vs Frequency
Figure 5. Input Bias Current vs Temperature
Figure 6. Input Bias Current vs Supply Voltage
6
MC3303/MC3403
Mechanical Dimensions
Package Dimensions in millimeters
14-DIP
6.40 0.20 0.252 0.008 ( #1 #14 2.08 ) 0.082
19.80 MAX 0.780
19.40 0.20 0.764 0.008
#7
#8
7.62 0.300
3.25 0.20 0.128 0.008
0.20 0.008 MIN
5.08 MAX 0.200
3.30 0.30 0.130 0.012
0.25 -0.05
+0.10
0~15
0.010 -0.002
+0.004
2.54 0.100
0.46 0.10 0.018 0.004
1.50 0.10 0.059 0.004
7
MC3303/MC3403
Mechanical Dimensions (Continued)
Package Dimensions in millimeters
14-SOP
MIN 1.55 0.10 0.061 0.004 0.05 0.002
0.47 ) 0.019 MAX0.10 MAX0.004 1.27 0.050 +0.10 0.406 -0.05 +0.004 0.016 -0.002 (
#1
#14
8.70 MAX 0.343
#7 6.00 0.30 0.236 0.012
#8
1.80 MAX 0.071
+0.10 0.20 -0.05 +0.004 0.008 -0.002
3.95 0.20 0.156 0.008
0.60 0.20 0.024 0.008
5.72 0.225
8
0~
8
8.56 0.20 0.337 0.008
MC3303/MC3403
Ordering Information
Product Number MC3403P MC3403D MC3303P MC3303D Package 14-DIP 14-SOP 14-DIP 14-SOP Operating Temperature 0 ~ + 70C -40 ~ + 85C
9
MC3303/MC3403
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/1/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of MC3303D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X